전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

N484-12LC 데이터시트(Datasheet) 2 Page - Tripp Lite. All Rights Reserved

부품명 N484-12LC
상세내용  10GbE Pass-Through Cassette - (x12) LC Duplex
PDF  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  TRIPPLITE [Tripp Lite. All Rights Reserved]
홈페이지  http://www.tripplite.com/
Logo 

   
 1 page
background image
Guaranteed compatibility when used with recommended Tripp Lite cabling. Compatible with both
singlemode and multimode fiber cables. Designed specifically for use with Tripp Lite cables, such as the
N820- and N821-Series cables.
10GbE Pass-Through Cassette - (x12) LC Duplex
MODEL NUMBER: N484-12LC
Description
Tripp Lite's N484-12LC is a High Density 10Gb Pass-through Cassette with (x12) LC Duplex connections.
Designed specifically for use with Tripp Lite's N484-00U and N484-01U chassis'; up to 4 cassettes per
N484-01U, or 1 per N484-00U. Each duplex LC connection is rated for 10GbE, with an extremely low max
insertion loss of 0.35db, well under the IEEE 802.3ae maximum channel loss spec of <25db. Guaranteed
compatibility when used with recommended Tripp Lite cabling. Compatible with both singlemode and
multimode fiber cables. Designed specifically for use with Tripp Lite cables, such as the N820- and N821-
Series cables. Installation is simple, with the cassette being easily installed or removed using screw tabs
to lock or unlock it from the panel; no tools required. Furthermore, each cassette features factory
terminated connectors that reduce the time and labor required of field connector terminations. Cassette
housing is manufactured with heavy duty, 1.0mm Cold Rolled Steel.
Features
High Density Fiber Cassette for use with the N484-00U and N484-01U chassis'
q
10GbE Pass-Through Cassette, with (x12) LC Duplex connections
q
Complies with IEEE 802.3ae (10GbE) and ANSI T11.2 (Fibre Channel) requirements
q
Max insertion loss of 0.35dB falls well under the IEEE 802.3ae maximum channel loss spec of <25dB
q
Guaranteed compatibility when used with recommended Tripp Lite cabling
q
Compatible with both singlemode and multimode fiber cables.
q
Designed specifically for use with Tripp Lite cables, such as the N820- and N821-Series cables
q
Installation is simple, with the cassette being easily installed or removed using screw tabs to lock or
unlock it from the panel; no tools required
q
Each cassette features factory terminated connectors that reduce the time and labor required of field
q
Highlights
High Density Fiber Cassette for
use with the N484-00U and
N484-01U chassis'
q
10GbE Pass-Through Cassette,
with (x12) LC Duplex
connections
q
Guaranteed compatibility when
used with recommended Tripp
Lite cabling
q
Compatible with both
singlemode and multimode fiber
cables.
q
Designed specifically for use
with Tripp Lite cables, such as
the N820- and N821-Series
cables
q
Complies with IEEE 802.3ae
(10GbE) and ANSI T11.2 (Fibre
Channel) requirements
q
System Requirements
Guaranteed compatibility when
used with recommended Tripp
Lite cabling
q
Compatible with both
singlemode and multimode fiber
cables
q
Designed specifically for use
with Tripp Lite cables, such as
the N820- and N821-Series
cables
q
Package Includes
N484-12LC 10Gb Pass-Through
Cassette - (x12) LC Duplex
q
Quick Start Guide
q
1 / 3
 2 page
background image
Specifications
© 2019 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
connector terminations.
Housing made of heavy duty, 1.0mm Cold Rolled Steel
q
Includes dust caps for unused ports
q
OVERVIEW
UPC Code
037332187260
PHYSICAL
Shipping Dimensions (hwd / in.)
2.36 x 5.12 x 1.46
Shipping Dimensions (hwd / cm)
5.99 x 13.00 x 3.71
Shipping Weight (lbs.)
0.55
Shipping Weight (kg)
0.25
Unit Dimensions (hwd / in.)
1.4 x 4.4 x 0.9
Unit Weight (lbs.)
0.3
Unit Weight (kg)
0.14
Color
Black
ENVIRONMENTAL
Operating Temperature Range
-4 to 122 F (-20 to 50 C)
CONNECTIONS
Ports
12
Side A - Connector 1
LC DUPLEX (FEMALE)
Side B - Connector 1
LC DUPLEX (FEMALE)
FEATURES & SPECIFICATIONS
Technology
Multimode
CERTIFICATIONS
Approvals
RoHS, REACH
WARRANTY
Product Warranty Period
(Worldwide)
Lifetime limited warranty
2 / 3
 3 page
background image
Tripp Lite uses primary and third-party agencies to test its products for compliance with standards. See a list of Tripp Lite's testing agencies:
https://www.tripplite.com/products/product-certification-agencies
3 / 3




Html 페이지

1  2  3 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl