전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

N484-12M24 데이터시트(Datasheet) 1 Page - Tripp Lite. All Rights Reserved

부품명 N484-12M24
상세내용  100Gb/120Gb Pass-Through Cassette - (x12) 24-Fiber MTP/MPO ( Female )
PDF  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  TRIPPLITE [Tripp Lite. All Rights Reserved]
홈페이지  http://www.tripplite.com/
Logo 

   
 1 page
background image
Specifications
Guaranteed compatibility when used with recommended Tripp Lite cabling. Designed specifically for use
with Tripp Lite cables, such as the N846-Series cables.
100Gb/120Gb Pass-Through Cassette - (x12) 24-
Fiber MTP/MPO ( Female )
MODEL NUMBER: N484-12M24
Description
Tripp Lite's N484-12M24 is a High Density 100/120Gb Pass-through Cassette, with (x12) 24-Fiber
MTP/MPO connections. Designed specifically for use with Tripp Lite's N484-00U and N484-01U chassis';
up to 4 cassettes per N484-01U, or 1 per N484-00U. Guaranteed compatibility when used with
recommended Tripp Lite cabling. Designed specifically for use with Tripp Lite cables, such as the N846-
Series cables. Installation is simple, with the cassette being easily installed or removed using screw tabs
to lock or unlock it from the panel; no tools required. Furthermore, each cassette features factory
terminated connectors that reduce the time and labor required of field connector terminations. Cassette
housing made with heavy duty, 1.0mm Cold Rolled Steel.
Features
High Density Fiber Cassette for use with Tripp Lite's N484-00U and N484-01U chassis'
q
100/120Gb Pass-through Cassette, with (x12) 24-Fiber MTP/MPO connections
q
Guaranteed compatibility when used with recommended Tripp Lite cabling
q
Designed specifically for use with Tripp Lite cables, such as the N846-Series cables
q
Installation is simple, with the cassette being easily installed or removed using screw tabs to lock or
unlock it from the panel; no tools required
q
Factory terminated connectors reduce the time and labor required of field connector terminations
q
Housing made of heavy duty, 1.0mm Cold Rolled Steel
q
Includes dust caps for unused ports
q
Highlights
High Density Fiber Cassette for
use with Tripp Lite's N484-00U
and N484-01U chassis'
q
100/120Gb Pass-through
Cassette, with (x12) 24-Fiber
MTP/MPO connections
q
Guaranteed compatibility when
used with recommended Tripp
Lite cabling
q
Designed specifically for use
with Tripp Lite cables, such as
the N846-Series cables
q
Factory terminated connectors
reduce the time and labor
required of field connector
terminations
q
System Requirements
Guaranteed compatibility when
used with recommended Tripp
Lite cabling
q
Designed specifically for use
with Tripp Lite cables, such as
the N846-Series cables
q
Package Includes
N484-12M24 100/120GbE
Pass-Through Cassette - (x12)
24-Fiber MTP/MPO ( Female )
q
Quick Start Guide
q
1 / 2
 2 page
background image
© 2019 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
Tripp Lite uses primary and third-party agencies to test its products for compliance with standards. See a list of Tripp Lite's testing agencies:
https://www.tripplite.com/products/product-certification-agencies
OVERVIEW
UPC Code
037332187208
PHYSICAL
Shipping Dimensions (hwd / in.)
2.36 x 5.12 x 1.46
Shipping Dimensions (hwd / cm)
5.99 x 13.00 x 3.71
Shipping Weight (lbs.)
0.49
Shipping Weight (kg)
0.22
Unit Dimensions (hwd / in.)
1.4 x 4.4 x 0.8
Unit Weight (lbs.)
0.3
Unit Weight (kg)
0.14
Color
Black
ENVIRONMENTAL
Operating Temperature Range
-4 to 122 F (-20 to 50 C)
CONNECTIONS
Ports
12
Side A - Connector 1
24-STRAND MTP (FEMALE)
Side B - Connector 1
24-STRAND MTP (FEMALE)
FEATURES & SPECIFICATIONS
Technology
MTP/MPO
CERTIFICATIONS
Approvals
RoHS, REACH
WARRANTY
Product Warranty Period
(Worldwide)
Lifetime limited warranty
2 / 2




Html 페이지

1  2 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl