전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

N484-12SFP-K 데이터시트(Datasheet) 1 Page - Tripp Lite. All Rights Reserved

부품명 N484-12SFP-K
상세내용  12-Port SFP 10GbE Pass-through Cassette with six QSFP to 4xSFP Breakout Cables
PDF  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  TRIPPLITE [Tripp Lite. All Rights Reserved]
홈페이지  http://www.tripplite.com/
Logo 

   
 1 page
background image
12-Port SFP+ 10GbE Pass-through Cassette with
six QSFP+ to 4xSFP+ Breakout Cables
MODEL NUMBER: N484-12SFP-K
All-in-one solution (Cassette + Breakout cables) allows you to create distributed redundancy between your
40GbE equipment, without the need for transceivers, fiber optic cabling, and fiber breakout / shuffling
equipment
Description
Tripp Lite's N484-12SFP-K is a High Density SFP+ 10GbE Pass-through cassette, which includes six
2.5M QSFP+ to 4xSFP+ breakout cables, and is used with Tripp Lite's N484-01U chassis. Designed for
use in data centers with networking switches in adjacent racks, it is an innovative, all-in-one solution that
allows you to create distributed redundancy between your 40GbE equipment, without the need for
transceivers, fiber optic cabling, and fiber breakout / shuffling equipment. Not only does this result in a
cleaner installation than existing methods for creating distributed redundancy, it results in lower power
consumption, less heat, reduced latency, and is more cost efficient. Simply connect the QSFP+
connectors on three of the included breakout cables to QSFP+ ports on your primary core switches, and
the SFP+ connectors to the ports on the cassette. The QSFP+ connectors on the remaining breakout
cables then connect to secondary switches on the other side, with the SFP+ connectors being distributed
amongst the cassette's ports so that the secondary switches are getting their network connectivity from
multiple upstream core switches / ports, instead of relying on one switch / port to provide all of the
connectivity. You can further expand the redundancy in your installation by adding up to 4 cassettes to a
single N484-01U chassis. Cassette housing made with heavy duty, 1.0mm Cold Rolled Steel.
Features
High Density Copper Cassette for use with Tripp Lite's N484-01U chassis
q
10GbE Pass-through Cassette, with (x12) SFP+ connections
q
All-in-one solution comes with six 2.5M QSFP+ to 4xSFP+ Breakout Cables for creating distributed
redundancy between your 40GbE equipment
q
Utilizes copper DAC breakout cables in conjunction with the pass-through cassette for a cost-efficient
q
Highlights
High Density Copper Cassette
for use with Tripp Lite's N484-
01U chassis
q
10GbE Pass-through Cassette,
with (x12) SFP+ connections
q
All-in-one solution comes with
six 2.5M QSFP+ to 4xSFP+
Breakout Cables for creating
distributed redundancy between
your 40GbE equipment
q
Utilizes copper DAC breakout
cables in conjunction with the
pass-through cassette for a
cost-efficient networking solution
that results in lower power
consumption, less heat, and
reduced latency
q
Package Includes
N484-12SFP-K 12-Port SFP+
10GbE Pass-Through Cassette
with six QSFP+ to 4xSFP+
Breakout Cables
q
Quick Start Guide
q
1 / 3
 2 page
background image
Specifications
networking solution that results in lower power consumption, less heat, and reduced latency
Included breakout cables feature MSA SFF-8436 compliant QSFP+ connectors, and MSA SFF-8431
compliant SFP+ connectors
q
Installation is simple, with the cassette being easily installed or removed using screw tabs to lock or
unlock it from the panel; no tools required
q
Factory terminated connectors reduce the time and labor required of field connector terminations
q
Housing made of heavy duty, 1.0mm Cold Rolled Steel
q
OVERVIEW
UPC Code
037332187246
PHYSICAL
Shipping Dimensions (hwd / in.)
14.57 x 18.50 x 7.10
Shipping Dimensions (hwd / cm)
37.01 x 46.99 x 18.03
Shipping Weight (lbs.)
13.70
Shipping Weight (kg)
6.21
Unit Dimensions (hwd / in.)
1.4 x 4.4 x 3.8
Unit Weight (lbs.)
1
Unit Weight (kg)
0.45
Color
Black
ENVIRONMENTAL
Operating Temperature Range
-4 to 122 F (-20 to 50 C)
CONNECTIONS
Ports
12
Side A - Connector 1
SFP+ (FEMALE)
Side B - Connector 1
SFP+ (FEMALE)
FEATURES & SPECIFICATIONS
Technology
SFP+/QSPP+/QSFP28
CERTIFICATIONS
Approvals
RoHS, REACH
WARRANTY
2 / 3
 3 page
background image
© 2019 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
Tripp Lite uses primary and third-party agencies to test its products for compliance with standards. See a list of Tripp Lite's testing agencies:
https://www.tripplite.com/products/product-certification-agencies
Product Warranty Period
(Worldwide)
Lifetime limited warranty
3 / 3




Html 페이지

1  2  3 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl