전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

N492-08S-ST 데이터시트(Datasheet) 1 Page - Tripp Lite. All Rights Reserved

부품명 N492-08S-ST
상세내용  High-Density Fiber Adapter Panel (MMF/SMF), 8 ST Simplex Connectors, Black
PDF  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  TRIPPLITE [Tripp Lite. All Rights Reserved]
홈페이지  http://www.tripplite.com/
Logo 

   
 1 page
background image
Specifications
High-Density Fiber Adapter Panel (MMF/SMF), 8
ST Simplex Connectors, Black
MODEL NUMBER: N492-08S-ST
Toolless pass-through fiber panel snaps easily into Tripp Lite wall-mount fiber enclosures to complete
singlemode or multimode fiber connections.
Description
The N492-08S-ST High-Density Fiber Adapter Panel (MMF/SMF) is designed specifically for use with
Tripp Lite’s N492-WM2-BK or N492-WM4-BK Wall-Mount Fiber Enclosures. The pass-through panel
features eight ST simplex connectors that work with both multimode and singlemode applications. It’s
easy to install—just snap the panel into the enclosure with no tools required. It’s made from heavy-duty
1.2 mm cold-rolled steel that will last a lifetime. Dust caps are included to protect unused connectors from
debris or damage.
Features
High-Density Fiber Adapter Panel for Pass-Through Applications
Recommended for multimode or singlemode fiber connections
q
Simple snap-in installation with no tools required
q
8 ST simplex connectors
q
Heavy-duty 1.2 mm cold-rolled steel construction
q
Dust caps protect unused connectors from debris and damage
q
Compatible with Tripp Lite N492-WM2-BK or N492-WM4-BK Wall-Mount Fiber Enclosures
q
Highlights
Simple installation with no tools
required
q
Made from heavy-duty 1.2 mm
cold-rolled steel
q
Includes dust caps to protect
unused connectors
q
Works with multimode and
singlemode fiber
q
Features 8 ST simplex
connectors
q
System Requirements
Tripp Lite N492-WM2-BK or
N492-WM4-BK wall-mount fiber
enclosure
q
Package Includes
N492-08S-ST High-Density
Fiber Adapter Panel
(MMF/SMF)
q
Quick Start Guide
q
OVERVIEW
UPC Code
037332202963
1 / 2
 2 page
background image
© 2019 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
Tripp Lite uses primary and third-party agencies to test its products for compliance with standards. See a list of Tripp Lite's testing agencies:
https://www.tripplite.com/products/product-certification-agencies
PHYSICAL
Shipping Dimensions (hwd / in.)
1.40 x 5.50 x 2.10
Shipping Dimensions (hwd / cm)
3.56 x 13.97 x 5.33
Shipping Weight (lbs.)
0.50
Shipping Weight (kg)
0.23
Unit Dimensions (hwd / in.)
1.2 x 5.1 x 1.2
Color
Black
ENVIRONMENTAL
Operating Temperature Range
-40 to 140 F (-40 to 60 C)
CONNECTIONS
Ports
8
Side A - Connector 1
ST (FEMALE)
Side B - Connector 1
ST (FEMALE)
FEATURES & SPECIFICATIONS
Technology
Multimode; Singlemode
CERTIFICATIONS
Approvals
RoHS, REACH
WARRANTY
Product Warranty Period
(Worldwide)
Lifetime limited warranty
2 / 2




Html 페이지

1  2 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl