전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

N492-WM4-BK 데이터시트(Datasheet) 1 Page - Tripp Lite. All Rights Reserved

부품명 N492-WM4-BK
상세내용  Wall-Mount Fiber Optic Distribution Enclosure, 4-Panel Capacity
PDF  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  TRIPPLITE [Tripp Lite. All Rights Reserved]
홈페이지  http://www.tripplite.com/
Logo 

   
 1 page
background image
Specifications
Wall-Mount Fiber Optic Distribution Enclosure, 4-
Panel Capacity
MODEL NUMBER: N492-WM4-BK
Convenient, secure and fully sealed wall-mount fiber optic enclosure for managing and protecting your
fiber terminations. Compatible with Tripp Lite high-density fiber adapter panels.
Description
The N492-WM4-BK Wall-Mount Fiber Optic Distribution Enclosure manages and protects your fiber
terminations where space is at a premium. It locks using the included key to keep your connections safe
from tampering. The doors open wide to reveal plenty of room for splicing and patching your fiber cabling.
It supports up to four fiber adapter panels, such as Tripp Lite’s high-density LC (N492-08D-LC), SC
(N492-06D-SC) and ST (N492-08S-ST) panels. Cable manager rings, cable ties and a labeling sticker
help you keep your cables neatly organized inside the fully sealed enclosure. Made from heavy-duty cold-
rolled steel, the N492-WM4-BK mounts on any solid surface.
Features
Fully Sealed Enclosure Manages and Protects Your Fiber Terminations
Patch and splice cabling in a single enclosure
q
Mounts securely on any solid surface
q
Locks with included key to protect connections against tampering
q
Heavy-duty cold-rolled steel construction
q
Cable manager rings, cable ties and label included for organized cable management
q
Supports up to 4 Tripp Lite fiber adapter panels, including N492-08D-LC, N492-06D-SC and N492-08S-
ST
q
Highlights
Mounts securely on any solid
surface
q
Locks with included key to
protect connections against
tampering
q
Made from heavy-duty cold-
rolled steel
q
Includes rings, ties and label for
organized cable management
q
Supports up to 4 Tripp Lite fiber
adapter panels
q
Package Includes
N492-WM4-BK Wall-Mount
Fiber Optic Distribution
Enclosure, 4-Panel Capacity
q
(4) Cable manager rings
q
(5) Cable ties
q
Cable lock post
q
Label
q
(2) Keys
q
Quick Start Guide
q
OVERVIEW
1 / 2
 2 page
background image
© 2019 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
Tripp Lite uses primary and third-party agencies to test its products for compliance with standards. See a list of Tripp Lite's testing agencies:
https://www.tripplite.com/products/product-certification-agencies
UPC Code
037332202925
PHYSICAL
Shipping Dimensions (hwd / in.)
6.70 x 18.70 x 14.50
Shipping Dimensions (hwd / cm)
17.02 x 47.50 x 36.83
Shipping Weight (lbs.)
12.80
Shipping Weight (kg)
5.81
Unit Dimensions (hwd / in.)
11.4 x 14.3 x 4.2
Unit Dimensions (hwd / cm)
29 x 36.3 x 10.7
Color
Black
ENVIRONMENTAL
Operating Temperature
-40 to 60 C (-40 to 140 F)
FEATURES & SPECIFICATIONS
Technology
Multimode; Singlemode
WARRANTY
Product Warranty Period
(Worldwide)
Lifetime limited warranty
2 / 2




Html 페이지

1  2 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl