전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

P004-006-AWH 데이터시트(Datasheet) 1 Page - Tripp Lite. All Rights Reserved

부품명 P004-006-AWH
상세내용  C14 Male to C13 Female Power Cable, C13 to C14 PDU Style - 10A, 250V, 18 AWG, 6 ft., White
PDF  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  TRIPPLITE [Tripp Lite. All Rights Reserved]
홈페이지  http://www.tripplite.com/
Logo 

   
 1 page
background image
Specifications
C14 Male to C13 Female Power Cable, C13 to C14
PDU Style - 10A, 250V, 18 AWG, 6 ft., White
MODEL NUMBER: P004-006-AWH
Computer power extension cord connects 2 devices with C13/C14 power connectors or extends your
existing power connection by 6 ft.
Features
C14-to-C13 Power Cable Connects Computers, Printers, Servers and Other Equipment
This IEC-320-C14 to IEC-320-C13 cable is designed for small data center, office workstation and other
lower-amp applications. This C14 male to C13 female cord can be used to power a computer, server or
monitor; attach a server or drive to a UPS system or PDU; or extend an existing connection up to six feet.
The six-foot length allows you flexibility in placing equipment with respect to the power outlet.
Color-Coded to Avoid Misidentification That Can Cause Costly Downtime
This computer power extension cord features a white SJT jacket and fully molded white ends. The color-
coding allows easy, fast identification in a crowded rack or workstation and helps prevent the cable from
becoming inadvertently disconnected.
Highlights
Recommended for powering
computers, printers and other
essential peripherals
q
Adds 6 ft. to your existing
connection to provide more
flexibility in placing devices
q
C13-to-C14 PDU-style
extension cord is ideal
replacement for worn-out or
missing cable
q
Color-coded white for fast, easy
identification in a crowded rack
or workstation
q
Applications
Connect devices like computers,
servers and monitors to a PDU
up to 6 ft. away in your data
center
q
Extend an existing power
connection up to 6 ft. to more
easily place a device or reach a
power source away from your
workstation
q
Provide a high-quality
replacement for a worn-out or
missing power cord
q
Package Includes
P004-006-AWH C14 Male to
C13 Female Power Cable, 6 ft.,
White
q
OVERVIEW
UPC Code
037332198921
1 / 3
 2 page
background image
Country/Region
North America
INPUT
Maximum Input Amps
10
Cable Length (ft.)
6
Cable Length (m)
1.8
Cable Length (in.)
72
Voltage Compatibility (VAC)
250
Cable Length (cm)
182.88
PHYSICAL
Power Cord Jacket Type
SJT
Wire Gauge (AWG)
18
Wire Gauge (OD - mm²)
0.82
Shipping Dimensions (hwd / in.)
9.90 x 7.00 x 0.50
Shipping Dimensions (hwd / cm)
25.15 x 17.78 x 1.27
Shipping Weight (lbs.)
0.51
Shipping Weight (kg)
0.23
Color
White
Number of Conductors
3
ENVIRONMENTAL
Operating Temperature Range
-4 F TO 140 F (-20 C TO 60 C)
Storage Temperature Range
-4 F TO 140 F (-20 C TO 60 C)
Operating Humidity Range
10-85% RH
Storage Humidity Range
10-85% RH
CONNECTIONS
Side A - Connector 1
IEC-320-C14
Side B - Connector 1
IEC-320-C13
SPECIAL FEATURES
High Voltage
Yes
Heavy-Duty
No
Locking Plug
No
WARRANTY
2 / 3
 3 page
background image
© 2019 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
Tripp Lite uses primary and third-party agencies to test its products for compliance with standards. See a list of Tripp Lite's testing agencies:
https://www.tripplite.com/products/product-certification-agencies
Product Warranty Period
(Worldwide)
Lifetime limited warranty
3 / 3




Html 페이지

1  2  3 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl