전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

P004-008 데이터시트(Datasheet) 1 Page - Tripp Lite. All Rights Reserved

부품명 P004-008
상세내용  C14 Male to C13 Female Power Cable, C13 to C14 PDU Style - 10A, 100–250V, 18 AWG, 8 ft., Black
PDF  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  TRIPPLITE [Tripp Lite. All Rights Reserved]
홈페이지  http://www.tripplite.com/
Logo 

   
 1 page
background image
Specifications
C14 Male to C13 Female Power Cable, C13 to C14
PDU Style - 10A, 100–250V, 18 AWG, 8 ft., Black
MODEL NUMBER: P004-008
Computer power extension cord connects 2 devices with C13/C14 power connectors or extends your
existing power connection by 8 ft.
Features
C14-to-C13 Power Cable Connects Computers, Printers, Servers and Other Equipment
This IEC-320-C14 to IEC-320-C13 cable is designed for small data center, office workstation and other
lower-amp applications. This C14 male to C13 female cord can be used to power a computer, server or
monitor; attach a server or drive to a UPS system or PDU; or extend an existing connection up to eight
feet. The eight-foot length allows you flexibility in placing equipment with respect to the power outlet.
Highlights
Recommended for powering
computers, printers and other
essential peripherals
q
Adds 8 ft. to your existing power
connection to provide flexibility
in placing devices
q
C13-to-C14 PDU-style
extension cord is ideal
replacement for worn-out or
missing cable
q
Applications
Connect devices like computers,
servers and monitors to a PDU
up to 8 ft. away in your data
center
q
Extend an existing power
connection up to 8 ft. to more
easily place a device or reach a
power source away from your
workstation
q
Provide a high-quality
replacement for a worn-out or
missing power cord
q
Package Includes
P004-008 C14 Male to C13
Female Power Cable, 8 ft.,
Black
q
OVERVIEW
UPC Code
037332180476
Country/Region
North America
INPUT
1 / 2
 2 page
background image
© 2019 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
Tripp Lite uses primary and third-party agencies to test its products for compliance with standards. See a list of Tripp Lite's testing agencies:
https://www.tripplite.com/products/product-certification-agencies
Maximum Input Amps
10
Cable Length (ft.)
8
Cable Length (m)
2.4
Voltage Compatibility (VAC)
100-250
PHYSICAL
Power Cord Jacket Type
SJT
Wire Gauge (AWG)
18
Wire Gauge (OD - mm²)
0.82
Shipping Dimensions (hwd / in.)
10.00 x 7.10 x 0.10
Shipping Dimensions (hwd / cm)
25.40 x 18.03 x 0.25
Shipping Weight (lbs.)
0.57
Shipping Weight (kg)
0.26
Color
Black
Number of Conductors
3
CONNECTIONS
Side A - Connector 1
IEC-320-C14
Side B - Connector 1
IEC-320-C13
SPECIAL FEATURES
High Voltage
Yes
Heavy-Duty
No
Locking Plug
No
WARRANTY
Product Warranty Period
(Worldwide)
Lifetime limited warranty
2 / 2




Html 페이지

1  2 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl