전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

P004-18N-4XC13 데이터시트(Datasheet) 1 Page - Tripp Lite. All Rights Reserved

부품명 P004-18N-4XC13
상세내용  C14 Male to C13 Female Splitter, PDU Style - C14 to 4x C13, 10A, 100–250V, 18 AWG, 18 in., Black
PDF  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  TRIPPLITE [Tripp Lite. All Rights Reserved]
홈페이지  http://www.tripplite.com/
Logo 

   
 1 page
background image
Specifications
C14 Male to C13 Female Splitter, PDU Style - C14
to 4x C13, 10A, 100–250V, 18 AWG, 18 in., Black
MODEL NUMBER: P004-18N-4XC13
C14-to-C13 splitter allows 4 devices with C14 inlets to share one AC power input cord and one C13 outlet
on a PDU or UPS system.
Features
C14-to-C13 X-Style Splitter Cord Connects 4 Devices with C14 Inlets to One C13 Outlet
This IEC-320-C14 to IEC-320-C13 splitter allows four devices with C14 power inlets to share one AC input
cord and one C13 outlet. This C14 male to C13 female cord features a C14 end for connecting to an AC
power source on a PDU, surge protector or UPS system and four C13 ends for connecting to devices. By
connecting four devices to one outlet, the power cord splitter frees up space in a PDU or surge protector
and helps reduce cable clutter.
IEC Cable Powers a Wide Variety of Essential Electronics
With this PC power splitter, a single C13 outlet can power four devices, such as computers, monitors,
printers, instrument amplifiers and other equipment compatible with a C13 connector. Ideal for areas
where AC outlets are limited, such as rack cabinets, this IEC cable is compatible with Tripp Lite power and
extension cords.
Highlights
Connects 4 devices to one AC
outlet to save space and reduce
cable clutter
q
Recommended for powering
multiple computers, monitors or
other compatible peripherals
q
C14 end connects to PDU or
UPS power; C13 ends connect
to devices’ C14 inlets
q
C13-to-C14 PDU-style
extension cord is ideal
replacement for worn-out or
missing cable
q
Applications
Connect 4 devices like
computers, monitors, scanners
and printers to one power outlet
in your home office, work space
or dorm room
q
Cut cable clutter by powering up
to 4 monitors in a multi-monitor
display mount with a single cord
q
Save space in a 0U vertical
rack-mount PDU by plugging 4
rack devices into one outlet
q
Package Includes
P004-18N-4XC13 C14 Male to
C13 Female Splitter, PDU Style,
18 in., Black
q
OVERVIEW
UPC Code
037332205261
Country/Region
North America
1 / 3
 2 page
background image
© 2019 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
Tripp Lite uses primary and third-party agencies to test its products for compliance with standards. See a list of Tripp Lite's testing agencies:
INPUT
Maximum Input Amps
10
Cable Length (ft.)
1.5
Cable Length (m)
0.46
Voltage Compatibility (VAC)
100-250
PHYSICAL
Power Cord Jacket Type
SJT
Wire Gauge (AWG)
18
Wire Gauge (OD - mm²)
0.82
Shipping Dimensions (hwd / in.)
12.80 x 8.90 x 0.50
Shipping Dimensions (hwd / cm)
32.51 x 22.61 x 1.27
Shipping Weight (lbs.)
0.53
Shipping Weight (kg)
0.24
Color
Black
Cable Jacket Rating
VW-1
Cable Jacket Type
PVC; SJT
Number of Conductors
3
CONNECTIONS
Side A - Connector 1
(1) IEC-320-C14
Side B - Connector 1
(4) IEC-320-C13
SPECIAL FEATURES
High Voltage
Yes
Heavy-Duty
No
Locking Plug
No
CERTIFICATIONS
Certifications
UL LISTED
WARRANTY
Product Warranty Period
(Worldwide)
Lifetime limited warranty
2 / 3
 3 page
background image
https://www.tripplite.com/products/product-certification-agencies
3 / 3




Html 페이지

1  2  3 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl