전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

D1600C_17 데이터시트(Datasheet) 1 Page - Nell Semiconductor Co., Ltd

부품명 D1600C_17
상세내용  Standard Recovery Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  NELLSEMI [Nell Semiconductor Co., Ltd]
홈페이지  http://www.nellsemi.com
Logo 

   
 1 page
background image
FEATURES
High voltage ratings up to 2000 V
High surge current capabilities
Diffused junction
TYPICAL APPLICATIONS
RoHS
RoHS
Standard Recovery Diodes
Nell High Power Products
Hockey PUK version
D1600C Series
(Hockey PUK Version), 1600A
Converters
Power supplies
Machine tool controls
PRODUCT SUMMARY
IF(AV)
1600A
MAJOR RATINGS AND CHARACTERISTICS
PARAMETER
UNIT
V
VRRM
IFSM
IF(RMS)
2
I t
2
kA s
A
ºC
TEST CONDITIONS
Ths
A
25
400 to 3000
16600
17400
50 HZ
60 HZ
50 HZ
60 HZ
Typical
ELECTRICAL SPECIFICATIONS
VOLTAGE RATINGS
VOLTAGE
TYPE
NUMBER
CODE
V
, MAXIMUM REPETITIVE
RRM
PEAK REVERSE VOLTAGE
V
V
, MAXIMUM NON-REPETITIVE
RSM
PEAK REVERSE VOLTAGE
V
l
,
MAXIMUM
RRM
AT T = T
MAXIMUM
J
J
mA
08
12
16
18
20
800
1200
1600
1800
2000
900
1300
1700
1900
2100
50
Wide current range
1600
3010
1256
1378
DO-200AB(B-PUK)
VALUES
55
Page 1 of 5
www.nellsemi.com
ºC
IF(AV)
TJ
-40 to 175
A
ºC
Ths
D1600C
Case style DO-200AB(B-PUK), Nell’s C-type Capsule
Lead (Pb)-free
High power drives
Medium traction applications
(Nell’s C-type Capsule)
 2 page
background image
FORWARD CONDUCTION
PARAMETER
SYMBOL
UNIT
TEST CONDITIONS
VALUES
Maximum average forward current
at heatsink temperature
IF(AV)
180° conduction, half sine wave
Double side (single side) cooled
A
55 (85)
ºC
Maximum peak, one cycle
non-reptitive surge current
IFSM
t = 10ms
t = 8.3ms
t = 10ms
t
= 8.3ms
t = 10ms
t = 8.3ms
t = 10ms
t = 8.3ms
3010
16600
17400
14000
14700
1378
1256
980
2
kA s
A
897
t = 0.1 to 10 ms, no voltage reapplied
Maximum l²t for fusing
13778
V
0.83
1600(820)
VFM
l
= 3000A,T =T maximum
pk
J
J
,
0.27
V
VF(TO)1
rt1
2
I √t
2
kA s
Maximum l²√t for fusing
No voltage
reapplied
100%VRRM
reapplied
No voltage
reapplied
100%VRRM
reapplied
Sinusoidal half wave,
initial T = T maximum
J
J
IF(RMS)
VF(TO)2
rt2
Maximum forward voltage drop
High level value of forward slope resistance
Low level value of forward slope resistance
High level value of threshold voltage
Low level value of threshold voltage
Maximum RMS forward current
25°C heatsink temperature double side cooled
(16.7% x π x l
< I < π x l
),T =T maximum
F(AV)
F(AV)
J
J
(I > π x l
),T =T maximum
F(AV)
J
J
(16.7% x π x l
< I < π x l
),T =T maximum
F(AV)
F(AV)
J
J
(I > π x l
),T =T maximum
F(AV)
J
J
A
0.95
0.25
1.64
2
I t
t = 10 ms sinusoidal wave
p
THERMAL AND MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
UNIT
TEST CONDITIONS
VALUES
ºC
-40 to 175
-40 to 200
0.073
0.031
14700
(1500)
255
TO-200AB (B-PUK), Nell’s C-type Capsule
g
(kg)
N
K/W
Maximum junction operating temperature range
Maximum storage temperature range
Maximum thermal resistance, junction to heatsink
Mounting force, ±10%
Approximate weight
Case style
TJ
Tstg
RthJ-hs
DC operation single side cooled
DC operation double side cooled
RthJC CONDUCTION
CONDUCTION ANGEL
SINUSOIDAL CONDUCTION
RECTANGULAR CONDUCTION
180°
120°
90°
60°
30°
• The table above shows the increment of thermal resistance R
when devices operate at different conduction angles than DC
thJ-hs
Note
 
UNITS
TEST CONDUCTIONS
K/W
T = T maximum
J
J
SINGLE SIDE
DOUBLE SIDE
SINGLE SIDE
DOUBLE SIDE
0.009
0.011
0.014
0.020
0.035
0.009
0.011
0.014
0.020
0.035
0.006
0.006
0.011
0.011
0.015
0.015
0.021
0.021
0.036
0.036
Page 2 of 5
www.nellsemi.com
RoHS
RoHS
Nell High Power Products
D1600C Series
 3 page
background image
Fig.1 Current ratings characteristics
Fig.2 Current ratings characteristics
Average forward current (A)
Average forward current (A)
160
120
100
80
60
40
0
200
400
Fig.3 Current ratings characteristics
Fig.4 Current ratings characteristics
Average forward current (A)
Average forward current (A)
Fig.5 Forward power loss characteristics
Fig.6 Forward power loss characteristics
Average forward current (A)
Average forward current (A)
180
600
800
1000
1200
140
(Single side cooled)
R
(DC) = 0.073K/W
thJ-hs
Conduction Angle
160
120
100
80
60
40
180
140
20
0
400
800
1200
1600
2000
(Single side cooled)
R
(DC) = 0.073 K/W
thJ-hs
DC
180°
120°
90°
60°
30°
Conduction Period
180°
120°
90°
60°
30°
160
120
100
80
60
40
180
140
20
0
400
800
1200
1600
2000
(Double side cooled)
R
(DC) = 0.031 K/W
thJ-hs
180°
120°
90°
60°
30°
Conduction Angle
160
120
100
80
60
40
180
140
20
0
0
500
1000
1500 2000 2500
3000
3500
(Double side cooled)
R
(DC) = 0.031 K/W
thJ-hs
Conduction Period
30°
60°
90°
120°
180°
DC
0
500
1000
1500
2000
2500
3000
3500
4000
4500
0
400
800
1200
1600
2000
Conduction Angle
T = 175°C
J
30°
60°
90°
120°
180°
RMS Limit
5000
4000
3000
2000
1000
0
0
500
1000
1500 2000
2500 3000
3500
30°
60°
90°
120°
180°
DC
RMS Limit
Conduction Period
T = 175°C
J
Page 3 of 5
www.nellsemi.com
RoHS
RoHS
Nell High Power Products
D1600C Series
 4 page
background image
Fig.7 Maximum non-repetitive surge current
single and double side cooled
Fig.8 Maximum non-repetitive surge current
single and double side cooled
Fig.9 Forward voltage drop characteristcs
Instantaneous forward voltage (V)
Number of equal amplitude half cycle
current pulses (N)
Pulse train duration (S)
Fig.10 Thermal lmpedance Z
characteristics
thJ-hs
Square wave pulse duration (s)
1
10
100
0.01
0.1
1
10000
1000
100
10
At Any Rated Load Condition And With
Rated V
Applied Following Surge
RRM
initial T = 175°C
J
@ 60Hz 0.0083 s
@ 50Hz 0.0100 s
16000
14000
12000
10000
8000
6000
4000
Maximum Non Repetitive Surge Current
Versus Pulse Train Duration.
Initial T = 175°C, @50Hz
J
No Voltage Reapplied
Rated V
Reapplied
RRM
3000
5000
7000
9000
11000
13000
15000
17000
T = 25°C
J
T = 175°C
J
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0.1
0.01
0.001
0.001
0.01
0.1
1
Steady State Value
(Single side cooled)
R
(DC) = 0.073 K/W
thJ-hs
(Double side cooled)
R
(DC) = 0.031 K/W
thJ-hs
(DC Operation)
Single side cooled
Double side cooled
Page 4 of 5
www.nellsemi.com
RoHS
RoHS
Nell High Power Products
D1600C Series
 5 page
background image
DO-220AB (B-PUK), Nell's C-type Capsule
All dimensions in millimeters (inches)
K
A
ORDERING INFORMATION TABLE
1
-
"D" for standard recovery diode
2
-
Maximum average forward current, "1600" for 1600A
3
Device code
1600
D
C
20
1
2
3
4
-
Case style : "C" for Nell's C-type Capsule, DO-200AB (B-PUK)
-
Voltage code, code x 100 = VRRM
4
Ø3.5 (0.14)x
1.8 (0.07) deep MIN. both ends
Ø34 (1.34) MAX.
2 places
0.8(0.03) MIN.
both ends
Ø53(2.09)MAX.
Page 5 of 5
www.nellsemi.com
RoHS
RoHS
Nell High Power Products
D1600C Series




Html 페이지

1  2  3  4  5 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl