전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

XPT8P003A 데이터시트(Datasheet) 1 Page - List of Unclassifed Manufacturers

부품명 XPT8P003A
상세내용  16 MHz XPT8P 8Bit MCU
PDF  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo 

   
 1 page
background image
XPT8P003A
V1.0
16 MHz XPT8P 8Bit MCU, 8 Kbyte Flash, 128 byte data
EEPROM, 10-bit ADC, 3 timers, UART, SPI, I²C
Datasheet V1.0
Oct. 2015
XPTEK Technologies Co.,Ltd.(www.xptek.cn)
1 / 1
Features
Core
16 MHz advanced XPT8 core with Harvard
architecture and 3-stage pipeline
Extended instruction set
Memories
Program memory: 8 Kbyte Flash memory;
data retention 20 years at 55°C after 100
cycles
RAM: 1 Kbyte
Data memory: 128 bytes true data
EEPROM; endurance up to 100 k
write/erase cycles
Clock, reset and supply management  
2.95 V to 5.5 V operating voltage  
Flexible clock control, 4 master clock
sources
-
Low-power crystal resonator oscillator
-
External clock input
-
Internal, user-trimmable 16 MHz RC
-
Internal low-power 128 kHz RC
Clock security system with clock monitor
Power management
-
Low-power modes (wait, active-halt,
halt)
-
Switch-off peripheral clocks individually
-
Permanently active, low-consumption
power-on and power-down reset
Interrupt management
Nested interrupt controller with 32
interrupts
Up to 27 external interrupts on 6 vectors
Timers
Advanced control timer: 16-bit, 4
CAPCOM channels, 3 complementary
outputs, dead-time insertion and flexible
synchronization
16-bit general purpose timers, with 3
CAPCOM channels (IC, OC or PWM)
8-bit basic timer with 8-bit prescaler  
Auto wakeup timer
Window and independent watchdog timers
Communications interfaces
UART with clock output for synchronous
operation, SmartCard, IrDA, LIN master
mode
SPI interface up to 8 Mbit/s
I
2C interface up to 400 Kbit/s
Analog to digital converter (ADC)
10-bit ADC, ± 1 LSB ADC with up to 5
multiplexed channels, scan mode and
analog watchdog
I/Os
Up to 28 I/Os on a 32-pin package
including 21 high-sink outputs  
Highly robust I/O design, immune against
current injection
Development support
Embedded single-wire interface module
(SWIM) for fast on-chip programming and
non-intrusive debugging
TSSOP20




Html 페이지

1 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl