전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

IRFR9024NPBF 데이터시트(Datasheet) 1 Page - International Rectifier

부품명 IRFR9024NPBF
상세내용  HEXFET POWER MOSFET ( VDSS = -55V , RDS(on) = 0.175Ω , ID = -11A )
PDF  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo 

 
 1 page
background image
IRFR9024NPbF
IRFU9024NPbF
PD - 95015A
www.irf.com
1
12/14/04
Lead-Free
 2 page
background image
IRFR/U9024NPbF
2
www.irf.com
 3 page
background image
IRFR/U9024NPbF
www.irf.com
3
 4 page
background image
IRFR/U9024NPbF
4
www.irf.com
 5 page
background image
IRFR/U9024NPbF
www.irf.com
5
 6 page
background image
IRFR/U9024NPbF
6
www.irf.com
 7 page
background image
IRFR/U9024NPbF
www.irf.com
7
P.W.
Period
di/dt
Diode Recovery
dv/dt
Ripple
≤ 5%
Body Diode
Forward Drop
Re-Applied
Voltage
Reverse
Recovery
Current
Body Diode Forward
Current
VGS=10V
VDD
ISD
Driver Gate Drive
D.U.T. ISD Waveform
D.U.T. VDS Waveform
Inductor Curent
D =
P.W.
Period
+
-
+
+
+
-
-
-
• dv/dt controlled by RG
• ISD controlled by Duty Factor "D"
• D.U.T. - Device Under Test
Circuit Layout Considerations
• Low Stray Inductance
• Ground Plane
• Low Leakage Inductance
Current Transformer
* Reverse Polarity for P-Channel
** Use P-Channel Driver for P-Channel Measurements
Peak Diode Recovery dv/dt Test Circuit
*** VGS = 5.0V for Logic Level and 3V Drive Devices
Fig 14 For P Channel HEXFETS
 8 page
background image
IRFR/U9024NPbF
8
www.irf.com
D-Pak (TO-252AA) Part Marking Information
D-Pak (TO-252AA) Package Outline
Dimensions are shown in millimeters (inches)
12
IN T HE AS S E MBLY LINE "A"
AS S E MBLE D ON WW 16, 1999
EXAMPLE:
WIT H AS S E MB LY
T HIS IS AN IRF R120
LOT CODE 1234
YEAR 9 = 1999
DAT E CODE
WEE K 16
PART NUMB ER
LOGO
INT ERNAT IONAL
RECT IFIE R
AS S EMB LY
LOT CODE
916A
IRFU120
34
YE AR 9 = 1999
DATE CODE
OR
P = DE S IGNAT ES LEAD-F RE E
PRODUCT (OPT IONAL)
Note: "P" in ass embly line pos ition
indicates "Lead-Free"
12
34
WEE K 16
A = AS S EMB LY S ITE CODE
PART NUMBE R
IRFU120
LINE A
LOGO
LOT CODE
AS S E MB LY
INTE RNAT IONAL
RECT IF IER
 9 page
background image
IRFR/U9024NPbF
www.irf.com
9
I-Pak (TO-251AA) Package Outline
Dimensions are shown in millimeters (inches)
I-Pak (TO-251AA) Part Marking Information
ASS EMBLY
EXAMPLE:
WIT H ASS EMBLY
T HIS IS AN IRFU120
YEAR 9 = 1999
DAT E CODE
LINE A
WEEK 19
IN T HE ASS EMBLY LINE "A"
AS SEMBLED ON WW 19, 1999
LOT CODE 5678
PART NUMBER
56
IRF U120
INT ERNATIONAL
LOGO
RECT IFIER
LOT CODE
919A
78
Note: "P" in as s embly line
pos ition indicates "Lead-Free"
OR
56
78
ASS EMBLY
LOT CODE
RECT IFIER
LOGO
INT ERNAT IONAL
IRFU120
PART NUMBER
WEEK 19
DATE CODE
YEAR 9 = 1999
A = AS SEMBLY SIT E CODE
P = DESIGNAT ES LEAD-FREE
PRODUCT (OPT IONAL)
 10 page
background image
IRFR/U9024NPbF
10
www.irf.com
Data and specifications subject to change without notice.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.12/04
D-Pak (TO-252AA) Tape & Reel Information
Dimensions are shown in millimeters (inches)
TR
16.3 ( .641 )
15.7 ( .619 )
8.1 ( .318 )
7.9 ( .312 )
12.1 ( .476 )
11.9 ( .469 )
FEED DIRECTION
FEED DIRECTION
16.3 ( .641 )
15.7 ( .619 )
TRR
TRL
NOTES :
1. CONTROLLING DIMENSION : MILLIMETER.
2. ALL DIMENSIONS ARE SHOWN IN MILLIMETERS ( INCHES ).
3. OUTLINE CONFORMS TO EIA-481 & EIA-541.
NOTES :
1. OUTLINE CONFORMS TO EIA-481.
16 mm
13 INCH




Html 페이지

1  2  3  4  5  6  7  8  9  10  11 


데이터시트



관련 부품명

부품명상세내용Html View제조사
IRFR120PBFHEXFET POWER MOSFET VDSS = 100V RDS on = 0.27Ω ID = 7.7A 1 2 3 4 5 MoreInternational Rectifier
IRF7342PBFHEXFET® Power MOSFET VDSS = -55V RDS on = 0.105Ω 1 2 3 4 5 MoreInternational Rectifier
IRL640PBFHEXFET Power MOSFET VDSS = 200V RDS on = 0.18Ω ID = 17A 1 2 3 4 5 MoreInternational Rectifier
IRLZ34NSPBFHEXFET Power MOSFET VDSS = 55V RDS on = 0.035Ω ID = 30A 1 2 3 4 5 MoreInternational Rectifier
IRF1104PBFHEXFET POWER MOSFET VDSS = 40V RDS on = 0.009Ω ID = 100A 1 2 3 4 5 MoreInternational Rectifier
IRFD224PBFHEXFET POWER MOSFET VDSS = 250V RDS on = 1.1Ω ID = 0.63A 1 2 3 4 5 MoreInternational Rectifier
IRFP3710PBFHEXFET POWER MOSFET VDSS = 100V RDS on = 0.025Ω ID = 57A 1 2 3 4 5 MoreInternational Rectifier
IRFR2905ZPBFHEXFET® Power MOSFET VDSS = 55V RDS on = 14.5mΩ ID = 42A 1 2 3 4 5 MoreInternational Rectifier
IRFR4104PBFHEXFET® Power MOSFET VDSS = 40V RDS on = 5.5mΩ ID = 42A 1 2 3 4 5 MoreInternational Rectifier

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl