전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

LM324AD 데이터시트(Datasheet) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 LM324AD
상세내용  QUADRUPLE OPERATIONAL AMPLIFIERS
PDF  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo 

   
 1 page
background image
LM124, LM124A, LM224, LM224A
LM324, LM324A, LM324Y, LM2902, LM2902Q
QUADRUPLE OPERATIONAL AMPLIFIERS
SLOS066E– SEPTEMBER 1975 – REVISED FEBRUARY1997
3–1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Wide Range of Supply Voltages:
Single Supply...3 V to 30 V
(LM2902 and LM2902Q
3 V to 26 V), or Dual Supplies
D Low Supply Current Drain Independent of
Supply Voltage . . . 0.8 mA Typ
D Common-Mode Input Voltage Range
Includes Ground Allowing Direct Sensing
Near Ground
D Low Input Bias and Offset Parameters:
Input Offset Voltage ...3 mV Typ
A Versions ...2 mV Typ
Input Offset Current...2 nA Typ
Input Bias Current...20 nA Typ
A Versions . . . 15 nA Typ
D Differential Input Voltage Range Equal to
Maximum-Rated Supply Voltage . . . 32 V
(26 V for LM2902 and LM2902Q)
D Open-Loop Differential Voltage
Amplification . . . 100 V/mV Typ
D Internal Frequency Compensation
description
These devices consist of four independent
high-gain frequency-compensated operational
amplifiers that are designed specifically to operate
from a single supply over a wide range of voltages.
Operation from split supplies is also possible
when the difference between the two supplies is
3 V to 30 V (for the LM2902 and LM2902Q, 3 V to
26 V) and VCC is at least 1.5 V more positive than
the input common-mode voltage. The low supply
current drain is independent of the magnitude of
the supply voltage.
Applications include transducer amplifiers, dc amplification blocks, and all the conventional operational
amplifier circuits that now can be more easily implemented in single-supply-voltage systems. For example, the
LM124 can be operated directly from the standard 5-V supply that is used in digital systems and easily provides
the required interface electronics without requiring additional
±15-V supplies.
The LM2902Q is manufactured to demanding automotive requirements.
The LM124 and LM124A are characterized for operation over the full military temperature range of – 55
°C to
125
°C. The LM224 and LM224A are characterized for operation from –25°C to 85°C. The LM324 and LM324A
are characterized for operation from 0
°C to 70°C. The LM2902 and LM2902Q are characterized for operation
from – 40
°C to 125°C.
Copyright
© 1997, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
IN –
IN +
OUT
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1OUT
1IN –
1IN+
VCC
2IN+
2IN –
2OUT
4OUT
4IN –
4IN+
GND
3IN+
3IN –
3OUT
LM124, LM124A ...J OR W PACKAGE
ALL OTHERS . . . D, DB, N OR PW PACKAGE
(TOP VIEW)
32
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
4IN+
NC
GND
NC
3IN+
1IN+
NC
VCC
NC
2IN+
LM124, LM124A . . . FK PACKAGE
(TOP VIEW)
NC – No internal connection
symbol (each amplifier)
 2 page
background image
LM124, LM124A, LM224, LM224A
LM324, LM324A, LM324Y, LM2902, LM2902Q
QUADRUPLE OPERATIONAL AMPLIFIERS
SLOS066E– SEPTEMBER 1975 – REVISED FEBRUARY1997
3–2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
AVAILABLE OPTIONS
PACKAGED DEVICES
TA
VIOmax
AT 25
°C
SMALL
OUTLINE
(D)†
VERY
SMALL
OUTLINE
(DB)‡
CHIP
CARRIER
(FK)
CERAMIC
DIP
(J)
PLASTIC
DIP
(N)
TSSOP
(PW)‡
FLAT
PACK
(W)
CHIP
FORM
(Y)
0
°C to
7 mV
LM324D
LM324DBLE
LM324N
LM324PWLE
LM324Y
70
°C
3 mV
LM324AD
LM324AN
LM324APWLE
LM324Y
–25
°C to
5 mV
LM224D
LM224N
85
°C
3 mV
LM224AD
LM224AN
–40
°C to
7mV
LM2902D
LM2902DBLE
LM2902N
LM2902PWLE
125
°C
7 mV
LM2902QD
LM2902DBLE
LM2902QN
LM2902PWLE
–55
°C to
5 mV
LM124FK
LM124J
LM124W
125
°C
2 mV
LM124AFK
LM124AJ
† The D package is available taped and reeled. Add the suffix R to the device type (e.g., LM324DR).
‡ The DB and PW packages are only available left-end taped and reeled.
schematic (each amplifier)
To Other
Amplifiers
≈ 6-µA
Current
Regulator
VCC
OUT
GND
IN –
IN +
≈ 100-µA
Current
Regulator
≈ 50-µA
Current
Regulator
COMPONENT COUNT
(total device)
Epi-FET
Transistors
Diodes
Resistors
Capacitors
1
95
4
11
4
≈ 6-µA
Current
Regulator
 3 page
background image
LM124, LM124A, LM224, LM224A
LM324, LM324A, LM324Y, LM2902, LM2902Q
QUADRUPLE OPERATIONAL AMPLIFIERS
SLOS066E– SEPTEMBER 1975 – REVISED FEBRUARY1997
3–3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
LM324Y chip information
This chip, when properly assembled, displays characteristics similar to the LM324. Thermal compression or
ultrasonic bonding may be used on the doped-aluminum bonding pads. Chips may be mounted with conductive
epoxy or a gold-silicon preform.
BONDING PAD ASSIGNMENTS
1IN+
1IN–
2OUT
1OUT
2IN+
2IN–
VCC+
3IN+
3IN–
4OUT
3OUT
4IN+
4IN–
GND
CHIP THICKNESS: 15 TYPICAL
BONDING PADS: 4
× 4 MINIMUM
TJmax = 150°C
TOLERANCES ARE
± 10%.
ALL DIMENSIONS ARE IN MILS.
PIN (11) IS INTERNALLY CONNECTED
TO BACKSIDE OF CHIP.
(3)
(2)
(7)
(10)
(9)
(14)
(1)
(5)
(6)
(8)
(12)
(13)
62
65
(1)
(2)
(3)
(4)
(5)
(6)
(7)
(8)
(9)
(10)
(11)
(12)
(13)
(14)
(11)
(4)
 4 page
background image
LM124, LM124A, LM224, LM224A
LM324, LM324A, LM324Y, LM2902, LM2902Q
QUADRUPLE OPERATIONAL AMPLIFIERS
SLOS066E– SEPTEMBER 1975 – REVISED FEBRUARY1997
3–4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
LM124, LM124A
LM224, LM224A
LM324, LM324A
LM2902,
LM2902Q
UNIT
Supply voltage, VCC (see Note 1)
32
26
V
Differential input voltage, VID (see Note 2)
±32
±26
V
Input voltage, VI (either input)
– 0.3 to 32
– 0.3 to 26
V
Duration of output short circuit (one amplifier) to ground at (or below) TA = 25°C,
VCC ≤ 15 V (see Note 3)
unlimited
unlimited
Continuous total dissipation
See Dissipation Rating Table
LM124, LM124A
– 55 to 125
Operating free air temperature range TA
LM224, LM224A
– 25 to 85
°C
Operating free-air temperature range, TA
LM324, LM324A
0 to 70
°C
LM2902, LM2902Q
– 40 to 125
Storage temperature range
– 65 to 150
– 65 to 150
°C
Case temperature for 60 seconds
FK package
260
°C
Lead temperature 1,6 mm (1/16 inch) from case for 60 seconds
J or W package
300
300
°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
D, DB, N, or PW package
260
260
°C
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All voltage values (except differential voltages and VCC specified for the measurement of IOS) are with respect to the network GND.
2. Differential voltages are at IN + with respect to IN –.
3. Short circuits from outputs to VCC can cause excessive heating and eventual destruction.
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
POWER RATING
DERATING
FACTOR
DERATE
ABOVE TA
TA = 70°C
POWER RATING
TA = 85°C
POWER RATING
TA = 125°C
POWER RATING
D
900 mW
7.6 mW/
°C
32
°C
611 mW
497 mW
N/A
DB
775 mW
6.2 mW/
°C25°C
496 mW
403 mW
N/A
FK
900 mW
11.0 mW/
°C68°C
878 mW
713 mW
273 mW
J (LM124_ )
900 mW
11.0 mW/
°C68°C
878 mW
713 mW
273 mW
J (all others)
900 mW
8.2 mW/
°C40°C
654 mW
531 mW
N/A
N
900 mW
9.2 mW/
°C52°C
734 mW
596 mW
N/A
PW
700 mW
5.6 mW/
°C25°C
448 mW
364 mW
N/A
W
900 mW
8.0 mW/
°C
37
°C
636 mW
516 mW
196 mW
 5 page
background image
electrical characteristics at specified free-air temperature, VCC = 5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS†
T ‡
LM124, LM224
LM324
LM2902, LM2902Q
UNIT
PARAMETER
TEST CONDITIONS†
TA‡
MIN
TYP §
MAX
MIN
TYP §
MAX
MIN
TYP §
MAX
UNIT
VIO
Input offset voltage
VCC = 5 V to MAX,
25
°C
3
5
3
7
3
7
mV
VIO
Input offset voltage
CC
,
VIC = VICRmin, VO = 1.4 V
Full range
7
9
10
mV
IIO
Input offset current
VO 14 V
25
°C
2
30
2
50
2
50
nA
IIO
Input offset current
VO = 1.4 V
Full range
100
150
300
nA
IIB
Input bias current
VO 14 V
25
°C
–20
– 150
–20
– 250
–20
– 250
nA
IIB
Input bias current
VO = 1.4 V
Full range
– 300
– 500
– 500
nA
25
°C
0 to
VCC
0 to
VCC
0 to
VCC 1
V C
Common-mode input
VCC 5VtoMAX
25
°C
VCC –
1.5
VCC –
1.5
VCC – 1
.5
V
VICR
voltage range
VCC = 5 V to MAX
Full range
0 to
VCC
0 to
VCC
0 to
V
Full range
VCC –
2
VCC –
2
VCC –2
RL = 2 kΩ
25
°C
VCC –
1.5
VCC –
1.5
VOH
High-level output voltage
RL = 10 kΩ
25
°C
VCC –1
.5
V
VCC = MAX,
RL = 2 kΩ
Full range
26
26
22
VCC = MAX,
RL ≥ 10 kΩ
Full range
27
28
27
28
23
24
VOL
Low-level output voltage
RL ≤ 10 kΩ
Full range
5
20
5
20
5
20
mV
AVD
Large-signal differential
VCC = 15 V, VO = 1 V to 11 V,
25
°C
50
100
25
100
100
V/mV
AVD
gg
voltage amplification
CC
,
O
,
RL = ≥ 2 kΩ
Full range
25
15
15
V/mV
CMRR
Common-mode rejection ratio
VIC = VICRmin
25
°C
70
80
65
80
50
80
dB
kSVR
Supply-voltage rejection ratio
25
°C
65
100
65
100
50
100
dB
kSVR
yg
j
(
∆VCC/∆VIO)
25
°C
65
100
65
100
50
100
dB
VO1/VO2
Crosstalk attenuation
f = 1 kHz to 20 kHz
25
°C
120
120
120
dB
VCC = 15 V,
VID = 1 V,
25
°C
–20
–30
–60
–20
–30
–60
–20
–30
–60
VCC 15 V,
VID 1 V,
VO = 0
Full range
–10
–10
–10
mA
IO
Output current
VCC = 15 V,
VID = – 1 V,
25
°C
10
20
10
20
10
20
mA
CC
,
ID
,
VO = 15 V
Full range
5
5
5
VID = – 1 V,
VO = 200 mV
25
°C
12
30
12
30
30
µA
IOS
Short-circuit output current
VCC at 5 V,
GND at – 5 V
VO = 0
25
°C
± 40
± 60
± 40
± 60
± 40
± 60
mA
VO = 2.5 V,
No load
Full range
0.7
1.2
0.7
1.2
0.7
1.2
ICC
Supply current (four amplifiers)
VCC = MAX,
VO = 0.5 VCC,
No load
Full range
1.4
3
1.4
3
1.4
3
mA
† All characteristics are measured under open-loop conditions with zero common-mode input voltage unless otherwise specified. MAX VCC for testing purposes is 26 V for LM2902
and LM2902Q, 30 V for the others.
‡ Full range is –55
°C to 125°C for LM124, –25°C to 85°C for LM224, 0°C to 70°C for LM324, and –40°C to 125°C for LM2902 and LM2902Q.
§ All typical values are at TA = 25°C.
 6 page
background image
electrical characteristics at specified free-air temperature, VCC = 5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
T
LM124A
LM224A
LM324A
UNIT
PARAMETER
TEST CONDITIONS
TA
MIN
TYP §
MAX
MIN
TYP §
MAX
MIN
TYP §
MAX
UNIT
V O
Input offset voltage
VCC = 5 V to 30 V,
25
°C
2
2
3
2
3
mV
VIO
Input offset voltage
CC
,
VIC = VICRmin, VO = 1.4 V
Full range
4
4
5
mV
I O
Input offset current
VO 14 V
25
°C
10
2
15
2
30
nA
IIO
Input offset current
VO = 1.4 V
Full range
30
30
75
nA
I
Input bias current
VO 14 V
25
°C
–50
–15
–80
–15
– 100
nA
IIB
Input bias current
VO = 1.4 V
Full range
– 100
– 100
– 200
nA
VICR
Common-mode input
VCC 30 V
25
°C
0 to
VCC – 1.5
0 to
VCC – 1.5
0 to
VCC – 1.5
V
VICR
voltage range
VCC = 30 V
Full range
0 to
VCC –2
0 to
VCC –2
0 to
VCC –2
V
RL = 2 kΩ
25
°C
VCC – 1.5
VCC – 1.5
VCC – 1.5
VOH
High-level output voltage
VCC = 30 V,
RL = 2 kΩ
Full range
26
26
26
V
VCC = 30 V,
RL ≥ 10 kΩ
Full range
27
27
28
27
28
VOL
Low-level output voltage
RL ≤ 10 kΩ
Full range
20
5
20
5
20
mV
AVD
Large-signal differential
voltage amplification
VCC = 15 V, VO = 1 V to 11 V,
RL= ≥ 2 kΩ
Full range
25
25
15
V/mV
CMRR
Common-mode rejection ratio
VIC = VICRmin
25
°C
70
70
80
65
80
dB
kSVR
Supply-voltage rejection ratio
(
∆VCC/∆VIO)
25
°C
65
65
100
65
100
dB
VO1/VO2
Crosstalk attenuation
f = 1 kHz to 20 kHz
25
°C
120
120
120
dB
VCC = 15 V,
VID = 1 V,
25
°C
–20
–20
–30
–60
–20
–30
–60
CC
,
ID
,
VO = 0
Full range
–10
–10
–10
mA
IO
Output current
VCC = 15 V,
VID = – 1 V,
25
°C
10
10
20
10
20
mA
CC
,
ID
,
VO = 15 V
Full range
5
5
5
VID = – 1 V,
VO = 200 mV
25
°C
12
12
30
12
30
µA
IOS
Short-circuit output current
VCC at 5 V,
GND at – 5 V,
VO = 0
25
°C
± 40
± 60
± 40
± 60
± 40
± 60
mA
VO = 2.5 V,
No load
Full range
0.7
1.2
0.7
1.2
0.7
1.2
ICC
Supply current (four amplifiers)
VCC = 30 V,
VO = 15 V,
No load
Full range
1.4
3
1.4
3
1.4
3
mA
† All characteristics are measured under open-loop conditions with zero common-mode input voltage unless otherwise specified.
‡ Full range is –55
°C to 125°C for LM124A, –25°C to 85°C for LM224A, and 0°C to 70°C for LM324A.
§ All typical values are at TA = 25°C.
 7 page
background image
LM124, LM124A, LM224, LM224A
LM324, LM324A, LM324Y, LM2902, LM2902Q
QUADRUPLE OPERATIONAL AMPLIFIERS
SLOS066E – SEPTEMBER 1975 – REVISED FEBRUARY 1997
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics, VCC = 5 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS†
LM324Y
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
3
7
mV
IIO
Input offset current
VCC = 5 V to MAX,
VIC = VICRmin,
VO = 1.4 V
2
50
nA
IIB
Input bias current
–20
– 250
nA
VICR
Common-mode input voltage
range
VCC = 5 V to MAX
0 to
VCC – 1.5
V
VOH
High-level output voltage
RL = 10 kΩ
VCC – 1.5
V
VOL
Low-level output voltage
RL ≤ 10 kΩ
5
20
mV
AVD
Large-signal differential
voltage amplification
VCC = 15 V,
VO = 1 V to 11 V,
RL ≥ 2 kΩ
15
100
V/mV
CMRR
Common-mode rejection ratio
VIC = VICRmin
65
80
dB
kSVR
Supply-voltage rejection ratio
(
∆VCC±/∆VIO)
65
100
dB
VCC = 15 V,
VID = 1 V,
VO = 0
–20
–30
–60
IO
Output current
VCC = 15 V,
VID = – 1 V,
VO = 15 V
10
20
mA
VID = 1 V,
VO = 200 mV
12
30
IOS
Short-circuit output current
VCC at 5 V,
GND at – 5 V,
VO = 0
±40
±60
mA
ICC
Supply current (four amplifiers)
VO = 2.5 VCC,
No load
0.7
1.2
mA
ICC
Supply current (four amplifiers)
VCC = MAX,
VO = 0.5 VCC,
No load
1.1
3
mA
† All characteristics are measured under open-loop conditions with zero common-mode input voltage unless otherwise specified. MAX VCC for
testing purposes is 30 V.
 8 page
background image
LM124, LM124A, LM224, LM224A
LM324, LM324A, LM324Y, LM2902, LM2902Q
QUADRUPLE OPERATIONAL AMPLIFIERS
SLOS066E – SEPTEMBER 1975 – REVISED FEBRUARY 1997
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
 9 page
background image
IMPORTANT NOTICE
Texas Instruments and its subsidiaries (TI) reserve the right to make changes to their products or to discontinue
any product or service without notice, and advise customers to obtain the latest version of relevant information
to verify, before placing orders, that information being relied on is current and complete. All products are sold
subject to the terms and conditions of sale supplied at the time of order acknowledgement, including those
pertaining to warranty, patent infringement, and limitation of liability.
TI warrants performance of its semiconductor products to the specifications applicable at the time of sale in
accordance with TI’s standard warranty. Testing and other quality control techniques are utilized to the extent
TI deems necessary to support this warranty. Specific testing of all parameters of each device is not necessarily
performed, except those mandated by government requirements.
CERTAIN APPLICATIONS USING SEMICONDUCTOR PRODUCTS MAY INVOLVE POTENTIAL RISKS OF
DEATH, PERSONAL INJURY, OR SEVERE PROPERTY OR ENVIRONMENTAL DAMAGE (“CRITICAL
APPLICATIONS”). TI SEMICONDUCTOR PRODUCTS ARE NOT DESIGNED, AUTHORIZED, OR
WARRANTED TO BE SUITABLE FOR USE IN LIFE-SUPPORT DEVICES OR SYSTEMS OR OTHER
CRITICAL APPLICATIONS. INCLUSION OF TI PRODUCTS IN SUCH APPLICATIONS IS UNDERSTOOD TO
BE FULLY AT THE CUSTOMER’S RISK.
In order to minimize risks associated with the customer’s applications, adequate design and operating
safeguards must be provided by the customer to minimize inherent or procedural hazards.
TI assumes no liability for applications assistance or customer product design. TI does not warrant or represent
that any license, either express or implied, is granted under any patent right, copyright, mask work right, or other
intellectual property right of TI covering or relating to any combination, machine, or process in which such
semiconductor products or services might be or are used. TI’s publication of information regarding any third
party’s products or services does not constitute TI’s approval, warranty or endorsement thereof.
Copyright
© 1999, Texas Instruments Incorporated




Html 페이지

1  2  3  4  5  6  7  8  9 


데이터시트



관련 부품명

부품명상세내용Html View제조사
LM324KQUADRUPLE OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreTexas Instruments
AN1324Quadruple Operational Amplifiers 1 2 3 Panasonic Semiconductor
LM148QUADRUPLE OPERATIONAL AMPLIFIERS 1 2 3 4 5 Texas Instruments
LM2900QUADRUPLE NORTON OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreTexas Instruments
MC3303QUADRUPLE LOW-POWER OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreTexas Instruments
LF147Wide Bandwidth Quad JFET Input Operational Amplifiers 1 2 3 4 5 MoreNational Semiconductor (TI)
LF347FAMILY OF JFET OPERATIONAL AMPLIFIERS 1 2 3 4 Motorola, Inc
MC34181Low Power High Slew Rate Wide Bandwidth JFET Input Operational Amplifiers 1 2 3 4 5 MoreON Semiconductor
LM833LOW NOISE DUAL OPERATIONAL AMPLIFIERS 1 2 3 4 5 STMicroelectronics

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl