전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

SCH1337 데이터시트(Datasheet) 1 Page - Sanyo Semicon Device

부품명 SCH1337
상세내용  General-Purpose Switching Device Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  SANYO [Sanyo Semicon Device]
홈페이지  http://www.ssdc-jp.com/eng/
Logo 

   
 1 page
background image
SCH1337
No. A1867-1/4
Features
ON-resistance RDS(on)1=115mΩ(typ.)
4V drive
Halogen free compliance
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Drain-to-Source Voltage
VDSS
--30
V
Gate-to-Source Voltage
VGSS
±20
V
Drain Current (DC)
ID
--2
A
Drain Current (Pulse)
IDP
PW≤10μs, duty cycle≤1%
--8
A
Allowable Power Dissipation
PD
When mounted on ceramic substrate (900mm2×0.8mm)
0.8
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Package Dimensions
unit : mm (typ)
7028-002
Ordering number : ENA1867A
D2210 TKIM/D0110PE TKIM TC-00002465
SANYO Semiconductors
DATA SHEET
SCH1337
P-Channel Silicon MOSFET
General-Purpose Switching Device
Applications
http://semicon.sanyo.com/en/network
Product & Package Information
• Package
: SCH6
• JEITA, JEDEC
: -
• Minimum Packing Quantity : 5,000 pcs./reel
Packing Type : TL
Marking
Electrical Connection
1.6
0.5
0.2
0.2
1
3
2
64
5
1 : Drain
2 : Drain
3 : Gate
4 : Source
5 : Drain
6 : Drain
SANYO : SCH6
3
4
1, 2, 5, 6
TL
YN
 2 page
background image
SCH1337
No. A1867-2/4
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Drain-to-Source Breakdown Voltage
V(BR)DSS
ID=--1mA, VGS=0V
--30
V
Zero-Gate Voltage Drain Current
IDSS
VDS=--30V, VGS=0V
--1
μA
Gate-to-Source Leakage Current
IGSS
VGS=±16V, VDS=0V
±10
μA
Cutoff Voltage
VGS(off)
VDS=--10V, ID=--1mA
--1.2
--2.6
V
Forward Transfer Admittance
| yfs |
VDS=--10V, ID=--1A
1.9
S
Static Drain-to-Source On-State Resistance
RDS(on)1
ID=--1A, VGS=--10V
115
150
RDS(on)2
ID=--0.5A, VGS=--4.5V
182
255
RDS(on)3
ID=--0.5A, VGS=--4V
208
292
Input Capacitance
Ciss
VDS=--10V, f=1MHz
172
pF
Output Capacitance
Coss
VDS=--10V, f=1MHz
51
pF
Reverse Transfer Capacitance
Crss
VDS=--10V, f=1MHz
36
pF
Turn-ON Delay Time
td(on)
See specified Test Circuit.
4.5
ns
Rise Time
tr
See specified Test Circuit.
4.2
ns
Turn-OFF Delay Time
td(off)
See specified Test Circuit.
20
ns
Fall Time
tf
See specified Test Circuit.
10.6
ns
Total Gate Charge
Qg
VDS=--15V, VGS=--10V, ID=--2A
3.9
nC
Gate-to-Source Charge
Qgs
VDS=--15V, VGS=--10V, ID=--2A
0.6
nC
Gate-to-Drain “Miller” Charge
Qgd
VDS=--15V, VGS=--10V, ID=--2A
0.8
nC
Diode Forward Voltage
VSD
IS=--2A, VGS=0V
--0.86
--1.5
V
Switching Time Test Circuit
PW=10μs
D.C.≤1%
P.G
50Ω
G
S
D
ID= --1A
RL=15Ω
VDD= --15V
VOUT
VIN
0V
--10V
VIN
SCH1337
ID -- VDS
ID -- VGS
Drain-to-Source Voltage, VDS -- V
Gate-to-Source Voltage, VGS -- V
0
--2.0
--1.6
--0.4
--1.2
--0.8
0
--0.2
--0.4
--0.6
--0.8
--1.0
--0.1
--0.3
--0.5
--0.7
--0.9
IT16039
VGS
= --3.0V
--0.4
--0.2
--0.6
0
--2.0
--1.6
--1.4
--1.8
--0.8
--1.2
--1.0
0
--1.0
--0.5
--1.5
--4.5
--2.5
--2.0
--3.5
--3.0
--4.0
IT16078
VDS= --10V
 3 page
background image
SCH1337
No. A1867-3/4
IS -- VSD
| yfs | -- I
D
Drain Current, ID -- A
Diode Forward Voltage, VSD -- V
SW Time -- ID
Ciss, Coss, Crss -- VDS
VGS -- Qg
Total Gate Charge, Qg -- nC
Drain Current, ID -- A
Drain-to-Source Voltage, VDS -- V
RDS(on) -- Ta
RDS(on) -- VGS
Gate-to-Source Voltage, VGS -- V
Ambient Temperature, Ta --
°C
A S O
Drain-to-Source Voltage, VDS -- V
IS -- VSD
0
4.5
1.5
0.5
1.0
2.0
2.5
4.0
3.5
3.0
IT16047
0
--1
--2
--3
--4
--5
--6
--7
--8
--9
--10
VDS= --15V
ID= --2A
IT16081
IT16082
0
--0.2
--0.4
--0.6
--0.8
--1.0
--1.2
0.1
1.0
10
7
7
5
3
2
2
5
3
--0.1
--1.0
23
5 7
--10
7
--0.01
23
5 7
23
5
Ta=
--25
°C
VDS= --10V
--0.01
2
VGS=0V
--0.1
--1.0
23
5
7
--10
23
5
7
VDD= --15V
VGS= --10V
td(on)
td(off)
tf
IT16083
0
--2
--4
--6
3
7
5
7
5
3
2
100
1000
10
2
--8
--20
--10
--12
--14
--16
--18
Ciss
Coss
Crss
IT16084
10
100
1.0
2
3
7
5
7
5
2
3
f=1MHz
t r
0
--2
--6
--10
--18
--14
--16
--4
--8
--12
200
100
400
300
500
600
0
100
300
200
400
500
0
IT16079
IT16080
ID= --0.5A
--1.0A
Ta=25
°C
75°
C
25
°C
3
--0.1
7
5
2
3
7
7
5
--1.0
--10
2
3
5
--60 --40 --20
0
20
40
60
80
100 120 140 160
VGS
= --4.0V
, ID
= --0.5A
VGS=
--10.0V
, ID= -
-1.0A
VGS
= --4.5V
, ID=
--0.5A
2
3
5
7
2
--0.1
3
5
7
2
--1.0
--0.01
23 5 7
23 5 7
23 5 7
--0.01
--0.1
--1.0
23 5 7
--10
--100
IT16143
10ms
100ms
Operation in this area
is limited by RDS(on).
ID= --2A
DC
operation
(T
a=25
°C
)
IDP= --8A (PW≤10μs)
1ms
3
5
7
2
--10
3
5
7
--100
100
μs
Ta=25
°C
Single pulse
When mounted on ceramic substrate (900mm2
×0.8mm)
 4 page
background image
SCH1337
No. A1867-4/4
PS
This catalog provides information as of December, 2010. Specifications and information herein are subject
to change without notice.
Note on usage : Since the SCH1337 is a MOSFET product, please avoid using this device in the vicinity
of highly charged objects.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not
be intended for use for any "special application" (medical equipment whose purpose is to sustain life,
aerospace instrument, nuclear control device, burning appliances, transportation machine, traffic signal
system, safety equipment etc.) that shall require extremely high level of reliability and can directly threaten
human lives in case of failure or malfunction of the product or may cause harm to human bodies, nor shall they
grant any guarantee thereof. If you should intend to use our products for applications outside the standard
applications of our customer who is considering such use and/or outside the scope of our intended standard
applications, please consult with us prior to the intended use. If there is no consultation or inquiry before the
intended use, our customer shall be solely responsible for the use.
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are
not guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an
independent device, the customer should always evaluate and test devices mounted in the customer
's
products or equipment.
SANYO Semiconductor Co.,Ltd. assumes no responsibility for equipment failures that result from using
products at values that exceed, even momentarily, rated values (such as maximum ratings, operating
condition ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor
Co.,Ltd. products described or contained herein.
SANYO Semiconductor Co.,Ltd. strives to supply high-quality high-reliability products, however, any and all
semiconductor products fail or malfunction with some probability. It is possible that these probabilistic failures
or malfunction could give rise to accidents or events that could endanger human lives, trouble that could give
rise to smoke or fire, or accidents that could cause damage to other property. When designing equipment,
adopt safety measures so that these kinds of accidents or events cannot occur. Such measures include but
are not limited to protective circuits and error prevention circuits for safe design, redundant design, and
structural design.
In the event that any or all SANYO Semiconductor Co.,Ltd. products described or contained herein are
controlled under any of applicable local export control laws and regulations, such products may require the
export license from the authorities concerned in accordance with the above law.
No part of this publication may be reproduced or transmitted in any form or by any means, electronic or
mechanical, including photocopying and recording, or any information storage or retrieval system, or
otherwise, without the prior written consent of SANYO Semiconductor Co.,Ltd.
Any and all information described or contained herein are subject to change without notice due to
product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the
SANYO Semiconductor Co.,Ltd. product that you intend to use.
Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed
for volume production.
Upon using the technical information or products described herein, neither warranty nor license shall be
granted with regard to intellectual property rights or any other rights of SANYO Semiconductor Co.,Ltd. or any
third party. SANYO Semiconductor Co.,Ltd. shall not be liable for any claim or suits with regard to a third
party's intellectual property rights which has resulted from the use of the technical information and products
mentioned above.
Ambient Temperature, Ta --
°C
PD -- Ta
IT16049
0
0
20
40
60
80
100
140
120
1.2
1.0
0.6
0.4
0.8
0.2
160
When mounted on ceramic substrate
(900mm2
×0.8mm)




Html 페이지

1  2  3  4 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl