전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

LYG5AP-CXDX-36-1 데이터시트(Datasheet) 1 Page - OSRAM GmbH

부품명 LYG5AP-CXDX-36-1
상세내용  clear silicone lens
PDF  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo 

 
 1 page
background image
2011-05-04
1
2011-05-04
Advanced Power TOPLED
Datasheet
LY G5AP
Advanced Power TOPLED Plus packs outstanding
brightness into a mid-power package, making it the
perfect light source for thin applications that need
bright and homogeneous lighting.
Advanced Power TOPLED Plus verfügt über eine
hervorragende Helligkeit in einem Mid-Power
Gehäuse, weshalb Sie die perfekte Lichtquelle, für
helle und homogene Beleuchtung auf kleinstem
Raum ist.
Features:
Besondere Merkmale:
Package: white PLCC-4 package, colorless clear
silicone resin, clear silicone lens
Gehäusetyp: weisses PLCC-4 Gehäuse,
farbloser, klarer Silikon Verguss, klare Silikonlinse
Technology: InGaAlP Thinfilm
Technologie: InGaAlP Thinfilm
Viewing angle at 50 % I
V: 145°
Abstrahlwinkel bei 50 % I
V: 145°
Color: yellow (590 nm)
Farbe: gelb (590 nm)
Optical efficiency (typ.): 65 lm/W (yellow)
Optischer Wirkungsgrad (typ.): 65 lm/W
(gelb)
ESD-withstand voltage: 2 kV acc. to
JESD22-A114-D
ESD-Festigkeit: 2 kV nach JESD22-A114-D
Applications
Anwendungen
backlighting (LCD, switches, displays, illuminated
advertising, general lighting)
Hinterleuchtung (LCD, Schalter, Displays,
Werbebeleuchtung, Allgemeinbeleuchtung)
substitution of micro incandescent lamps
Ersatz von Kleinst-Glühlampen
decorative and entertainment lighting (incl. fiber
optic illumination)
dekorative Beleuchtung
signal and symbol luminaire for orientation
Signal- und Symbolleuchten zur Orientierung
marker lights (e.g. steps, exit ways, etc.)
Markierungsbeleuchtung (z.B. Stufen,
Fluchtwege, u.ä.)
indoor and outdoor commercial and residential
architectural lighting
Fassadenbeleuchtung im Innen- und
Außenbereich
 2 page
background image
2011-05-04
2
LY G5AP
Ordering Information
Bestellinformation
Type
Luminous Intensity
1) page
20
Luminous Flux
2) page 20
Ordering Code
Typ
Lichtstärke
1) Seite 20
Lichtstrom
2) Seite 20
Bestellnummer
I
F = 100 mA
I
F = 100 mA
I
V(mcd)
Φ
V typ.(mlm)
LY G5AP-CXDX-36-1
2800 ... 5200
14500
Q65111A1320
LY G5AP-CZDZ-36-1
3900 ... 7100
20000
Q65111A1319
Note:
The above Type Numbers represent the order groups which include only a few brightness groups (see page 5 for explanation). Only one group will
be shipped on each reel (there will be no mixing of two groups on each reel). E. g. LY G5AP-CZDZ-36-1 means that only one group CZ, DX, DY, DZ
will be shippable for any one reel. In order to ensure availability, single brightness groups will not be orderable.
In a similar manner for colors where wavelength groups are measured and binned, single wavelength groups will be shipped on any one reel. E. g.
LY G5AP-CZDZ-36-1 means that only one wavelength group 3, 4, 5, 6 will be shippable. LY G5AP-CZDZ-36-1 means that the device will be shipped
within the specified limits as stated on page 5. In order to ensure availability, single wavelength groups will not be orderable (see page 5 for
explanation).
In a similar manner for colors where forward voltage groups are measured and binned, single forward voltage groups will be shipped on any one reel.
E. g. LY G5AP-CZDZ-36-1 means that only one forward voltage group 3B, 4A, 4B, 5A will be shippable. In order to ensure availability, single
wavelength groups will not be orderable (see page 5 for explanation).
Anm.:
Die oben genannten Typbezeichnungen umfassen die bestellbaren Selektionen. Diese bestehen aus wenigen Helligkeitsgruppen (siehe Seite 5 für
nähere Informationen). Es wird nur eine einzige Helligkeitsgruppe pro Gurt geliefert. Z. B. LY G5AP-CZDZ-36-1 bedeutet, dass auf dem Gurt nur eine
der Helligkeitsgruppen CZ, DX, DY, DZ enhalten ist. Um die Liefersicherheit zu gewährleisten, können einzelne Helligkeitsgruppen nicht bestellt
werden.
Gleiches gilt für die Farben, bei denen Wellenlängengruppen gemessen und gruppiert werden. Pro Gurt wird nur eine Wellenlängengruppe geliefert.
Z. B. LY G5AP-CZDZ-36-1 bedeutet, dass auf dem Gurt nur eine der Wellenlängengruppen 3, 4, 5, 6 enthalten ist (siehe Seite 5 für nähere
Informationen).
LY G5AP-CZDZ-36-1 bedeutet, dass das Bauteil innerhalb der auf Seite 5 spezifizierten Grenzen geliefert wird. Um die
Liefersicherheit zu gewährleisten, können einzelne Wellenlängengruppen nicht bestellt werden.
Gleiches gilt für die LEDs, bei denen die Durchlassspannungsgruppen gemessen und gruppiert werden. Pro Gurt wird nur eine
Durchlassspannungsgruppe geliefert. Z. B. LY G5AP-CZDZ-36-1 bedeutet, dass nach Durchlassspannungsgruppen gruppiert wird. Auf einem Gurt
ist nur eine der Durchlassspannungsgruppen 3B, 4A, 4B, 5A enthalten (siehe Seite 5 für nähere Informationen). Um die Liefersicherheit zu
gewährleisten, können einzelne Durchlassspannungsgruppen nicht direkt bestellt werden.
 3 page
background image
LY G5AP
2011-05-04
3
Maximum Ratings
Grenzwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Operating temperature range
Betriebstemperatur
T
op
-40 ... + 85
°C
Storage temperature range
Lagertemperatur
T
stg
-40 ... + 85
°C
Junction temperature
Sperrschichttemperatur
T
j
+ 125
°C
Junction Temperature
Sperrschichttemperatur
T
j
>150 for short term applications
°C
Forward current
Durchlassstrom
(T
S = 25 °C)
I
F
30 ... 200
mA
Surge current
Stoßstrom
(t <= 10
μs, D = 0.005, T
S = 25 °C)
I
FM
500
mA
Reverse voltage
Sperrspannung
(T
S = 25 °C)
V
R
not designed for reverse operation V
 4 page
background image
2011-05-04
4
LY G5AP
Characteristics (T
S = 25 °C, IF = 100 mA)
Kennwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Wavelength at peak emission
Wellenlänge d. emittierten Lichtes
(typ.)
λ
peak
593
nm
Dominant Wavelength *
3) page 20
Dominantwellenlänge *
3) Seite 20
(min.)
(typ.)
(max.)
λ
dom
λ
dom
λ
dom
583
590
595
nm
nm
nm
Spectral bandwidth at 50% I
rel max
Spektrale Bandbreite b. 50% I
rel max
(typ.)
Δλ
18
nm
viewing angle at 50 % I
V
Abstrahlwinkel bei 50 % I
V
(typ.)
2
ϕ
145
°
Forward voltage *
4) page 20
Durchlassspannung *
4) Seite 20
(min.)
(typ.)
(max.)
V
F
V
F
V
F
2.05
2.17
2.65
V
V
V
Reverse current
Sperrstrom
I
R
not designed for reverse operation
Thermal Resistance Junction /
Solderpoint **
Wärmewiderstand Sperrschicht /
Lötpad **
(max.)
R
thJS
50
K/W
Thermal Resistance Junction /
Solderpoint **
Wärmewiderstand Sperrschicht /
Lötpad **
(typ.)
R
thJS
40
K/W
Note:
* Individual groups on page 5
** R
th is based on statistic values
Anm.:
* Einzelgruppen siehe Seilte 5
** R
th basiert auf statistischen Werten
 5 page
background image
LY G5AP
2011-05-04
5
Brightness Groups
Helligkeits-Gruppierungsschema
Forward Voltage Groups
4) page 20
Durchlassspannungsgruppe
4) Seite 20
Wavelength Groups (L
dom), Chromaticity Color Coordinate Groups
3) page 20 , 5) page 20
Wellenlängengruppen (L
dom), Farbortgruppen
3) Seite 20 , 5) Seite 20
Group
Brightness
1) page 20
Brightness
1) page 20
Luminous Flux
2) page 20
Gruppe
Lichtstärke
1) Seite 20
Lichtstärke
1) Seite 20
Lichtstrom
2) Seite 20
I
v(mcd)
I
v(mcd)
Φ
V typ.(mlm)
CX
2800
3300
11600
CY
3300
3900
13600
CZ
3900
4500
15900
DX
4500
5200
18400
DY
5200
6100
21400
DZ
6100
7100
25000
Note:
The standard shipping format for serial types includes either a lower family group, an upper family group or a grouping of all individual brightness
groups of only a few brightness groups. Individual brightness groups cannot be ordered.
Anm.:
Die Standardlieferform von Serientypen beinhaltet entweder eine untere Familiengruppe, eine obere Familiengruppe oder eine Sammelgruppe, die
aus nur wenigen Helligkeitsgruppen bestehen. Einzelne Helligkeitsgruppen sind nicht bestellbar.
Group
yellow
Gruppe
(min.)[V]
(max.)[V]
3B
2.05
2.2
4A
2.2
2.35
4B
2.35
2.5
5A
2.5
2.65
Group
yellow
Gruppe
(min.)[nm]
(max.)[nm]
3
583
586
4
586
589
5
589
592
6
592
595
Note:
No packing unit / tape ever contains more than one color group for each selection.
Anm.:
In einer Verpackungseinheit / Gurt ist immer nur eine Gruppe für jede Farbe enthalten.
 6 page
background image
2011-05-04
6
LY G5AP
Group Name on Label
Gruppenbezeichnung auf Etikett
Example: BY-3-3B
Beispiel: BY-3-3B
Brightness Group
Helligkeitsgruppe
Wavelength / Chromaticity
coordinate group
Wellenlänge / Farbortgruppe
Forward Voltage Group
Durchlassspannungsgruppe
BY
3
3B
Note:
No packing unit / tape ever contains more than one group for each selection.
Anm.:
In einer Verpackungseinheit / Gurt ist immer nur eine Gruppe für jede Selektion enthalten.
 7 page
background image
LY G5AP
2011-05-04
7
Relative Spectral Emission - V(
λ) = Standard eye response curve 2) page 20 , 1) page 20
Relative spektrale Emission - V(
λ) = spektrale Augenempfindlichkeit 2) Seite 20 , 1) Seite 20
I
rel = f (λ); TS = 25 °C; IF = 100 mA
Radiation Characteristics 2) page 20
Abstrahlcharakteristik 2) Seite 20
I
rel = f (ϕ); TS = 25 °C
400
450
500
550
600
650
700
λ[nm]
0,0
0,1
0,2
0,3
0,4
0,5
0,6
0,7
0,8
0,9
1,0
Φrel
: Vλ
OHL03691
20˚
40˚
60˚
80˚
100˚
120˚
0.4
0.6
0.8
1.0
100˚
90˚
80˚
70˚
60˚
50˚
10˚
20˚
30˚
40˚
0
0.2
0.4
0.6
0.8
1.0
ϕ
 8 page
background image
2011-05-04
8
LY G5AP
Forward Current 2) page 20
Durchlassstrom 2) Seite 20
I
F = f (VF); TS = 25 °C
Relative Luminous Intensity 2) page 20 , 6) page 20
Relative Lichtstärke 2) Seite 20 , 6) Seite 20
I
V/IV(100 mA) = f(IF); TS = 25 °C
Relative Forward Voltage 2) page 20
Relative Vorwärtsspannung 2) Seite 20
ΔV
F = VF - VF(25°C) = f(Tj); IF = 100 mA
Relative Luminous Intensity 2) page 20
Relative Lichtstärke 2) Seite 20
I
V/IV(25)°C = f(Tj); IF = 100 mA
1,8 1,9 2,0 2,1 2,2 2,3 2,4 2,5
VF [V]
40
60
80
100
120
140
160
180
200
IF [mA]
50
100
150
200
IF [mA]
0,0
0,5
1,0
1,5
2,0
2,5
IV
IV (100mA)
-40
-0.15
˚C
T
j
OHL04418
V
F
V
Δ
-20
0
20 40 60 80
120
-0.10
-0.05
0
0.05
0.10
0.20
OHL04421
-40
˚C
j
T
-20
0
20 40 60 80
120
0
0.5
1.0
1.5
2.0
2.5
(25 ˚C)
V
I
V
I
 9 page
background image
LY G5AP
2011-05-04
9
Dominant Wavelength 2) page 20
Dominante Wellenlänge 2) Seite 20
Δλ
dom = λdom - λdom (25 °C) = f(Tj); IF = 100 mA
OHL04424
-10
Δλ
dom
nm
j
T
-40
20
0
-20
80
60
40
˚C 120
-5
0
5
10
15
 10 page
background image
2011-05-04
10
LY G5AP
Max. Permissible Forward Current 7) page 20
Maximal zulässiger Durchlassstrom 7) Seite 20
I
F = f (T)
Permissible Pulse Handling Capability
Zulässige Impulsbelastbarkeit I
F = f(tp)
Duty cycle D = parameter, T
S = 25 °C
Permissible Pulse Handling Capability
Zulässige Impulsbelastbarkeit I
F = f(tp)
Duty cycle D = parameter, T
S = 85 *C
0
0
˚C
T
I
F
mA
OHL03681
S
20
40
60
80
100
50
100
150
200
300
0
-5
F
I
A
tp
s
OHL03683
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
10
T
t
T
D =
P
P
t
I
F
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.55
D
0.05
0.1
0.5
0.2
1
0.01
0.02
0.005
=
0
-5
F
I
A
tp
s
OHL03683
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
10
T
t
T
D =
P
P
t
I
F
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.55
D
0.05
0.1
0.5
0.2
1
0.01
0.02
0.005
=




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21