전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

LYH9GP-HZKY-36-1 데이터시트(Datasheet) 1 Page - OSRAM GmbH

부품명 LYH9GP-HZKY-36-1
상세내용  SMD epoxy package with silicone lens
PDF  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo 

 
 1 page
background image
2016-01-11
1
2016-01-11
OSLON Black
Datasheet
Version 1.4
LY H9GP
OSLON Black Series combines thermal stability with
high performance and reliability in a compact black
package. It has a metal lead frame and a tried and
tested lens design. The LED can be used wherever
there are large fluctuations in temperature and a large
amount of light is needed from a small area.
Die OSLON Black Series vereint Temperaturstabilität
mit hoher Leistung und Zuverlässigkeit in einem
kompakten, schwarzen Gehäuse. Sie hat ein
Metall-Leadframe und profitiert vom bewährten
Linsendesign. Eingesetzt werden kann die LED überall
dort, wo große Temperaturschwankungen herrschen
und viel Licht aus kleiner Fläche benötigt wird.
Features:
Besondere Merkmale:
Package: SMD epoxy package with silicone lens
Gehäusetyp: SMD Epoxyd Gehäuse mit
Silikonlinse
Technology: InGaAlP Thinfilm
Technologie: InGaAlP Thinfilm
Viewing angle at 50 % I
V: 90°
Abstrahlwinkel bei 50 % I
V: 90°
Color: yellow (590 nm)
Farbe: gelb (590 nm)
ESD - withstand voltage: 8 kV acc. to
ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)
ESD - Festigkeit: 8 kV nach ANSI/ESDA/JEDEC
JS-001 (HBM, Klasse 3B)
Corrosion Robustness: Improved corrosion
robustness
Korrosionsstabilität: Verbesserte
Korrosionsstabilität
Qualifications: The product qualification test plan
is based on the guidelines of AEC-Q101-REV-C,
Stress Test Qualification for Automotive Grade
Discrete Semiconductors.
Qualifikationen: Die Produktqualifikation wurde
entsprechend der Richtlinie AEC-Q101-REV-C,
„Stress Test Qualification for Automotive Grade
Discrete Semiconductors“, getestet.
Applications
Anwendungen
Architectural Lighting indoor and outdoor
Architekturbeleuchtung innen und außen
Automotive Lighting Interior and Exterior
Automobilbeleuchtung innen und außen
Coupling into Light Guides
Einkopplung in Lichtleiter
Decorative Lighting
Dekorative Beleuchtung
Signal and Symbol Luminary
Signal- und Symbolleuchten
Signaling
Signalanlagen
 2 page
background image
2016-01-11
2
Version 1.4
LY H9GP
Ordering Information
Bestellinformation
Type:
Luminous Flux 1) page 20
Ordering Code
Typ:
Lichtstrom 1) Seite 20
Bestellnummer
I
F = 350 mA
ΦV [lm]
LY H9GP-HZKY-36-1
39 ... 97
Q65111A7367
Note:
The above Type Numbers represent the order groups which include only a few brightness groups (see page 5). Only one group will
be shipped on each packing unit (there will be no mixing of two groups on each packing unit). E. g. LY H9GP-HZKY-36-1 means that
only one group HZ, JX, JY, JZ, KX, KY will be shippable for any packing unit.
In a similar manner for colors where wavelength groups are measured and binned, single wavelength groups will be shipped on any
one packing unit. E. g. LY H9GP-HZKY-36-1 means that only one wavelength group 3,4,5,6 will be shippable. LY H9GP-HZKY-36-1
means that the device will be shipped within the specified limits as stated on page 5.
In a similar manner for colors where forward voltage groups are measured and binned, single forward voltage groups will be shipped
on any packing unit. E. g. LY H9GP-HZKY-36-1 means that only one forward voltage group 9B,9C will be shippable.
Anm.:
Die oben genannten Typbezeichnungen umfassen die bestellbaren Selektionen. Diese bestehen aus wenigen Helligkeitsgruppen
(siehe Seite 5). Es wird nur eine einzige Helligkeitsgruppe pro Verpackungseinheit geliefert. Z. B. LY H9GP-HZKY-36-1 bedeutet,
dass in einer Verpackungseinheit nur eine der Helligkeitsgruppen HZ, JX, JY, JZ, KX, KY enhalten ist.
Gleiches gilt für die Farben, bei denen Wellenlängengruppen gemessen und gruppiert werden. Pro Verpackungseinheit wird nur eine
Wellenlängengruppe geliefert. Z. B. LY H9GP-HZKY-36-1 bedeutet, dass in einer Verpackungseinheit nur eine der
Wellenlängengruppen 3,4,5,6 enthalten ist (siehe Seite 5). LY H9GP-HZKY-36-1 bedeutet, dass das Bauteil innerhalb der
spezifizierten Grenzen geliefert wird.
Gleiches gilt für die LEDs, bei denen die Durchlassspannungsgruppen gemessen und gruppiert werden. Pro Verpackungseinheit
wird nur eine Durchlassspannungsgruppe geliefert. Z. B. LY H9GP-HZKY-36-1 bedeutet, dass nach Durchlassspannungsgruppen
gruppiert wird. In einer Verpackungseinheit ist nur eine der Durchlassspannungsgruppen 9B,9C enthalten (siehe Seite 5).
 3 page
background image
Version 1.4
LY H9GP
2016-01-11
3
Maximum Ratings
Grenzwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Operating temperature range
Betriebstemperatur
T
op
-40 ... 125
°C
Storage temperature range
Lagertemperatur
Tstg
-40 ... 125
°C
Junction temperature for short time applications *
Sperrschichttemperatur für Kurzzeitanwendung *
Tj
175
°C
Junction Temperature
Sperrschichttemperatur
T
j
150
°C
Forward current
Durchlassstrom
(TS = 25 °C)
I
F
100 ... 1000
mA
Surge current
Stoßstrom
(t ≤ 10 µs; D = 0.016; T
S = 25 °C)
IFM
2500
mA
Reverse voltage
Sperrspannung
(TS = 25 °C)
V
R
not designed for reverse
operation
V
ESD withstand voltage
ESD Festigkeit
(acc. to ANSI/ESDA/JEDEC JS-001 - HBM, Class
3B)
VESD
8
kV
Note:
*The LED chip exhibits excellent performance but slight package discoloration occurs at highest temperatures. Exemplary
median lifetime for Tj = 175°C is 100h.
Anm:
*Auch bei höchsten Temperaturen zeigt der LED Chip sehr gute Leistungsmerkmale, aber es kann eine leichte Verfärbung
des Gehäuses auftreten. Die mittlere Lebensdauer bei Tj = 175°C beträgt 100h.
 4 page
background image
2016-01-11
4
Version 1.4
LY H9GP
Characteristics (TS = 25 °C; IF = 350 mA)
Kennwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Wavelength at peak emission
Wellenlänge d. emittierten Lichtes
(typ.)
λ
peak
597
nm
Dominant Wavelength
2) page 20
Dominantwellenlänge
2) Seite 20
(min.)
(typ.)
(max.)
λdom
λdom
λdom
583
590
595
nm
nm
nm
Spectral bandwidth at 50% Irel max
Spektrale Bandbreite b. 50% I
rel max
(typ.)
∆λ
18
nm
Viewing angle at 50 % I
V
Abstrahlwinkel bei 50 % I
V
(typ.)
90
°
Forward voltage
3) page 20
Durchlassspannung
3) Seite 20
(min.)
(typ.)
(max.)
VF
VF
VF
2.05
2.26
2.65
V
V
V
Reverse current
Sperrstrom
IR
not designed for
reverse operation
Real thermal resistance junction / solder point
4) page 20
Realer Wärmewiderstand Sperrschicht / Lötpad
4) Seite 20
(typ.)
(max.)
R
th JS real
R
th JS real
6.5
11
K/W
K/W
Note:
Individual forward voltage groups see next page
Anm.:
Durchlassspannungsgruppen siehe nächste Seite
 5 page
background image
Version 1.4
LY H9GP
2016-01-11
5
Brightness Groups
Helligkeitsgruppen
Forward Voltage Groups 3) page 20
Durchlassspannungsgruppen 3) Seite 20
Dominant Wavelength Groups
2) page 20
Dominant Wellenlängengruppen
2) Seite 20
Group
Luminous Flux 1) page 20
Luminous Flux 1) page 20
Luminous Intensity
5) page 20
Gruppe
Lichtstrom 1) Seite 20
Lichtstrom 1) Seite 20
Lichtstärke 5) Seite 20
(min.) Φ
V [lm]
(max.) Φ
V [lm]
(typ.) I
V [cd]
HZ
39
45
20.7
JX
45
52
23.8
JY
52
61
27.8
JZ
61
71
32.5
KX
71
82
37.6
KY
82
97
44
Group
Gruppe
(min.) V
F [V]
(max.) V
F [V]
9B
2.05
2.35
9C
2.35
2.65
Group
yellow
Gruppe
(min.) λdom
[nm]
(max.) λdom
[nm]
3
583
586
4
586
589
5
589
592
6
592
595
Note:
No packing unit / tape ever contains more than one color group for each selection.
Anm.:
In einer Verpackungseinheit / Gurt ist immer nur eine Gruppe für jede Farbe enthalten.
 6 page
background image
2016-01-11
6
Version 1.4
LY H9GP
Group Name on Label
Gruppenbezeichnung auf Etikett
Example: HZ-3-9B
Beispiel: HZ-3-9B
Brightness
Helligkeit
Wavelength
Wellenlänge
Forward Voltage
Durchlassspannung
HZ
3
9B
Note:
No packing unit / tape ever contains more than one group for each selection.
Anm.:
In einer Verpackungseinheit / Gurt ist immer nur eine Gruppe für jede Selektion enthalten.
 7 page
background image
Version 1.4
LY H9GP
2016-01-11
7
Relative Spectral Emission - V(λ) = Standard eye response curve 5) page 20
Relative spektrale Emission - V(λ) = spektrale Augenempfindlichkeit 5) Seite 20
Φrel = f (λ); TS = 25 °C; IF = 350 mA
Radiation Characteristics 5) page 20
Abstrahlcharakteristik 5) Seite 20
Irel = f (ϕ); TS = 25 °C
LY H9GP
350
400
450
500
550
600
650
700
750
800
λ [nm]
0,0
0,2
0,4
0,6
0,8
1,0
Φrel
: Vλ
: yellow
OHL04470
20˚
40˚
60˚
80˚
100˚
120˚
0.4
0.6
0.8
1.0
100˚
90˚
80˚
70˚
60˚
50˚
10˚
20˚
30˚
40˚
0
0.2
0.4
0.6
0.8
1.0
ϕ
 8 page
background image
2016-01-11
8
Version 1.4
LY H9GP
Forward Current 5) page 20 , 6) page 20
Durchlassstrom 5) Seite 20 , 6) Seite 20
IF = f (VF); TS = 25 °C
Relative Luminous Flux 5) page 20 , 6) page 20
Relativer Lichtstrom 5) Seite 20 , 6) Seite 20
ΦVV(350 mA) = f(IF); TS = 25 °C
LY H9GP
1,9
2,9
2,0
2,2
2,4
2,6
2,8
VF [V]
100
200
400
600
800
1000
IF [mA]
LY H9GP
10
0
20
0
40
0
60
0
80
0
10
00
IF [mA]
0,0
0,5
1,0
1,5
2,0
2,5
Φ
V
Φ
V(350mA)
 9 page
background image
Version 1.4
LY H9GP
2016-01-11
9
Relative Forward Voltage 5) page 20
Relative Vorwärtsspannung 5) Seite 20
ΔVF = VF - VF(25 °C) = f(Tj); IF = 350 mA
Relative Luminous Flux 5) page 20
Relativer Lichtstrom 5) Seite 20
ΦVV(25 °C) = f(Tj); IF = 350 mA
Dominant Wavelength 5) page 20
Dominante Wellenlänge 5) Seite 20
Δλdom = λdom - λdom (25 °C) = f(Tj); IF = 350 mA
LY H9GP
-40 -20
0
20
40
60
80 100 120 140
Tj [°C]
-0,3
-0,2
-0,1
0,0
0,1
0,2
0,3
∆VF [V]
LY H9GP
-40 -20
0
20
40
60
80 100 120 140
Tj [°C]
0,0
0,5
1,0
1,5
2,0
2,5
Φ
v
Φ
v(25°C)
LY H9GP
-40 -20
0
20
40
60
80 100 120 140
Tj [°C]
-10
-5
0
5
10
15
20
∆λ dom [nm]
 10 page
background image
2016-01-11
10
Version 1.4
LY H9GP
Max. Permissible Forward Current
Max. zulässiger Durchlassstrom
IF = f (T)
Permissible Pulse Handling Capability
Zulässige Impulsbelastbarkeit IF = f(tp)
D: Duty cycle, TS = 25 °C
Permissible Pulse Handling Capability
Zulässige Impulsbelastbarkeit IF = f(tp)
D: Duty cycle, TS = 85 °C
100
Do not use current below 100 mA
60
40
20
0
80
0.1
0
0.2
0.4
0.3
0.5
140
˚C
TS
I
0.7
0.6
0.8
F
0.9
1.1
A
OHL04484
0.8
-5
F
I
A
tp
s
OHL04374
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
10
P
t
=
D
T
T
t
P
IF
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
0.5
1
0.01
0.02
0.05
0.1
0.2
0.005
D =
0.8
-5
F
I
A
tp
s
OHL04374
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
10
P
t
=
D
T
T
t
P
IF
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
0.5
1
0.01
0.02
0.05
0.1
0.2
0.005
D =




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21