전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

LYH9PP-HZKX-46-1 데이터시트(Datasheet) 1 Page - OSRAM GmbH

부품명 LYH9PP-HZKX-46-1
상세내용  SMD epoxy package
PDF  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo 

 
 1 page
background image
2016-01-11
1
2016-01-11
OSLON Black Flat
Datasheet
Version 1.6 (replacement in due course)
LY H9PP
OSLON Black Flat is a new small size high-flux LED for
slim designs. The black package stands for high
stability.
OSLON Black Flat ist eine neue kompakte hoch
effiziente Lichtquelle für platzsparende Designs. Das
schwarze Gehäuse steht für eine hohe Stabilität.
Features:
Besondere Merkmale:
Package: SMD epoxy package
Gehäusetyp: SMD Epoxid Gehäuse
Technology: InGaAlP Thinfilm
Technologie: InGaAlP Thinfilm
Viewing angle at 50 % I
V: 120°
Abstrahlwinkel bei 50 % I
V: 120°
Color: yellow (590 nm)
Farbe: gelb (590 nm)
ESD - withstand voltage: 8 kV acc. to
ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)
ESD - Festigkeit: 8 kV nach ANSI/ESDA/JEDEC
JS-001 (HBM, Klasse 3B)
Corrosion Robustness: Improved corrosion
robustness
Korrosionsstabilität: Verbesserte
Korrosionsstabilität
Qualifications: The product qualification test plan
is based on the guidelines of AEC-Q101-REV-C,
Stress Test Qualification for Automotive Grade
Discrete Semiconductors.
Qualifikationen: Die Produktqualifikation wurde
entsprechend der Richtlinie AEC-Q101-REV-C,
„Stress Test Qualification for Automotive Grade
Discrete Semiconductors“, getestet.
Applications
Anwendungen
Architectural Lighting indoor and outdoor
Architekturbeleuchtung innen und außen
Automotive Lighting Interior and Exterior
Automobilbeleuchtung innen und außen
Coupling into Light Guides
Einkopplung in Lichtleiter
Decorative Lighting
Dekorative Beleuchtung
Signal and Symbol Luminary
Signal- und Symbolleuchten
Signaling
Signalanlagen
 2 page
background image
2016-01-11
2
Version 1.6 (replacement in due course)
LY H9PP
Ordering Information
Bestellinformation
Type:
Luminous Flux 1) page 21
Ordering Code
Typ:
Lichtstrom 1) Seite 21
Bestellnummer
I
F = 350 mA
ΦV [lm]
LY H9PP-HZKX-46-1
39 ... 82
Q65111A7406
Note:
The above Type Numbers represent the order groups which include only a few brightness groups (see page 5). Only one group will
be shipped on each packing unit (there will be no mixing of two groups on each packing unit). E. g. LY H9PP-HZKX-46-1 means that
only one group HZ, JX, JY, JZ, KX will be shippable for any packing unit.
In a similar manner for colors where wavelength groups are measured and binned, single wavelength groups will be shipped on any
one packing unit. E. g. LY H9PP-HZKX-46-1 means that only one wavelength group 4,5,6 will be shippable. LY H9PP-HZKX-46-1
means that the device will be shipped within the specified limits as stated on page 5.
In a similar manner for colors where forward voltage groups are measured and binned, single forward voltage groups will be shipped
on any packing unit. E. g. LY H9PP-HZKX-46-1 means that only one forward voltage group J3,M3,Q3,T3 will be shippable.
Anm.:
Die oben genannten Typbezeichnungen umfassen die bestellbaren Selektionen. Diese bestehen aus wenigen Helligkeitsgruppen
(siehe Seite 5). Es wird nur eine einzige Helligkeitsgruppe pro Verpackungseinheit geliefert. Z. B. LY H9PP-HZKX-46-1 bedeutet,
dass in einer Verpackungseinheit nur eine der Helligkeitsgruppen HZ, JX, JY, JZ, KX enhalten ist.
Gleiches gilt für die Farben, bei denen Wellenlängengruppen gemessen und gruppiert werden. Pro Verpackungseinheit wird nur eine
Wellenlängengruppe geliefert. Z. B. LY H9PP-HZKX-46-1 bedeutet, dass in einer Verpackungseinheit nur eine der
Wellenlängengruppen 4,5,6 enthalten ist (siehe Seite 5). LY H9PP-HZKX-46-1 bedeutet, dass das Bauteil innerhalb der
spezifizierten Grenzen geliefert wird.
Gleiches gilt für die LEDs, bei denen die Durchlassspannungsgruppen gemessen und gruppiert werden. Pro Verpackungseinheit
wird nur eine Durchlassspannungsgruppe geliefert. Z. B. LY H9PP-HZKX-46-1 bedeutet, dass nach Durchlassspannungsgruppen
gruppiert wird. In einer Verpackungseinheit ist nur eine der Durchlassspannungsgruppen J3,M3,Q3,T3 enthalten (siehe Seite 5).
 3 page
background image
Version 1.6 (replacement in due course)
LY H9PP
2016-01-11
3
Maximum Ratings
Grenzwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Operating temperature range
Betriebstemperatur
T
op
-40 ... 125
°C
Storage temperature range
Lagertemperatur
Tstg
-40 ... 125
°C
Junction temperature for short time applications *
Sperrschichttemperatur für Kurzzeitanwendung *
Tj
175
°C
Junction temperature
Sperrschichttemperatur
T
j
150
°C
Forward current
Durchlassstrom
(TS = 25 °C)
I
F
20 ... 1000
mA
Surge current
Stoßstrom
(t ≤ 10 µs; D = 0.005; T
S = 25 °C)
IFM
2500
mA
Reverse voltage
Sperrspannung
(TS = 25 °C)
V
R
not designed for reverse
operation
V
ESD withstand voltage
ESD Festigkeit
(acc. to ANSI/ESDA/JEDEC JS-001 - HBM, Class
3B)
VESD
8
kV
Note:
*The LED chip exhibits excellent performance but slight package discoloration occurs at highest temperatures. Exemplary
median lifetime for Tj = 175°C is 100h.
Anm:
*Auch bei höchsten Temperaturen zeigt der LED Chip sehr gute Leistungsmerkmale, aber es kann eine leichte Verfärbung
des Gehäuses auftreten. Die mittlere Lebensdauer bei T
j = 175°C beträgt 100h.
 4 page
background image
2016-01-11
4
Version 1.6 (replacement in due course)
LY H9PP
Characteristics (TS = 25 °C; IF = 350 mA)
Kennwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Wavelength at peak emission
Wellenlänge d. emittierten Lichtes
(typ.)
λ
peak
597
nm
Dominant Wavelength
2) page 21
Dominantwellenlänge
2) Seite 21
(min.)
(typ.)
(max.)
λdom
λdom
λdom
586
590
595
nm
nm
nm
Spectral bandwidth at 50% Irel max
Spektrale Bandbreite b. 50% I
rel max
(typ.)
∆λ
18
nm
Viewing angle at 50 % I
V
Abstrahlwinkel bei 50 % I
V
(typ.)
120
°
Forward voltage
3) page 21
Durchlassspannung
3) Seite 21
(min.)
(typ.)
(max.)
VF
VF
VF
2.00
2.26
2.60
V
V
V
Reverse current
Sperrstrom
IR
not designed for
reverse operation
Real thermal resistance junction / solder point
4) page 21
Realer Wärmewiderstand Sperrschicht / Lötpad
4) Seite 21
(typ.)
(max.)
R
th JS real
R
th JS real
6.5
11
K/W
K/W
"Electrical" thermal resistance junction / solder point
4) page 21
"Elektrischer" Wärmewiderstand Sperrschicht /
Lötpad 4) Seite 21
(with efficiency η
e = 14 %)
(typ.)
(max.)
Rth JS el
Rth JS el
5.6
9.5
K/W
K/W
Note:
Individual forward voltage groups see next page
Anm.:
Durchlassspannungsgruppen siehe nächste Seite
 5 page
background image
Version 1.6 (replacement in due course)
LY H9PP
2016-01-11
5
Brightness Groups
Helligkeitsgruppen
Forward Voltage Groups 3) page 21
Durchlassspannungsgruppen 3) Seite 21
Dominant Wavelength Groups
2) page 21
Dominant Wellenlängengruppen
2) Seite 21
Group
Luminous Flux 1) page 21
Luminous Flux 1) page 21
Luminous Intensity
5) page 21
Gruppe
Lichtstrom 1) Seite 21
Lichtstrom 1) Seite 21
Lichtstärke 5) Seite 21
(min.) Φ
V [lm]
(max.) Φ
V [lm]
(typ.) I
V [cd]
HZ
39
45
13.9
JX
45
52
16
JY
52
61
18.6
JZ
61
71
21.8
KX
71
82
25.2
Group
Gruppe
(min.) V
F [V]
(max.) V
F [V]
J3
2.00
2.15
M3
2.15
2.30
Q3
2.30
2.45
T3
2.45
2.60
Group
yellow
Gruppe
(min.) λdom
[nm]
(max.) λdom
[nm]
4
586
589
5
589
592
6
592
595
Note:
No packing unit / tape ever contains more than one color group for each selection.
Anm.:
In einer Verpackungseinheit / Gurt ist immer nur eine Gruppe für jede Farbe enthalten.
 6 page
background image
2016-01-11
6
Version 1.6 (replacement in due course)
LY H9PP
Group Name on Label
Gruppenbezeichnung auf Etikett
Example: HZ-4-J3
Beispiel: HZ-4-J3
Brightness
Helligkeit
Wavelength
Wellenlänge
Forward Voltage
Durchlassspannung
HZ
4
J3
Note:
No packing unit / tape ever contains more than one group for each selection.
Anm.:
In einer Verpackungseinheit / Gurt ist immer nur eine Gruppe für jede Selektion enthalten.
 7 page
background image
Version 1.6 (replacement in due course)
LY H9PP
2016-01-11
7
Relative Spectral Emission - V(λ) = Standard eye response curve 5) page 21
Relative spektrale Emission - V(λ) = spektrale Augenempfindlichkeit 5) Seite 21
Φrel = f (λ); TS = 25 °C; IF = 350 mA
Radiation Characteristics 5) page 21
Abstrahlcharakteristik 5) Seite 21
Irel = f (ϕ); TS = 25 °C
LY H9PP
350
400
450
500
550
600
650
700
750
800
λ [nm]
0,0
0,2
0,4
0,6
0,8
1,0
Φrel
: Vλ
: yellow
LY H9PP
-100°
-90°
-80°
-70°
-60°
-50°
-40°
-30°
-20°
-10°
10°
20°
30°
40°
50°
60°
70°
80°
90°
ϕ [°]
0,0
0,2
0,4
0,6
0,8
1,0
Irel
 8 page
background image
2016-01-11
8
Version 1.6 (replacement in due course)
LY H9PP
Forward Current 5) page 21 , 6) page 21
Durchlassstrom 5) Seite 21 , 6) Seite 21
IF = f (VF); TS = 25 °C
Relative Luminous Flux 5) page 21 , 6) page 21
Relativer Lichtstrom 5) Seite 21 , 6) Seite 21
ΦVV(350 mA) = f(IF); TS = 25 °C
LY H9PP
1,8
2,9
2,0
2,2
2,4
2,6
2,8
VF [V]
20
200
400
600
800
1000
IF [mA]
LY H9PP
20
20
0
40
0
60
0
80
0
10
00
IF [mA]
0,0
0,5
1,0
1,5
2,0
2,5
Φ
V
Φ
V(350mA)
 9 page
background image
Version 1.6 (replacement in due course)
LY H9PP
2016-01-11
9
Relative Forward Voltage 5) page 21
Relative Vorwärtsspannung 5) Seite 21
ΔVF = VF - VF(25 °C) = f(Tj); IF = 350 mA
Relative Luminous Flux 5) page 21
Relativer Lichtstrom 5) Seite 21
ΦVV(25 °C) = f(Tj); IF = 350 mA
Dominant Wavelength 5) page 21
Dominante Wellenlänge 5) Seite 21
Δλdom = λdom - λdom (25 °C) = f(Tj); IF = 350 mA
LY H9PP
-40 -20
0
20
40
60
80 100 120 140
Tj [°C]
-0,3
-0,2
-0,1
0,0
0,1
0,2
0,3
∆VF [V]
LY H9PP
-40 -20
0
20
40
60
80 100 120 140
Tj [°C]
0,0
0,5
1,0
1,5
2,0
2,5
Φ
v
Φ
v(25°C)
LY H9PP
-40 -20
0
20
40
60
80 100 120 140
Tj [°C]
-10
-5
0
5
10
15
20
∆λ dom [nm]
 10 page
background image
2016-01-11
10
Version 1.6 (replacement in due course)
LY H9PP
Max. Permissible Forward Current
Max. zulässiger Durchlassstrom
IF = f (T)
Permissible Pulse Handling Capability
Zulässige Impulsbelastbarkeit IF = f(tp)
D: Duty cycle, TS = 25 °C
Permissible Pulse Handling Capability
Zulässige Impulsbelastbarkeit IF = f(tp)
D: Duty cycle, TS = 85 °C
0
20
40
60
80
100
120
140
TS [°C]
0
100
200
300
400
500
600
700
800
900
1000
1100
IF [mA]
LY H9PP
Do not use below 20 mA
: TS
0.8
-5
F
I
A
tp
s
OHL04374
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
10
P
t
=
D
T
T
t
P
IF
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
0.5
1
0.01
0.02
0.05
0.1
0.2
0.005
D =
0.8
-5
F
I
A
tp
s
OHL04374
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
10
P
t
=
D
T
T
t
P
IF
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
0.5
1
0.01
0.02
0.05
0.1
0.2
0.005
D =




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22