![]() |
전자부품 데이터시트 검색엔진 |
|
|
MC74VHC1G14_13 데이터시트(Datasheet) 1 Page - ON Semiconductor |
|
1 page ![]() © Semiconductor Components Industries, LLC, 2013 February, 2013 − Rev. 19 1 Publication Order Number: MC74VHC1G14/D MC74VHC1G14 Single Schmitt-Trigger Inverter The MC74VHC1G14 is a single gate CMOS Schmitt−trigger inverter fabricated with silicon gate CMOS technology. The internal circuit is composed of three stages, including a buffer output which provides high noise immunity and stable output. The MC74VHC1G14 input structure provides protection when voltages up to 7 V are applied, regardless of the supply voltage. This allows the MC74VHC1G14 to be used to interface 5 V circuits to 3 V circuits. The MC74VHC1G14 can be used to enhance noise immunity or to square up slowly changing waveforms. Features • High Speed: tPD = 4 ns (Typ) at VCC = 5 V • Low Power Dissipation: ICC = 1.0 mA (Max) at TA = 25°C • Power Down Protection Provided on Inputs • Balanced Propagation Delays • Pin and Function Compatible with Other Standard Logic Families • Chip Complexity: FETs = 101 • These Devices are Pb−Free and are RoHS Compliant • NLV Prefix for Automotive and Other Applications Requiring Unique Site and Control Change Requirements; AEC−Q100 Qualified and PPAP Capable Figure 1. Pinout (Top View) VCC NC IN A OUT Y GND IN A OUT Y Figure 2. Logic Symbol 1 2 3 4 5 1 http://onsemi.com MARKING DIAGRAMS FUNCTION TABLE L H A Input Y Output H L PIN ASSIGNMENT 1 2 3 GND NC IN A 4 5VCC OUT Y See detailed ordering and shipping information in the package dimensions section on page 4 of this data sheet. ORDERING INFORMATION VA = Device Code M = Date Code* G = Pb−Free Package VA M G G 1 5 VA M G G 1 5 (Note: Microdot may be in either location) *Date Code orientation and/or position may vary depending upon manufacturing location. TSOP−5 / SOT−23 / SC−59 DT SUFFIX CASE 483 SC−88A / SOT−353 / SC−70 DF SUFFIX CASE 419A 2 page ![]() MC74VHC1G14 http://onsemi.com 2 MAXIMUM RATINGS Symbol Parameter Value Unit VCC DC Supply Voltage −0.5 to )7.0 V VIN DC Input Voltage −0.5 to +7.0 V VOUT DC Output Voltage −0.5 to VCC )0.5 V IIK DC Input Diode Current −20 mA IOK DC Output Diode Current $20 mA IOUT DC Output Sink Current $12.5 mA ICC DC Supply Current per Supply Pin $25 mA TSTG Storage Temperature Range *65 to )150 °C TL Lead Temperature, 1 mm from Case for 10 Seconds 260 °C TJ Junction Temperature Under Bias )150 °C qJA Thermal Resistance SC70−5/SC−88A (Note 1) TSOP−5 350 230 °C/W PD Power Dissipation in Still Air at 85°CSC70−5/SC−88A TSOP−5 150 200 mW MSL Moisture Sensitivity Level 1 FR Flammability Rating Oxygen Index: 28 to 34 UL 94 V−0 @ 0.125 in VESD ESD Withstand Voltage Human Body Model (Note 2) Machine Model (Note 3) Charged Device Model (Note 4) u2000 u200 N/A V ILatchup Latchup Performance Above VCC and Below GND at 125°C (Note 5) $500 mA Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. 1. Measured with minimum pad spacing on an FR4 board, using 10 mm−by−1 inch, 2−ounce copper trace with no air flow. 2. Tested to EIA/JESD22−A114−A. 3. Tested to EIA/JESD22−A115−A. 4. Tested to JESD22−C101−A. 5. Tested to EIA/JESD78. RECOMMENDED OPERATING CONDITIONS Symbol Parameter Min Max Unit VCC DC Supply Voltage 2.0 5.5 V VIN DC Input Voltage 0.0 5.5 V VOUT DC Output Voltage 0.0 VCC V TA Operating Temperature Range *55 )125 °C tr , tf Input Rise and Fall Time VCC = 3.3 V ± 0.3 V VCC = 5.0 V ± 0.5 V − − No Limit No Limit ns/V Device Junction Temperature versus Time to 0.1% Bond Failures Junction Temperature °C Time, Hours Time, Years 80 1,032,200 117.8 90 419,300 47.9 100 178,700 20.4 110 79,600 9.4 120 37,000 4.2 130 17,800 2.0 140 8,900 1.0 1 1 10 100 1000 TIME, YEARS FAILURE RATE OF PLASTIC = CERAMIC UNTIL INTERMETALLICS OCCUR Figure 3. Failure Rate vs. Time Junction Temperature 3 page ![]() MC74VHC1G14 http://onsemi.com 3 DC ELECTRICAL CHARACTERISTICS Symbol Parameter Test Conditions VCC (V) TA = 25°C TA ≤ 85°C −55 ≤ TA ≤ 125°C Unit Min Typ Max Min Max Min Max VT+ Positive Threshold Voltage 3.0 4.5 5.5 1.85 2.86 3.50 2.0 3.0 3.6 2.20 3.15 3.85 2.20 3.15 3.85 2.20 3.15 3.85 V VT− Negative Threshold Voltage 3.0 4.5 5.5 0.9 1.35 1.65 1.5 2.3 2.9 1.65 2.46 3.05 0.9 1.35 1.65 0.9 1.35 1.65 V VH Hysteresis Voltage 3.0 4.5 5.5 0.30 0.40 0.50 0.57 0.67 0.74 1.20 1.40 1.60 0.30 0.40 0.50 1.20 1.40 1.60 0.30 0.40 0.50 1.20 1.40 1.60 V VOH Minimum High−Level Output Voltage VIN ≤ VT − Min IOH = −50 mA 2.0 3.0 4.5 1.9 2.9 4.4 2.0 3.0 4.5 1.9 2.9 4.4 1.9 2.9 4.4 V IOH = −4 mA IOH = −8 mA 3.0 4.5 2.58 3.94 2.48 3.80 2.34 3.66 V VOL Maximum Low−Level Output Voltage VIN ≥ VT + Max IOL = 50 mA 2.0 3.0 4.5 0.0 0.0 0.0 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 V IOL = 4 mA IOL = 8 mA 3.0 4.5 0.36 0.36 0.44 0.44 0.52 0.52 V IIN Maximum Input Leakage Current VIN = 5.5 V or GND 0 to 5.5 ±0.1 ±1.0 ±1.0 mA ICC Maximum Quiescent Supply Current VIN = VCC or GND 5.5 1.0 20 40 mA AC ELECTRICAL CHARACTERISTICS Input tr = tf = 3.0 ns Symbol Parameter Test Conditions TA = 25°C TA ≤ 85°C −55 ≤ TA ≤ 125°C Unit Min Typ Max Min Max Min Max tPLH, tPHL Maximum Propagation Delay, A to Y VCC = 3.3 ± 0.3 V CL = 15 pF CL = 50 pF 7.0 8.5 12.8 16.3 1.0 1.0 15.0 18.5 1.0 1.0 17.0 20.5 ns VCC = 5.0 ± 0.5 V CL = 15 pF CL = 50 pF 4.0 5.5 8.6 10.6 1.0 1.0 10.0 12.0 1.0 1.0 11.5 13.5 CIN Maximum Input Capacitance 5 10 10 10 pF CPD Power Dissipation Capacitance (Note 6) Typical @ 25°C, VCC = 5.0 V pF 7.0 6. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load. Average operating current can be obtained by the equation: ICC(OPR) = CPD VCC fin + ICC. CPD is used to determine the no−load dynamic power consumption; PD = CPD VCC2 fin + ICC VCC. 4 page ![]() MC74VHC1G14 http://onsemi.com 4 VCC GND 50% 50% VCC A or B Y tPHL tPLH Figure 4. Switching Waveforms Figure 5. Test Circuit *Includes all probe and jig capacitance. A 1−MHz square input wave is recommended for propagation delay tests. CL* INPUT OUTPUT ORDERING INFORMATION Device Package Shipping† MC74VHC1G14DFT1G SC−88A/SOT−353 (Pb−Free) 3000/Tape & Reel NLVVHC1G14DFT1G* MC74VHC1G14DFT2G NLVVHC1G14DFT2G* MC74VHC1G14DTT1G SOT−23/TSOP−5 (Pb−Free) †For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D. *NLV Prefix for Automotive and Other Applications Requiring Unique Site and Control Change Requirements; AEC−Q100 Qualified and PPAP Capable. 5 page ![]() MC74VHC1G14 http://onsemi.com 5 PACKAGE DIMENSIONS NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. 419A−01 OBSOLETE. NEW STANDARD 419A−02. 4. DIMENSIONS A AND B DO NOT INCLUDE MOLD FLASH, PROTRUSIONS, OR GATE BURRS. DIM A MIN MAX MIN MAX MILLIMETERS 1.80 2.20 0.071 0.087 INCHES B 1.15 1.35 0.045 0.053 C 0.80 1.10 0.031 0.043 D 0.10 0.30 0.004 0.012 G 0.65 BSC 0.026 BSC H --- 0.10 --- 0.004 J 0.10 0.25 0.004 0.010 K 0.10 0.30 0.004 0.012 N 0.20 REF 0.008 REF S 2.00 2.20 0.079 0.087 B 0.2 (0.008) MM 12 3 4 5 A G S D 5 PL H C N J K −B− SC−88A (SC−70−5/SOT−353) CASE 419A−02 ISSUE K 6 page ![]() MC74VHC1G14 http://onsemi.com 6 PACKAGE DIMENSIONS TSOP−5 CASE 483−02 ISSUE H NOTES: 1. DIMENSIONING AND TOLERANCING PER ASME Y14.5M, 1994. 2. CONTROLLING DIMENSION: MILLIMETERS. 3. MAXIMUM LEAD THICKNESS INCLUDES LEAD FINISH THICKNESS. MINIMUM LEAD THICKNESS IS THE MINIMUM THICKNESS OF BASE MATERIAL. 4. DIMENSIONS A AND B DO NOT INCLUDE MOLD FLASH, PROTRUSIONS, OR GATE BURRS. 5. OPTIONAL CONSTRUCTION: AN ADDITIONAL TRIMMED LEAD IS ALLOWED IN THIS LOCATION. TRIMMED LEAD NOT TO EXTEND MORE THAN 0.2 FROM BODY. DIM MIN MAX MILLIMETERS A 3.00 BSC B 1.50 BSC C 0.90 1.10 D 0.25 0.50 G 0.95 BSC H 0.01 0.10 J 0.10 0.26 K 0.20 0.60 L 1.25 1.55 M 0 10 S 2.50 3.00 12 3 54 S A G L B D H C J __ 0.7 0.028 1.0 0.039 mm inches SCALE 10:1 0.95 0.037 2.4 0.094 1.9 0.074 *For additional information on our Pb−Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D. SOLDERING FOOTPRINT* 0.20 5X C AB T 0.10 2X 2X T 0.20 NOTE 5 T SEATING PLANE 0.05 K M DETAIL Z DETAIL Z ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC owns the rights to a number of patents, trademarks, copyrights, trade secrets, and other intellectual property. A listing of SCILLC’s product/patent coverage may be accessed at www.onsemi.com/site/pdf/Patent−Marking.pdf. SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. “Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner. PUBLICATION ORDERING INFORMATION N. American Technical Support: 800−282−9855 Toll Free USA/Canada Europe, Middle East and Africa Technical Support: Phone: 421 33 790 2910 Japan Customer Focus Center Phone: 81−3−5817−1050 MC74VHC1G14/D LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada Email: orderlit@onsemi.com ON Semiconductor Website: www.onsemi.com Order Literature: http://www.onsemi.com/orderlit For additional information, please contact your local Sales Representative |
|