전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

LPX120 데이터시트(Datasheet) 1 Page - Astec America, Inc

부품명 LPX120
상세내용  Place the insulator over the chassis as shown
PDF  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  ASTEC [Astec America, Inc]
홈페이지  http://www.astecinc.com/
Logo 

   
 1 page
background image
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240
Embedded Power for
Business-Critical Continuity
LPX120 Enclosure
Installation Notes
LPX120 • Cover Enclosure Kit
LPX120 will fit the LPS12X power supplies.
Rev. 7.9.09_160
LPX120 Enclosure
1 of 2
1.457
37,0
[
]
1.260
32,0
[
]
0.980
24,9
[
]
0.802
20,4
[
]
2.945
74,8
[
]
4.685
119,0
[
]
1.693
43,0
[
]
(2X) 0.591
15,0
[
]
(2X) 2.677
68,0
[
]
(2X) 1.004
25,5
[
]
1.724
43,8
[
]
2.205
56,0
[
]
2.165
55,0
[
]
(2X) 0.390
9,9
[
]
(2X) 2.283
58,0
[
]
(2X) 3.727
94,7
[
]
(2X) 0.577
14,7
[
]
(2X) 1.201
30,5
[
]
(2X) 0.197
5,0
[
]
1.654
42,0
[
]
MATERIALS
1 Base
1 Cover
4 M3X6mm Pan head screws with spring washer
4 M3X6mm Countersunk screws
1 M4 nut
1 M4 star washer
1 M4 spring washer
1 Plastic insulator sheet
NOTES
1. All dimensions are in inches(mm)
2. Overall dimensions
3. Base plate has three sets of customer mountings:
a. Bottom mounting(4X)M3 inserts. Max. screw penetration 0.0787(2mm)
b. Bottom mounting(2X)4mm clear holes plus 2 keyways.(see keyway detail)
c. Side mountings(4X)M3 inserts. Max. screw penetration 0.236(6mm)
4. Ensure insulator is correctly fitted in base under PCBto maintain safety
creepage and clearances.
6.When using this enclosure, ensure that relevant safety standards
(e.g.,EN60950)are complied with, in respect to creepage and clearance
distances, and distances through insulation.
(2X)M3 INSERT
(2X)M3 INSERT
A
A
A
A
(4X)M3 INSERT
MARKED"A"
SEE KEYWAY DETAILS
INPUT TERMINALS
(4X)STANDOFF
GROUND STUD
INSULATOR
OUTPUT TERMINALS
(2X) KEYWAY DETAIL
ÿ0.14(ÿ3.6)
ÿ0.35(ÿ8.8)
0.25(6.4)
4.685(119.0) x 2.945(74.8) x 1.693(43.0)
Materials
1 Base
1 Cover
4 M3x6mm Pan head
screws with spring washer
4 M3x6mm countersunk
screws
1 M4 nut
1 M4 star washer
1 M4 spring washer
1 Plastic insulator sheet
Installation Instructions and Notes
1. Place the insulator over the chassis as shown.
2. Place the power supply over the insulator as shown.
3. Align the 4x power supply to the chassis standoff.
4. Secure 4 pan head screws with washer provided with in kit as shown.
5. Place the cover over the power supply as shown.
6. Align the 4x cover to the U-bracket countersink holes.
7. Secure 4 countersink screws provided with in kit as shown.
8. Overall dimensions: 5.95 (151.13) x 3.4 (86.36) x 1.6 (40.64).
9. Base plate has two sets of customer mountings:
a. Bottom mounting (4X) M3 inserts. Max. screw penetration 0.0787 (2mm)
b. Side mounting (4X) M3 inserts. Max. screw penetration 0.236 (6mm)
10.Ensure insulator is correctly fitted in base under PCB to maintain safety creepage
and clearances.
11.Ensure base is firmly connected to supply earth via the earth stud marked
12.When using this enclosure, ensure that relevant safety standards (e.g. EN60950) are complied
with, in respect to creepage and clearance distances, and distances through insulation.
13.All dimensions are in inches (mm)
 2 page
background image
Embedded Power for
Business-Critical Continuity
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240
Mechanical Drawing
Americas
5810 Van Allen Way
Carlsbad, CA 92008
USA
Telephone: +1 760 930 4600
Facsimile: +1 760 930 0698
Europe (UK)
Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX
United Kingdom
Telephone: +44 (0) 1384 842 211
Facsimile: +44 (0) 1384 843 355
Asia (HK)
14/F, Lu Plaza
2 Wing Yip Street
Kwun Tong, Kowloon
Hong Kong
Telephone: +852 2176 3333
Facsimile: +852 2176 3888
For global contact, visit:
www.PowerConversion.com
techsupport.embeddedpower
@emerson.com
While every precaution has been taken to ensure
accuracy and completeness in this literature, Emerson
Network Power assumes no responsibility, and disclaims
all liability for damages resulting from use of this
information or for any errors or omissions.
Emerson Network Power and the Emerson
Network Power logo are trademarks and
service marks of Emerson Electric Co.
©2009 Emerson Electric Co.
EmersonNetworkPower.com
Embedded Computing
Embedded Power
Monitoring
Outside Plant
Power Switching & Controls
Precision Cooling
Racks & Integrated Cabinets
Services
Surge Protection
Emerson Network Power.
The global leader in enabling
business-critical continuity.
AC Power
Connectivity
DC Power
Rev. 7.9.09_160
LPX120 Enclosure
2 of 2
5.95 [151.13]
0.7 [17.78]
4.55 [115.57]
0.35 [8.89] (2x)
5.25 [133.35] (2x)
EXTRUDED HOLE
WITH M3 THREAD FORMED
(4x)
EXTRUDED HOLE
WITH M3 THREAD FORMED
(2x)
4.55 [115.57]
EXTRUDED HOLE
WITH M3 THREAD FORMED
(2x)
0.7 [17.78]




Html 페이지

1  2