전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

HPR12K-00 데이터시트(Datasheet) 1 Page - Emerson Network Power

부품명 HPR12K-00
상세내용  Connecting the input power cable, output load cable and communication wire according to the below figure.
PDF  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  EMERSON-NETWORKPOWER [Emerson Network Power]
홈페이지  http://www.emersonnetworkpower.com
Logo 

   
 1 page
background image
Rev.06.09.10
HPR12K-00
1 of 6
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240
Embedded Power for
Business-Critical Continuity
Operating Instructions
1. General Install
Connecting the input power cable, output load cable and communication wire according
to the below figure.
HPR12K-00
AC INPUT
AC INPUT
AC INPUT
AC INPUT
Main DC Output
Aux. DC
Output
I2C/PMBus
Communication
Main DC Output
AC Line Input
2. General Settings
Unless otherwise specified, when the PSON# switch is de-asserted (48V o/p is disabled).
It is means Manual ON/OFF DIP switch SW1 should be default according to below table.
And It must be checked before shipping.
Power Supplies
Status
PSU 1#
PSU 2#
PSU 3#
PSU 4#
CH 1
CH 2
CH 3
CH 4
CH 5
CH 6
CH 7
CH8
OFF
Up
Down
Up
Down
Up
Down
Up
Down
Note 1. The status Down means set to ON position. The status UP means set to OFF position.
Note 2. Programming Switch SW1 default settings:
PSON switches : OFF
PSKILL switches : ON
DIP switch SW1 setting as a default
 2 page
background image
Rev.06.09.10
HPR12K-00
2 of 6
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240
Embedded Power for
Business-Critical Continuity
Technical Reference Note
3.1 Manual ON/OFF Operation
3. ON/OFF Operation (PSON#)
The DIP switch SW1 used turn on or off the PSU by manually. The PSU in SLOT1 is turn on when the CH1 of DIP switch
SW1 turn on. The other PSU see Table 1.
Note : DIP switch CH2 should be set to ON as a default. Incase if CH2 is set to off, Power supply is slot 1 will not turn on
even if CH1 is set to ON position.
Power Supplies
Status
PSU 1#
PSU 2#
PSU 3#
PSU 4#
CH 1
CH 2
CH 3
CH 4
CH 5
CH 6
CH 7
CH8
ON
Down
Down
Down
Down
Down
Down
Down
Down
OFF
Up
Down
Up
Down
Up
Down
Up
Down
Note. The status Down means set to ON position. The status UP means set to OFF position.
Table 1 PSON# Switch Characteristics
Figure 1: DIP Switch for ON/OFF Operation
Figure 2: The SLOTs define of Rack
 3 page
background image
Rev.06.09.10
HPR12K-00
3 of 6
Embedded Power for
Business-Critical Continuity
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240
3.2 Remote ON/OFF
The per PSON# signal is required to remotely turn on/off the power supply. PSON# is an active low signal that turns on
the +48VDC power rail. When this signal is not pulled low by the system, or left open, the +48VDC output turns off.
The 5Vsb output remains on. This signal is pulled to a standby voltage by a pull-up resistor internal to the power sup-
ply. The power supply fan(s) shall operate at the lowest speed.
Signal Type
Accepts an open collector/drain input from the system.
Pulled-up to the 3V3sb located inside the power supply.
PSON# = Low
ON
PSON# = Open
OFF
MIN
MAX
Logic level low (power supply ON)
0 V
0.4 V
Logic level high (power supply OFF)
2.40 V
3.40 V
Source current, Vpson = low
4 mA
Power up delay: T pson_on_delay
5msec
400msec
Refer to IPS of HPS3000-9 PN: 41966008950
Table 2 PSON# Signal Characteristics
4. PMBus Communication
The per power supplies can be communicated with computer by our GUI interface hardware and software.
 4 page
background image
Rev.06.09.10
HPR12K-00
4 of 6
Embedded Power for
Business-Critical Continuity
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240
5.1 Main Output Connection
5. Connector Define for I/O
No.
Designation
Identification
Terminal Type
+48Vdc
+
MAIN OUTPUT
Ring Lug, M6 screw
+48V_RTN
-
MAIN OUTPUT RETURN
Ring Lug, M6 screw
Mating Terminal screw: SUPPLY TECHNOLOGIES 6040289-0010-EC-A
Table 3 Main Output Connection Definition
5.2 PMBus Communication Connection
Use output connector below table5 , Description named CN1.
Self Connector
Mating Connector
Landwin 2051P1000T
Housing: Landwin 2050S1000
(Astec P/N: 13866002800)
Pins: Landwin 2053T011P
Table 4 PMBus Output Connector
Figure 3: Connector CN1
Signal
Name Description
Pin Qty.
Pin Number (s)
SCL
Serial Clock Signal
1
4
SDA
Serial Data Signal
1
2
Ishare
Load Share Bus
1
7
5Vsb
5Vsb External Bus
1
1
Sys_GND
Secondary Return
1
3
Unused
5
5, 6, 8, 9, 10
Table 5 Output Connection Definitions for PMBus
5.3 5V Stand-By Auxiliary Output CN2
Self Connector
Mating Connector
Tyco: 1-794528-1
Tyco: 794657-6
(Astec P/N: 13870012770)
Table 6 PMBus Output Connector
Figure 4: Connector CN2
Signal
Name Description
Pin Qty.
Pin Number (s)
Stby_Rtn_Sense
Return sense for Stby ground
1
1
5Vsb
5Vsb External Bus
2
2, 3
Sys_GND
Standby GND
2
5, 6
Unused
1
4
Table 7 Output Connection Definitions foe 5V Standby
 5 page
background image
Rev.06.09.10
HPR12K-00
5 of 6
Embedded Power for
Business-Critical Continuity
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240
5.4 Signal Output Connector CN3
Self Connector
Mating Connector
Molex: 52986-2679
Tyco: 2-5175677-4
(Astec P/N: 13870011610)
Table 8 Signal Output Connector
Figure 5: Connector CN3
Signal
Name Description
Pin Qty.
Pin Number (s)
SYS_GND
Standby GND
2
1, 14
UNIT1_PRESENT#
Power supply present for Unit 1
1
2
UNIT2_PRESENT#
Power supply present for Unit 2
1
3
UNIT3_PRESENT#
Power supply present for Unit 3
1
4
UNIT4_PRESENT#
Power supply present for Unit 4
1
5
UNIT1_DCOK/PWOK#
Power OK output for Unit 1
1
6
UNIT2_DCOK/PWOK#
Power OK output for Unit 2
1
7
UNIT3_DCOK/PWOK#
Power OK output for Unit 3
1
8
UNIT4_DCOK/PWOK#
Power OK output for Unit 4
1
9
UNIT1_ACOK#
AC input present for Unit 1
1
10
UNIT2_ACOK#
AC input present for Unit 2
1
11
UNIT3_ACOK#
AC input present for Unit 3
1
12
UNIT4_ACOK#
AC input present for Unit 4
1
13
UNIT1_PSON#
Power enable input for Unit 1
1
15
UNIT2_PSON#
Power enable input for Unit 2
1
16
UNIT3_PSON#
Power enable input for Unit 3
1
17
UNIT4_PSON#
Power enable input for Unit 4
1
18
UNIT1_PSKILL
Minimize arching damage to the power pins
1
19
UNIT2_PSKILL
Minimize arching damage to the power pins
1
20
UNIT3_PSKILL
Minimize arching damage to the power pins
1
21
UNIT4_PSKILL
Minimize arching damage to the power pins
1
22
UNIT1_#ALERT
Warning signal
1
23
UNIT2_#ALERT
Warning signal
1
24
UNIT3_#ALERT
Warning signal
1
25
UNIT4_#ALERT
Warning signal
1
26
Table 7 Output Connection Definitions foe 5V Standby
 6 page
background image
Rev.06.09.10
HPR12K-00
6 of 6
Americas
5810 Van Allen Way
Carlsbad, CA 92008
USA
Telephone: +1 760 930 4600
Facsimile: +1 760 930 0698
Europe (UK)
Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX
United Kingdom
Telephone: +44 (0) 1384 842 211
Facsimile: +44 (0) 1384 843 355
Asia (HK)
14/F, Lu Plaza
2 Wing Yip Street
Kwun Tong, Kowloon
Hong Kong
Telephone: +852 2176 3333
Facsimile: +852 2176 3888
For global contact, visit:
www.Emerson.com/EmbeddedPower
techsupport.embeddedpower
@emerson.com
While every precaution has been taken to ensure
accuracy and completeness in this literature, Emerson
Network Power assumes no responsibility, and disclaims
all liability for damages resulting from use of this
information or for any errors or omissions.
Emerson Network Power and the Emerson
Network Power logo are trademarks and
service marks of Emerson Electric Co.
©2010 Emerson Electric Co.
EmersonNetworkPower.com
Embedded Computing
Embedded Power
Monitoring
Outside Plant
Power Switching & Controls
Precision Cooling
Racks & Integrated Cabinets
Services
Surge Protection
Emerson Network Power.
The global leader in enabling
business-critical continuity.
AC Power
Connectivity
DC Power
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240
Embedded Power for
Business-Critical Continuity
5.5 Input Connection Definition
For Functional Test (NHR – initial testing), the following connection applies.
No.
Designation
Identification
Terminal Type
L
VINP
Input Voltage Positive
Ring Lug, #12 screw
N
VINN
Input Voltage Negative
Ring Lug, #12 screw
E
MGND
Module Ground (chassis)
Mounting Hardware
Table 10 Input Connection Definition
Figure 6: Input Connector
Self Connector
Mating Connector
Bussman: A207403R46
Molex: 19073-0222 or Equivalent
(Astec P/N: 15000300070)
Table 11 Input Connection and Mating Terminal




Html 페이지

1  2  3  4  5  6