전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

HMC144LC4 데이터시트(Datasheet) 1 Page - Analog Devices

부품명 HMC144LC4
상세내용  Point-to-Point Radios
PDF  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo 

   
 1 page
background image
Analog Devices Welcomes
Hittite Microwave Corporation
NO CONTENT ON THE ATTACHED DOCUMENT HAS CHANGED
www.analog.com
www.hittite.com
 2 page
background image
THIS PAGE INTENTIONALLY LEFT BLANK
 3 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
1
HMC144LC4
v03.0414
GaAs MMIC DOUBLE-BALANCED
MIXER, 6 - 20 GHz
General Description
Features
Functional Diagram
The HMC144LC4 is a Double-Balanced MMIC
Mixer in a leadless “Pb free” SMT package which
can be used as an upconverter or downconverter
from 6 to 20 GHz. Broadband operation and 30 to
40 dB isolations are provided by on-chip baluns,
which require no external components or DC bias.
MMIC mixers are more reliable replacements to
hybrid diode mixers assuring consistent conversion
loss and isolation performance over high volume
production lots. The HMC144LC4 eliminates the
need for wire bonding, allowing use of surface mount
manufacturing techniques.
+23 dBm Input IP3
35 dB LO/RF Isolation
IF Bandwidth: DC to 3 GHz
RoHS Compliant 4x4 mm SMT Package
Electrical Specifications, T
A = +25° C
Typical Applications
The HMC144LC4 is ideal for:
• Point-to-Point Radios
• Point-to-Multi-Point Radios & VSAT
• Test Equipment & Sensors
• Military End-Use
Parameter
IF = 100 MHz
LO = +20 dBm
Units
Min.
Typ.
Max.
Min.
Typ.
Max.
Frequency Range, RF & LO
6 - 12
12 - 20
GHz
Frequency Range, IF
DC - 3
DC - 3
GHz
Conversion Loss
9.5
11.5
11
13
dB
Noise Figure (SSB)
9.5
11.5
11
13
dB
LO to RF Isolation
25
35
25
35
dB
LO to IF Isolation
15
20
15
20
dB
RF to IF Isolation
15
25
15
25
dB
IP3 (Input)
23
23
dBm
1 dB Compression (Input)
12
15
12
15
dBm
* Unless otherwise noted, all measurements performed as downconverter, IF= 100 MHz.
 4 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
2
HMC144LC4
v03.0414
GaAs MMIC DOUBLE-BALANCED
MIXER, 6 - 20 GHz
Conversion Gain vs.
Temperature @ LO = +20 dBm
Isolation @ LO = +20 dBm
IF Bandwidth @ LO = +20 dBm
Return Loss @ LO = +20 dBm
Conversion Gain vs. LO Drive
Upconverter Performance
Conversion Gain @ LO = +20 dBm
-20
-15
-10
-5
0
4
6
8
10
12
14
16
18
20
22
+25C
+85C
-40C
FREQUENCY (GHz)
-20
-15
-10
-5
0
4
6
8
10
12
14
16
18
20
22
LO = +13 dBm
LO = +15 dBm
LO = +17 dBm
LO = +20 dBm
FREQUENCY (GHz)
-60
-50
-40
-30
-20
-10
0
4
6
8
10
12
14
16
18
20
22
RF to IF
LO to RF
LO to IF
FREQUENCY (GHz)
-30
-25
-20
-15
-10
-5
0
012345
6
IF CONVERSION GAIN
IF RETURN LOSS
FREQUENCY (GHz)
-20
-15
-10
-5
0
4
6
8
10
12
14
16
18
20
22
FREQUENCY (GHz)
-20
-15
-10
-5
0
4
6
8
10
12
14
16
18
20
22
RF
LO
FREQUENCY (GHz)
 5 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
3
HMC144LC4
v03.0414
GaAs MMIC DOUBLE-BALANCED
MIXER, 6 - 20 GHz
Input IP3 vs. LO Drive*
Input P1dB vs.
Temperature @ LO = +20 dBm
Input IP3 vs.
Temperature @ LO = +20 dBm*
Harmonics of LO
* Two-tone input power = 0 dBm each tone, 1 MHz spacing.
Input IP2 vs. LO Drive *
MxN Spurious @ IF Port
nLO
mRF
0
1
2
3
4
0
XX
0
5
37
N/A
1
7
0
49
42
54
2
47
66
44
56
57
3
>95
>95
>95
58
77
4
N/A
>95
>95
>95
>95
RF = 12 GHz @ -10 dBm
LO = 12.1 GHz @ 20 dBm
All values in dBc relative to the IF power level.
Measured as downconverter.
nLO Spur @ RF Port
LO Freq. (GHz)
1
2
3
4
9
25
18
46
53
10.5
25
20
52
66
12
27
24
47
63
13.5
27
33
61
N/A
15
27
47
67
N/A
16.5
24
52
63
N/A
LO = +20 dBm
All values in dBc below input LO level @ RF port.
0
5
10
15
20
25
30
35
5
7
9
11
13
15
17
19
21
LO = +13 dBm
LO = +15 dBm
LO = +17 dBm
LO = +20 dBm
FREQUENCY (GHz)
0
5
10
15
20
25
30
35
5
7
9
11
13
15
17
19
21
+25C
+85C
-40C
FREQUENCY (GHz)
0
10
20
30
40
50
60
70
80
5
7
9
11
13
15
17
19
21
LO = +13 dBm
LO =+15 dBm
LO = +17 dBm
LO = +20 dBm
FREQUENCY (GHz)
5
10
15
20
25
5
8
11
14
17
20
+25C
+85C
-40C
FREQUENCY (GHz)
 6 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
4
HMC144LC4
v03.0414
GaAs MMIC DOUBLE-BALANCED
MIXER, 6 - 20 GHz
Absolute Maximum Ratings
RF / IF Input
+15 dBm
LO Drive
+27 dBm
IF DC Current
±2 mA
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C
ESD Sensitivity (HBM)
Class 1A
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
 7 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
5
HMC144LC4
v03.0414
GaAs MMIC DOUBLE-BALANCED
MIXER, 6 - 20 GHz
Outline Drawing
NOTES:
1. PACKAGE BODY MATERIAL: ALUMINA
2. LEAD AND GROUND PADDLE PLATING: GOLD FLASH OVER Ni.
3. DIMENSIONS ARE IN INCHES [MILLIMETERS].
4. LEAD SPACING TOLERANCE IS NON-CUMULATIVE.
5. PACKAGE WARP SHALL NOT EXCEED 0.05mm DATUM -C-
6. ALL GROUND LEADS AND GROUND PADDLE MUST BE SOLDERED
TO PCB RF GROUND.
Package Information
Part Number
Package Body Material
Lead Finish
MSL Rating
Package Marking [2]
HMC144LC4
Alumina, White
Gold over Nickel
MSL3
[1]
H144
XXXX
[1] Max peak reflow temperature of 260 °C
[2] 4-Digit lot number XXXX
 8 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
6
HMC144LC4
v03.0414
GaAs MMIC DOUBLE-BALANCED
MIXER, 6 - 20 GHz
Pin Number
Function
Description
Interface Schematic
1, 5 - 7, 11 - 14,
18 - 24
N/C
No Connection. These pins may be connected to RF/DC ground.
Performance will not be affected.
2, 4, 8, 10,
15, 17
GND
These pins and package bottom must be
connect to RF/DC ground.
3
RF
This pin is AC coupled and matched
to 50 Ohms from 6 - 20 GHz
9
IF
This pin is DC coupled. For applications not requiring operation
to DC, this port should be DC blocked externally using a series
capacitor whose value has been chosen to pass the necessary IF
frequency range. For operation to DC, this pin must not source/
sink more than 2 mA of current or die non-function and possible
die failure will result.
16
LO
This pin is AC coupled and matched
to 50 Ohms from 6 - 20 GHz
Pin Descriptions
 9 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
7
HMC144LC4
v03.0414
GaAs MMIC DOUBLE-BALANCED
MIXER, 6 - 20 GHz
Evaluation PCB
The circuit board used in the application should
use RF circuit design techniques. Signal lines
should have 50 Ohm impedance while the pack-
age ground leads and exposed paddle should be
connected directly to the ground plane similar
to that shown. A sufficient number of via holes
should be used to connect the top and bottom
ground planes. The evaluation circuit board
shown is available from Hittite upon request.
List of Materials for Evaluation PCB 109010 [1]
Item
Description
J1 - J2
PCB Mount SMA RF Connector, SRI
J3
PCB Mount SMA Connector, Johnson
U1
HMC144LC4
PCB [2]
109005 Evaluation Board
[1] Reference this number when ordering complete evaluation PCB
[2] Circuit Board Material: Rogers 4350
 10 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
8
HMC144LC4
v03.0414
GaAs MMIC DOUBLE-BALANCED
MIXER, 6 - 20 GHz




Html 페이지

1  2  3  4  5  6  7  8  9  10