전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

HMC144LH5 데이터시트(Datasheet) 1 Page - Analog Devices

부품명 HMC144LH5
상세내용  Test Instrumentation
PDF  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo 

   
 1 page
background image
Analog Devices Welcomes
Hittite Microwave Corporation
NO CONTENT ON THE ATTACHED DOCUMENT HAS CHANGED
www.analog.com
www.hittite.com
 2 page
background image
THIS PAGE INTENTIONALLY LEFT BLANK
 3 page
background image
9
9 - 36
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC144LH5
GaAs MMIC DOUBLE-BALANCED
MIXER, 6 - 20 GHz
v00.1206
General Description
Features
Functional Diagram
The HMC144LH5 is a Double-Balanced MMIC Mixer
housed in a hermetic SMT leadless package which
can be used as an upconverter or downconverter
from 6 to 20 GHz. Broadband operation and excellent
isolations are provided by on-chip baluns, while no
external components or DC bias are required. The
HMC144LH5 is a more reliable alternative to hybrid
diode mixers, assuring consistent conversion loss
and isolation performance over multiple production
lots. The HMC144LH5 allows the use of surface
mount manufacturing techniques and is suitable
for high reliability, military, industrial and space
applications.
Input IP3: +24 dBm
LO/RF Isolation: 35 dB
IF Bandwidth: DC to 3 GHz
RoHS Compliant Hermetic SMT Package, 25 mm2
Screening to MIL-PRF-38535 (Class B or S) Available
Electrical Specifications, T
A = +25° C
Typical Applications
The HMC144LH5 is ideal for:
• Telecom Infrastructure
• Test Instrumentation
• Military Radio, Radar & ECM
• Space Systems
Parameter
IF = 100 MHz
LO = +20 dBm
Units
Min.
Typ.
Max.
Min.
Typ.
Max.
Frequency Range, RF & LO
6 - 12
12 - 20
GHz
Frequency Range, IF
DC - 3
DC - 3
GHz
Conversion Loss
9.5
11.5
11
13
dB
Noise Figure (SSB)
9.5
11.5
11
13
dB
LO to RF Isolation
23
35
23
35
dB
LO to IF Isolation
10
20
10
20
dB
RF to IF Isolation
12
25
12
22
dB
IP3 (Input)
24
24
dBm
1 dB Compression (Input)
12
15
12
15
dBm
* Unless otherwise noted, all measurements performed as downconverter, IF= 100 MHz.
 4 page
background image
9
9 - 37
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Conversion Gain vs.
Temperature @ LO = +20 dBm
Isolation @ LO = +20 dBm
IF Bandwidth @ LO = +20 dBm
Return Loss @ LO = +20 dBm
Conversion Gain vs. LO Drive
Upconverter Performance
Conversion Gain @ LO = +20 dBm
-20
-15
-10
-5
0
6
8
10
12
14
16
18
20
22
+25C
-40C
+85C
FREQUENCY (GHz)
-20
-15
-10
-5
0
6
8
10
12
14
16
18
20
22
LO = +13dBm
LO = +15dBm
LO = +17dBm
LO = +20dBm
FREQUENCY (GHz)
-60
-50
-40
-30
-20
-10
0
5
7
9
1113
15
171921
23
RF to IF
LO to RF
LO to IF
FREQUENCY (GHz)
-35
-30
-25
-20
-15
-10
-5
0
012345
6
IF CONVERSION GAIN
IF RETURN LOSS
FREQUENCY (GHz)
-20
-16
-12
-8
-4
0
5
7
9
11
13
15
17
19
21
FREQUENCY (GHz)
-25
-20
-15
-10
-5
0
4
6
8
1012
14
161820
22
RF
LO
FREQUENCY (GHz)
HMC144LH5
GaAs MMIC DOUBLE-BALANCED
MIXER, 6 - 20 GHz
v00.1206
 5 page
background image
9
9 - 38
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Input IP3 vs. LO Drive*
Input P1dB vs.
Temperature @ LO = +20 dBm
Input IP3 vs.
Temperature @ LO = +20 dBm*
Harmonics of LO
* Two-tone input power = 0 dBm each tone, 1 MHz spacing.
Input IP2 vs. LO Drive *
MxN Spurious @ IF Port
nLO
mRF
0
1234
0XX
-23
18
2
23
180
25
14
37
2
6565628062
385
86
83
90
82
486
87
95
100
105
RF = 12 GHz @ -10 dBm
LO = 12.1 GHz @ 20 dBm
All values in dBc relative to the IF power level.
Measured as downconverter.
nLO Spur @ RF Port
LO Freq. (GHz)
1
2
3
4
637
34
56
46
836
38
61
50
10
33
43
66
63
12
27
37
48
60
14
35
41
50
N/A
16
34
42
58
N/A
18
35
55
N/A
N/A
20
30
54
N/A
N/A
LO = +20 dBm
All values in dBc below input LO level @ RF port.
0
5
10
15
20
25
30
35
5
7
9
11
13
15
17
19
21
LO = +13 dBm
LO = +15 dBm
LO = +17 dBm
LO = +20 dBm
FREQUENCY (GHz)
0
5
10
15
20
25
30
35
5
8
11
14
17
20
+25C
-40C
+85C
FREQUENCY (GHz)
0
10
20
30
40
50
60
70
80
5
7
9
11
13
15
17
19
21
FREQUENCY (GHz)
LO= 13 dBm
LO= 20 dBm
LO= 17 dBm
LO= 15 dBm
5
10
15
20
25
5
7
9
11
13
15
17
19
21
+25C
-40C
+85C
FREQUENCY (GHz)
HMC144LH5
GaAs MMIC DOUBLE-BALANCED
MIXER, 6 - 20 GHz
v00.1206
 6 page
background image
9
9 - 39
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Outline Drawing
NOTES:
1. PACKAGE BODY MATERIAL: CERAMIC & KOVAR
2. LEAD AND GROUND PADDLE PLATING: GOLD 40-80 MICROINCHES
3. DIMENSIONS ARE IN INCHES [MILLIMETERS].
4. LEAD SPACING TOLERANCE IS NON-CUMULATIVE.
5. PAD BURR LENGTH 0.15mm MAX. PAD BURR HEIGHT 0.25mm MAX
6. ALL GROUND LEADS AND GROUND PADDLE MUST BE SOLDERED
TO PCB RF GROUND.
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
HMC144LH5
GaAs MMIC DOUBLE-BALANCED
MIXER, 6 - 20 GHz
v00.1206
Absolute Maximum Ratings
RF / IF Input
+15 dBm
LO Drive
+27 dBm
IF DC Current
±2 mA
Channel Temperature
150 °C
Continuous Pdiss (T = 85 °C)
(derate 9.83 mW/°C above 85 °C)
640 mW
Thermal Resistance (R
TH)
(Channel to package bottom)
101.7 °C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C
ESD Sensitivity (HBM)
Class 1A
 7 page
background image
9
9 - 40
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Pin Number
Funciton
Description
Interface Schematic
1, 3, 4, 6, 7,
9-12
GND
These pins and package bottom must be
connect to RF/DC ground.
2RF
This pin is AC coupled and matched
to 50 Ohms.
5IF
This pin is DC coupled. For applications not requiring operation
to DC, this port should be DC blocked externally using a series
capacitor whose value has been chosen to pass the necessary IF
frequency range. For operation to DC, this pin must not source/
sink more than 2 mA of current or die non-function and possible
die failure will result.
8LO
This pin is AC coupled and matched
to 50 Ohms.
Pin Descriptions
HMC144LH5
GaAs MMIC DOUBLE-BALANCED
MIXER, 6 - 20 GHz
v00.1206
 8 page
background image
9
9 - 41
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Evaluation PCB
The circuit board used in the final application
should use RF circuit design techniques. Signal
lines should have 50 ohm impedance while the
package ground leads and exposed paddle
should be connected directly to the ground
plane similar to that shown. A sufficient number
of via holes should be used to connect the top
and bottom ground planes. The evaluation cir-
cuit board shown is available from Hittite upon
request.
List of Materials for Evaluation PCB 116588 [1]
Item
Description
J1 - J3
PCB Mount SMA RF Connector, SRI
U1
HMC144LH5
PCB [2]
111550 Evaluation Board
[1] Reference this number when ordering complete evaluation PCB
[2] Circuit Board Material: Rogers 4350
HMC144LH5
GaAs MMIC DOUBLE-BALANCED
MIXER, 6 - 20 GHz
v00.1206




Html 페이지

1  2  3  4  5  6  7  8