전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

KHPA0608 데이터시트(Datasheet) 1 Page - Analog Devices

부품명 KHPA0608
상세내용  Commercial Radar
PDF  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo 

   
 1 page
background image
Analog Devices Welcomes
Hittite Microwave Corporation
NO CONTENT ON THE ATTACHED DOCUMENT HAS CHANGED
www.analog.com
www.hittite.com
 2 page
background image
THIS PAGE INTENTIONALLY LEFT BLANK
 3 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
978-250-3343 tel • 978-250-3373 fax • Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
1
This product data sheet does not contain ITAR-controlled technical data because the information is basic
marketing information and general system descriptions that do not meet the ITAR definition of technical data.
The information provided in this document is for a
product controlled by the International Traffic in Arms
Regulations (ITAR). This product cannot be shipped
outside of the United States without a U.S. Department
of State export license.
Solid State
Microwave Power Modules
Features
Highest Power
Smallest Footprint
Lightest Weight
Typical Applications
• Commercial Radar
• Military Radar
• Electronic Warfare
• Test Equipment
General Description
High power in a small package, our Dodecahedron
package (DDH) is designed to pack a considerable
amount of power in a small footprint plus cover a wide
bandwidth. Only 2.3” x 2.5” dia., these DDHs are
modular so that they can be combined. One DDH will
provide 500W, two DDHs will provide 1000W and four
DDHs will provide 2000W pulsed output in the C-band.
Table 1. Specifications
Input Power
DC Power
48 VDC (28V opt)
Efficiency
22.5%
Output Specifications [ @ 25º C ]
Frequency Range
6.0 -8.0 GHz
Power Output (Saturated)
500/1000/2000 W
[ 1 / 2 / 4 DDHs ]
Rise / Fall Time
200 nsec Max
Pulse Width
.05 to 100 msec
Duty Cycle
20 %
In/Out VSWR
1.5:1
Out of Band Spurious Noise -70.0 dBc Max
2nd Harmonic
-40.0 dBc Max
Connectors
RF Input
SMA Female
RF Output
“N” Female
Mechanical
Compact Aluminum or Copper Chassis
Chassis Grounded
Conduction Cooling (heatsinks and fans optional)
Environmental
Operating Temperature
-20º to 75º C
Storage Temperature
-40º to 50º C
Relative Humidity
5% to 95% non-condensing
MTBF
200,000 hours
KHPA0608-XXXWP
v02.0415
500/1000/2000W
C-BAND PULSED AMPLIFIER




Html 페이지

1  2  3