전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

LBC846ADW1T1G 데이터시트(Datasheet) 1 Page - Leshan Radio Company

부품명 LBC846ADW1T1G
상세내용  Dual General Purpose Transistors
PDF  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  LRC [Leshan Radio Company]
홈페이지  http://www.lrc.cn/
Logo 

   
 1 page
background image
LESHAN RADIO COMPANY, LTD.
1
3
2
Dual General Purpose Transistors
NPN Duals
These transistors are designed for general purpose amplifier
applications. They are housed in the SOT–363/SC–88 which is
designed for low power surface mount applications.
MAXIMUM RATINGS
Rating
Symbol
BC846
BC847
BC848
Unit
Collector–Emitter Voltage
V CEO
65
45
30
V
Collector–Base Voltage
V CBO
80
50
30
V
Emitter–Base Voltage
V EBO
6.0
6.0
5.0
V
Collector Current -Continuous
I C
100
100
100
mAdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation
P D
380
mW
Per Device
250
mW
FR– 5 Board, (1) TA = 25°C
Derate above 25°C
3.0
mW/°C
Thermal Resistance, Junction to Ambient
R θJA
328
°C/W
Junction and Storage Temperature
T J , T stg
–55 to +150
°C
1. FR–5 = 1.0 x 0.75 x 0.062 in.
ORDERING INFORMATION
Device
Marking
Shipping
LBC846BDW1T1G
3000 Units/Reel
LBC846BDW1T3G
LBC847BDW1T1G
3000 Units/Reel
LBC847BDW1T3G
LBC847CDW1T1G
3000 Units/Reel
LBC846BDW1T1G
LBC847BDW1T1G
LBC847CDW1T1G
LBC848BDW1T1G
LBC848CDW1T1G
SOT-363 /SC-88
1
3
2
6
4
5
See Table
Q1
Q2
6
4
5
LBC847CDW1T3G
LBC848BDW1T1G
LBC848BDW1T3G
LBC848CDW1T1G
LBC848CDW1T3G
3000 Units/Reel
3000 Units/Reel
1B
1B
1F
1F
1G
1G
1K
1K
1L
1L
10000 Units/Reel
10000 Units/Reel
10000 Units/Reel
10000 Units/Reel
10000 Units/Reel
RoHS requirements.
We declare that the material of product compliance with
LBC846ADW1T1G
LBC846ADW1T1G
3000 Units/Reel
LBC846ADW1T3G
1A
1A
10000 Units/Reel
Rev.O 1/6
 2 page
background image
LESHAN RADIO COMPANY, LTD.
LBC846ADW1T1G Series
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Breakdown Voltage
V (BR)CEO
V
(I C = 10 mA)
LBC846 Series
65
LBC847 Series
45
LBC848 Series
30
Collector–Emitter Breakdown Voltage
V (BR)CES
V
(I C = 10
µA, V
EB = 0)
LBC846 Series
80
LBC847 Series
50
LBC848 Series
30
Collector–Base Breakdown Voltage
V (BR)CBO
V
(I C = 10
µA)
LBC846 Series
80
LBC847 Series
50
LBC848 Series
30
Emitter–Base Breakdown Voltage
V (BR)EBO
V
(I E = 1.0
µA)
LBC846 Series
6.0
LBC847 Series
6.0
LBC848 Series
5.0
Collector Cutoff Current
(V CB = 30 V)
I CBO
——
15
nA
(V CB = 30 V, T A = 150°C)
5.0
µA
ON CHARACTERISTICS
DC Current Gain
h
FE
(I
C = 2.0 mA, V CE = 5.0 V)
LBC846B, LBC847B, LBC848B
200
290
450
LBC847C, LBC848C
420
520
800
Collector–Emitter Saturation Voltage (I
C = 10 mA, I B = 0.5 mA)
V
CE(sat)
0.25
V
Collector–Emitter Saturation Voltage
( I
C = 100 mA, I B = 5.0 mA)
0.6
Base–Emitter Saturation Voltage (I
C = 10 mA, I B = 0.5 mA)
V
BE(sat)
0.7
V
Base–Emitter Saturation Voltage
(I
C = 100 mA, I B = 5.0 mA)
0.9
Base–Emitter Voltage (I
C = 2.0 mA, V CE = 5.0 V)
V
BE(on)
580
660
700
mV
Base–Emitter Voltage
(I
C = 10 mA, V CE = 5.0 V)
770
SMALL–SIGNAL CHARACTERISTICS
Current–Gain — Bandwidth Product
f T
100
MHz
(I C = 10 mA, V CE = 5.0 Vdc, f = 100 MHz)
Output Capacitance (V CB = 10 V, f = 1.0 MHz)
C obo
4.5
pF
Noise Figure (I C = 0.2 mA,
NF
dB
V CE = 5.0 V dc, R S = 2.0 k
Ω, LBC846A,LBC846B, LBC847B, LBC848B
10
f = 1.0 kHz, BW = 200 Hz)
LBC847C, LBC848C
4.0
LBC846A
110
180
220
Rev.O 2/6
 3 page
background image
LESHAN RADIO COMPANY, LTD.
TYPICAL CHARACTERISTICS
I C , COLLECTOR CURRENT (mAdc)
Figure 1. Normalized DC Current Gain
I C , COLLECTOR CURRENT (mAdc)
Figure 2. “Saturation” and “On” Voltages
0.2
0.5
1.0
2.0
5.0
10
20
50
100
200
0.1
0.2 0.3
0.5 0.7 1.0
2.0 3.0
5.0 7.0 10
20 30
50 70 100
2.0
1.5
1.0
0.8
0.6
0.4
0.3
0.2
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
I B , BASE CURRENT (mA)
Figure 3. Collector Saturation Region
I C , COLLECTOR CURRENT (mA)
Figure 4. Base–Emitter Temperature Coefficient
0.02
0.1
1.0
10
20
2.0
1.6
1.2
0.8
0.4
0
1.0
1.2
1.6
2.0
2.4
2.8
0.2
1.0
10
100
LBC846ADW1T1G Series
Rev.O 3/6
 4 page
background image
LESHAN RADIO COMPANY, LTD.
TYPICAL CHARACTERISTICS
V
R , REVERSE VOLTAGE (VOLTS)
Figure 5. Capacitances
I
C , COLLECTOR CURRENT (mAdc)
Figure 6. Current–Gain – Bandwidth Product
0.4
0.6 0.8 1.0
2.0
4.0
6.0 8.0 10
20
40
10
7.0
5.0
3.0
2.0
1.0
0.5 0.7
1.0
2.0
3.0
5.0
7.0
10
20
30
50
400
300
200
100
80
60
40
30
20
I
C , COLLECTOR CURRENT (mA)
Figure 7. DC Current Gain
I
C , COLLECTOR CURRENT (mA)
Figure 8. “On” Voltage
0.1 0.2
1.0
10
100
2.0
1.0
0.5
0.2
0.2
0.5
1.0
2.0
5.0
10
20
50
100
200
1.0
0.8
0.6
0.4
0.2
0
I
B , BASE CURRENT (mA)
Figure 9. Collector Saturation Region
I
C , COLLECTOR CURRENT (mA)
Figure 10. Base–Emitter Temperature Coefficient
0.2
0.5
1.0
2.0
5.0
10
20
50
100
200
-1.0
-1.4
-1.8
-2.2
-2.6
-3.0
0.02
0.05
0.1
0.2
0.5
1.0
2.0
5.0
10
20
2.0
1.6
1.2
0.8
0.4
0
LBC846ADW1T1G Series
Rev.O 4/6
 5 page
background image
LESHAN RADIO COMPANY, LTD.
SINGLE PULSE
t 1
Z θ
JA (t) = r(t) R
θJA
R
θJA = 328°C/W MAX
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t
1
T
J(pk)
– T
C
= P
(pk)
R
θJC (t)
t 2
P (pk)
DUTY CYCLE, D = t 1 /t 2
D=0.5
0.2
0.1
0.05
0.02
0.01
t, TIME (ms)
Figure 11. Thermal Response
0
1.0
10
100
1.0K
10K
100K
1.0M
1.0
0.1
0.01
0.001
-200
-100
-50
-10
-5.0
-2.0
-1.0
-5.0
-10
-30
-45
-65
-100
V
CE , COLLECTOR–EMITTER VOLTAGE (V)
Figure 12. Active Region Safe Operating Area
The safe operating area curves indicate I C –V CE limits of
thetransistor that must be observed for reliable operation.
Collector load lines for specific circuits must fall below the
limits indicated by the applicable curve.
The data of Figure 12 is based upon T J(pk) = 150°C; T C or
T A is variable depending upon conditions. Pulse curves are
valid for duty cycles to 10% provided T J(pk) < 150°C. T J
(pk) may be calculated from the data in Figure 12. At high
case or ambient temperatures, thermal limitations will reduce
the power that can be handled to values less than the limita-
tions imposed by the secondary breakdown.
LBC846ADW1T1G Series
Rev.O 5/6
 6 page
background image
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. 419B−01 OBSOLETE, NEW STANDARD 419B−02.
E
0.2 (0.008) MM
12
3
D
e
A1
A
A3
C
L
65
4
−E−
b 6 PL
XX M
XX = Specific Device Code
M = Date Code
GENERIC
MARKING DIAGRAM*
1
6
SC−88
DIM
MIN
NOM
MAX
MILLIMETERS
A
0.80
0.95
1.10
A1
0.00
0.05
0.10
A3
b
0.10
0.21
0.30
C
0.10
0.14
0.25
D
1.80
2.00
2.20
0.031
0.037
0.043
0.000
0.002
0.004
0.004
0.008
0.012
0.004
0.005
0.010
0.070
0.078
0.086
MIN
NOM
MAX
INCHES
0.20 REF
0.008 REF
HE
XX
1
6
OR
HE
E
1.15
1.25
1.35
e
0.65 BSC
L
0.10
0.20
0.30
2.00
2.10
2.20
0.045
0.049
0.053
0.026 BSC
0.004
0.008
0.012
0.078
0.082
0.086
LESHAN RADIO COMPANY, LTD.
LBC846ADW1T1G Series
Rev.O 6/6




Html 페이지

1  2  3  4  5  6