전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

LS-BGA361E-05 데이터시트(Datasheet) 1 Page - Ironwood Electronics.

부품명 LS-BGA361E-05
상세내용  Materials and specifications are subject to change without notice
PDF  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  IRONWOOD [Ironwood Electronics.]
홈페이지  http://www.ironwoodelectronics.com
Logo 

   
 1 page
background image
A1
1
2
1
Threaded Insert
3.18mm
[0.125"]
0.80mm typ.
[0.031"]
2.54mm
[0.100"]
18.725mm
[0.737"]
14.40mm [0.567"]
23.725mm [0.934"]
2.54mm [0.100"]
2.50mm [0.098"]
14.40mm
[0.567"]
5.08mm
[0.200"]
2.16mm
[0.085"]
2.50mm
[0.098"]
23.725mm
[0.934"]
18.725mm [0.737"]
Ø 0.4826mm typ.[Ø 0.019"]
Pin: Brass - PS-2
Plating: 10u" Au over 50u" Ni min.
2
2.41mm
[0.095"]
0.20mm [0.008"]±0.0005"
Substrate: 3.18mm ±0.125mm [0.125" ±0.005"]
FR4/G10 or equivalent high temp material. Non-clad.
Side View
Top View
Description: Thru hole Adaptor
361 position surface mount land pattern to terminal pins (0.8mm centers 19x19 array). To be used with GHz
sockets.
Status: Released
Drawing: S.Natarajan
Scale: 3:1
Rev: C
Date: 6/21/05
Modified: 11/12/09 MT/MR
File: LS-BGA361E-05 Dwg
LS-BGA361E-05 Drawing
© 2005 IRONWOOD ELECTRONICS, INC.
PO BOX 21151 ST. PAUL, MN 55121
Tele: (651) 452-8100
www.ironwoodelectronics.com
Tolerances: diameters ±0.03mm [±0.001”], PCB perimeters ±0.13mm [±0.005”], PCB thicknesses ±0.18mm [±0.007"], pitches (from true position)
±0.08mm [±0.003"], all other tolerances ±0.13mm [±0.005”] unless stated otherwise. Materials and specifications are subject to change without notice.
RoHS
RoHS