전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

X0605MK 데이터시트(Datasheet) 1 Page - Foshan Blue Rocket Electronics Co.,Ltd.

부품명 X0605MK
상세내용  Thyristor in a TO-92 Plastic Package
PDF  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
홈페이지  http://www.fsbrec.com/
Logo 

   
 1 page
background image
X0605MK
Rev.F Mar.-2016
DATA SHEET
http://www.fsbrec.com
1 / 6
TO-92 塑封封装单向可控硅。Thyristor in a TO-92 Plastic Package.
较低的通态压降,灵敏一致的触发特性,可靠性高。
Lower on state voltage drop,Sensitive and consistent trigger characteristics,High reliability.
广泛应用于各种脉冲点火器,负离子发生器,小型马达控制器,漏电保护器等线路功率控制。
Used in pulse ignition devices, negative ion generator,small motor controller,leakage protection and
other circuit power control.
PIN1
:Anode
PIN 2
:Gate
PIN 3
:Cathode
放大及印章代码 / hFE Classifications & Marking
见印章说明。See Marking Instructions.
描述 / Descriptions
特征 / Features
用途 / Applications
内部等效电路 / Equivalent Circuit
引脚排列 / Pinning
1 23
 2 page
background image
X0605MK
Rev.F Mar.-2016
DATA SHEET
http://www.fsbrec.com
2 / 6
参数
Parameter
符号
Symbol
测试条件
Test Conditions
数值
Rating
单位
Unit
Repetitive peak off-state voltages
VDRM
Tj=-40 to 110 ,Sine Wave,
50 to 60Hz,Gate Open
600
V
VRRM
RMS on-state current(Tc=80℃)
IT(RMS)
180°Conduction Angles
0.8
A
Non-repetitive peak on-state
current
ITSM
1/2 Cycle, Sine Wave, 60Hz,
Tj=25℃
10
A
I2t for fusing
I2t
t=8.3ms
0.415
A2S
Peak gate power
PGM
TA=25 ,Pulse Width≤1.0
μs
100
mW
Peak Average power
PG(AV)
TA=25 ,t=8.3ms
100
mW
Peak gate current
IGM
TA=25 ,Pulse Width≤1.0μs
1.0
A
Peak Reverse Gate Voltage
VRGM
TA=25 ,Pulse Width≤1.0μs
5.0
V
Junction Temperature
Tj
-40~125
Storage Temperature Range
Tstg
-40~150
参数
Parameter
符号
Symbol
测试条件
Test Conditions
最小值
Min
典型值
Typ
最大值
Max
单位
Unit
Repetitive peak off-state
current
IDRM,IRRM
VD=Rated
VDRM and VRRM
RGK=1KΩ
T
j
=25℃
10
μA
T
j
=125℃
100
On-state voltage
VTM
ITM=1.0A, tp=380us
1.35
V
Gate trigger current
IGT
VD=12V, RL=100Ω
50
μA
Holding current
IH
IT=50mA,
RGK=1KΩ
T
j
=25℃
5
mA
T
j
=-40℃
10
Latch Current
IL
IG=1mA,
RGK=1KΩ
T
j
=25℃
10
mA
T
j
=-40℃
15
Gate trigger voltage
VGT
VD=12V,
RL=100Ω
T
j
=25℃
0.8
V
T
j
=-40℃
1.2
Off-state leakage current
VGD
VD=1/2VDRM
0.2
V
Forward Voltage Application
Rate
dv/dt
VD=67% VDRM
RGK=1KΩ
Tj=125℃
20
V/us
极限参数 / Absolute Maximum Ratings(Ta=25℃)
电性能参数 / Electrical Characteristics(Ta=25℃)
 3 page
background image
X0605MK
Rev.F Mar.-2016
DATA SHEET
http://www.fsbrec.com
3 / 6
电参数曲线图 / Electrical Characteristic Curve
 4 page
background image
X0605MK
Rev.F Mar.-2016
DATA SHEET
http://www.fsbrec.com
4 / 6
外形尺寸图 / Package Dimensions
 5 page
background image
X0605MK
Rev.F Mar.-2016
DATA SHEET
http://www.fsbrec.com
5 / 6
印章说明 / Marking Instructions
说明:
BR:

为公司代码
X0605  MK:为产品型号
****:

为生产批号代码,随生产批号变化。
Note:
BR:
Company Code.
X0605 MK: Product Type.
****:
Lot No. Code, code change with Lot No.
X0605
****
BR
MK
 6 page
background image
X0605MK
Rev.F Mar.-2016
DATA SHEET
http://www.fsbrec.com
6 / 6
波峰焊温度曲线图(无铅) / Temperature Profile for Dip Soldering(Pb-Free)
说明:
Note:
1
、预热温度 25~150℃,时间 60~90sec;
1.Preheating:25~150
℃, Time:60~90sec.
2
、峰值温度 255±5℃,时间持续为 5±0.5sec;
2.Peak Temp.:255
±5℃, Duration:5±0.5sec.
3
、焊接制程冷却速度为 2~10℃/sec.
3. Cooling Speed: 2~10
℃/sec.
耐焊接热试验条件 /
Resistance to Soldering Heat Test Conditions
温度:270±5℃
时间:10±1 sec.
Temp.:270±5℃
Time:10±1 sec
包装规格 / Packaging SPEC.
散件包装 / BULK
Package Type
封装形式
Units 包装数量
Dimension 包装尺寸 (unit:mm3)
Units/Bag
/袋
Bags/Inner Box
/盒
Units/Inner Box
/盒
Inner Boxes/Outer Box
/箱
Units/Outer Box
/箱
Bag 袋
Inner Box 盒
Outer Box 箱
TO-92
1,000
10
10,000
5
50,000
135×190
237×172×102
560×245×195
1,000
10
10,000
10
100,000
135×190
237×172×102
560×245×375
编带包装 / AMMO
Package Type
封装形式
Units 包装数量
Dimension 包装尺寸 (unit:mm3)
Units/tape
/纸带
Tape/Inner Box
纸带
/盒
Rows/Inner Box
纸带层
/盒
Inner Boxes/Outer Box
/箱
Units/Outer Box
/箱
Inner Box 盒
Outer Box 箱
TO-92
3,000
1
120
10
30,000
328×230×42
小箱
480×346×235,
大箱
547×407×268
使用说明 / Notices




Html 페이지

1  2  3  4  5  6