전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

TRPEG1EEXC000E2G 데이터시트(Datasheet) 1 Page - OPLINK Communications Inc.

부품명 TRPEG1EEXC000E2G
상세내용  Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers with Digital Diagnostics
PDF  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  OPLINK [OPLINK Communications Inc.]
홈페이지  http://www.oplink.com
Logo 

   
 1 page
background image
2010-01-26
S0151, Rev.01
An Oplink Company
Features
TRPEG1-E2G Single Mode
Absolute Maximum Ratings
Product Description
Multi-rate Gigabit Ethernet & Fibre Channel
SFP Transceivers with Digital Diagnostics
The TRPEG1-E2G SFP series of multi-rate fiber optic transceivers
with integrated digital diagnostics monitoring functionality provide
a quick and reliable interface for Gigabit Ethernet and 1.062GBd
Fibre Channel applications. The transceivers are designed to
support data rates ranging from 1.25Gb/s down to 125Mb/s. The
diagnostic functions, alarm and warning features as described in the
Multi-Source Agreement (MSA) document, SFF-8472 (Rev. 9.4), are
provided via an I2C serial interface.
Four options are offered with minimum optical link power budgets
of 18dB, 22dB and 24dB to support up to 80km link applications.
Option “EX” uses a 1310nm DFB laser and provides a minimum
optical link budget of 18dB, corresponding to a minimum distance
of 40km, assuming fiber loss of 0.35dB/km. Options “YX” and “ZX”
use 1550nm DFB lasers and provide a minimum optical link budgets
of 22dB and 24dB respectively, which correspond to minimum
distances of 70km and 80km, assuming fiber loss of 0.25dB/km. All
modules satisfy Class I Laser Safety requirements in accordance with
the U.S. FDA/CDRH and international IEC-60825 standards.
The transceivers connect to standard 20-pad SFP connectors
for hot plug capability. This allows the system designer to make
configuration changes or maintenance by simply plugging in
different types of transceivers without removing the power supply
from the host system.
The transceivers have colored bail-type latches, which offer an easy
and convenient way to release the modules. The latch is compliant
with the SFP MSA.
The transmitter and receiver DATA interfaces are AC-coupled
internally. LV-TTL Transmitter Disable control input and Loss of
Signal output interfaces are also provided.
The transceivers operate from a single +3.3V power supply over
operating case temperature ranges of -5°C to +70°C or -40°C to
+85°C. The housing is made of metal for EMI immunity.
Compliant with IEEE 802.3z Gigabit Ethernet
Specifications
Compliant with SFP MSA
Lead Free Design & Fully RoHS Compliant
Digital Diagnostics through Serial Interface
Internal Calibration for Digital Diagnostics
Distance Options to Support up to 80km
Eye Safe (Class I Laser Safety)
Duplex LC Optical Interface
Loss of Signal Output & TX Disable Input
-40°C to +85°C Operating Case Temperature Option
Hot-pluggable
Single +3.3V Power Supply
Parameter
Symbol
Minimum
Maximum
Units
Storage Temperature
T
ST
- 40
+ 85
°C
Operating Case Temperature1
Commercial
T
OP
- 5
+ 70
°C
Industrial
- 40
+ 85
Supply Voltage
V
CC
0
+ 3.47
V
Input Voltage
V
IN
0
V
CC
V
1
Measured on top side of SFP module at the front center vent hole of the cage.
Pb
 2 page
background image
2010-01-26
S0151, Rev.01
2
TRPEG1-E2G Single Mode
Oplink Communications, Inc
Transmitter Performance Characteristics
Receiver Performance Characteristics
(Over Operating Case Temperature. V
CC = 3.13 to 3.47V)
(Over Operating Case Temperature. V
CC = 3.13 to 3.47V)
Parameter
Symbol
Minimum
Typical
Maximum
Units
Operating Data Rate
B
125
-
1250
Mb/s
Optical Output Power1
EX
P
o
- 4.5
-
0
dBm
YX
- 2.0
-
+ 3.0
ZX
0
-
+ 5.0
Center Wavelength
EX
λ
c
1280
1310
1335
nm
YX, ZX
1500
1550
1580
Spectral Width (-20dB)
EX, YX, ZX
Δλ
20
-
-
1.0
nm
Side Mode Suppression Ratio
EX, YX, ZX
SMSR
30
-
-
dB
Extinction Ratio
P
hi/Plo
9
-
-
dB
Deterministic Jitter
DJ
-
-
80
ps
Total Jitter
TJ
-
-
227
ps
Optical Rise/Fall Time (20% to 80%)
t
r ,tf
-
-
0.32
ns
Relative Intensity Noise
RIN
-
-
-120
dB/Hz
Dispersion Penalty2
YX
-
-
-
1.2
dB
ZX
1.5
Optical Output Eye
Compliant with Eye Mask Defined in IEEE 802.3z standard
1
Measured average power coupled into single mode fiber (SMF).
2
Specified at 1440ps/nm (YX) and 1600ps/nm (ZX) dispersion, which corresponds to the approximate worst-case dispersion for 70km and 80km
G.652/G.654 fiber over the wavelength range of 1500 to 1580nm.
All parameters guaranteed only at typical data rate
All parameters guaranteed only at typical data rate
Parameter
Symbol
Minimum
Typical
Maximum
Units
Operating Data Rate
B
125
-
1250
Mb/s
Minimum Input Optical Power (10-12 BER)1
EX
P
min
- 22.5
-
-
dBm
YX, ZX
- 24.0
-
-
Maximum Input Optical Power (10-12 BER)1
P
max
- 3.0
-
-
dBm
LOS Thresholds
Increasing Light
Input
EX
P
los+
-
-
- 22.5
dBm
EX
-
-
- 22.5
YX, ZX
-
-
- 24.0
Decreasing Light
Input
EX, YX, ZX
P
los-
- 35.0
-
-
LOS Timing Delay
Increasing Light Input
t_loss_off
-
-
100
µs
Decreasing Light Input
t_loss_on
-
-
100
LOS Hysteresis
-
0.5
-
-
dB
Deterministic Jitter
DJ
-
-
170
ps
Total Jitter
TJ
-
-
266
ps
Wavelength of Operation
λ
1100
-
1600
nm
Optical Return Loss
ORL
12
-
-
dB
Electrical 3dB Upper Cutoff Frequency
-
-
-
1500
MHz
Stressed Receiver Sensitivity
Compliant with IEEE 802.3z standard
1
When measured with 27-1 PRBS at 125Mb/s, 1062.5Mb/s & 1250Mb/s and 1310nm for EX and 1550nm for YX & ZX.
 3 page
background image
2010-01-26
S0151, Rev.01
3
TRPEG1-E2G Single Mode
Oplink Communications, Inc
Electrical Pad Layout
Host Board Connector Pad Layout
Toward
Bezel
Toward
ASIC
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
TX GND
TD- (TX DATA IN-)
TD+ (TX DATA IN+)
TX GND
VccTX
VccRX
RX GND
RD+ (RX DATA OUT+)
RD- (RX DATA OUT-)
RX GND
Top of Board
1
2
3
4
5
6
7
8
9
10
TX GND
TX Fault
TX Disable
MOD_DEF(2)
MOD_DEF(1)
MOD_DEF(0)
NO CONNECTION
LOS
RX GND
RX GND
Bottom of Board
(as viewed thru top of board)
Transmitter Electrical Interface
Parameter
Symbol
Minimum
Typical
Maximum
Units
Input Voltage Swing (TD+ & TD-) 1
V
PP-DIF
0.50
-
2.4
V
Input HIGH Voltage (TX Disable) 2
V
IH
2.0
-
V
CC
V
Input LOW Voltage (TX Disable) 2
V
IL
0
-
0.8
V
Output HIGH Voltage (TX Fault) 3
V
OH
2.0
-
V
CC + 0.3
V
Output LOW Voltage (TX Fault) 3
V
OL
0
-
0.8
V
1
Differential peak-to-peak voltage.
2
There is an internal 4.7 to 10kΩ pull-up resistor to VccT.
3
Open collector compatible, 4.7 to 10kΩ pull-up resistor to Vcc (Host Supply Voltage).
Receiver Electrical Interface
Parameter
Symbol
Minimum
Typical
Maximum
Units
Output Voltage Swing (RD+ & RD-) 1
V
PP-DIF
0.6
-
2.0
V
Output HIGH Voltage (LOS) 2
V
OH
2.0
-
V
CC + 0.3
V
Output LOW Voltage (LOS) 2
V
OL
0
-
0.5
V
1
Differential peak-to-peak voltage across external 100Ω load.
2
Open collector compatible, 4.7 to 10kΩ pull-up resistor to Vcc (Host Supply Voltage).
(Over Operating Case Temperature. V
CC = 3.13 to 3.47V)
(Over Operating Case Temperature. V
CC = 3.13 to 3.47V)
(Over Operating Case Temperature. V
CC = 3.13 to 3.47V)
Electrical Power Supply Characteristics
Parameter
Symbol
Minimum
Typical
Maximum
Units
Supply Voltage
V
CC
3.13
3.3
3.47
V
Supply Current
EX, YX, ZX
I
CC
-
200
300
mA
Module Definition
MOD_DEF(0)
pin 6
MOD_DEF(1)
pin 5
MOD_DEF(2)
pin 4
Interpretation by Host
TTL LOW
SCL
SDA
Serial module definition protocol
 4 page
background image
Oplink Communications, Inc
2010-01-26
S0151, Rev.01
4
TRPEG1-E2G Single Mode
TX DATA IN+
1H coil or ferrite bead
µ
(<0.2 Ω series resistance)
0.1
TX DATA IN-
TX Disable
0.1
+ 10
0.1
+ 10
to 50 Ωload
3.3V
RX DATA OUT+
RX DATA OUT-
MOD_DEF(0)
MOD_DEF(1)
MOD_DEF(2)
LOS
to 50Ω load
TX Fault
Vcc
3.3V
Vcc
50Ω line
50Ω line
50Ω line
50Ω line
R
R
R
R
R
8
5
4
6
2
18
19
3
15
16
13
12
1, 9,10,11,14,17,20
Application Notes
Example of SFP Host Board Schematic
R: 4.7 to 10kΩ
CAP Values in µF
Laser Safety
Oplink Communications, Inc.
DATE OF MANUFACTURE:
This product complies with
21 CFR 1040.10 and 1040.11
Meets Class I Laser Safety Requirements
Laser Safety: All transceivers are Class I Laser products per
FDA/CDRH and IEC-60825 standards. They must be operated
under specified operating conditions
.
SFP
When the host system detects this condition, it activates the serial
protocol (standard two-wire I2C serial interface) and generates
the serial clock signal (SCL). The positive edge clocks data into
the EEPROM segments of the SFP that are not write protected,
and the negative edge clocks data from the SFP.
The serial data signal (SDA) is for serial data transfer. The host
uses SDA in conjunction with SCL to mark the start and end of
serial protocol activation. The supported monitoring functions
are temperature, voltage, bias current, transmitter power, average
receiver signal, all alarms and warnings, and software monitoring
of TX Fault/LOS. The device is internally calibrated.
The data transfer protocol and the details of the mandatory and
vendor specific data structures are defined in the SFP MSA, and
SFF-8472, Rev. 9.4.
Power Supply and Grounding: The power supply line should
be well-filtered. All 0.1μF power supply bypass capacitors should
be as close to the transceiver module as possible.
Electrical Interface: All signal interfaces are compliant with
the SFP MSA specification. The high speed DATA interface is
differential AC-coupled internally with 0.1µF and can be directly
connected to a 3.3V SERDES IC. All low speed control and sense
output signals are open collector TTL compatible and should be
pulled up with a 4.7 - 10kΩ resistor on the host board.
Loss of Signal (LOS):The Loss of Signal circuit monitors the level
of the incoming optical signal and generates a logic HIGH when
an insufficient photocurrent is produced.
TX Fault: The output indicates LOW when the transmitter is
operating normally, and HIGH with a laser fault including laser
end-of-life.TX Fault is an open collector/drain output and should
be pulled up with a 4.7 - 10kΩ resistor on the host board.TX Fault
is non-latching (automatically deasserts when fault goes away).
TX Disable: When the TX Disable pin is at logic HIGH, the
transmitter optical output is disabled (less than -45dBm).
Serial Identification and Monitoring:The module definition of
SFP is indicated by the three module definition pins, MOD_DEF(0),
MOD_DEF(1) and MOD_DEF(2). Upon power up, MOD_DEF(1:2)
appear as NC (no connection), and MOD_DEF(0) is TTL LOW.
 5 page
background image
Oplink Communications, Inc. reserves the right to make changes in equipment design or specifications without notice. Information supplied by Oplink Commu-
nications, Inc. is believed to be accurate and reliable. However, no responsibility is assumed by Oplink Communications, Inc. for its use nor for any infringements
of third parties, which may result from its use. No license is granted by implication or otherwise under any patent right of Oplink Communications, Inc.
© 2010, Oplink Communications, Inc.
5
2010-01-26
S0151, Rev.01
TRPEG1-E2G Single Mode
Ordering Information
Package Outline
Dimensions in inches [mm]
Default tolerances:
.xxx = ± .005”, .xx = ± .01”
1.49
]
9
5
0
.[
1.99
]
8
7
0
.[
0.45
]
8
1
0
.[
0.60
]
4
2
0
.[
0.60
]
4
2
0
.[
45.00
[1.772]
13.80
[.543]
2.50
]
8
9
0
.[
6.54
[.257]
41.80
[1.646]
6.25
[.246]
2.29
[.090]
Part Number
Type
Operating
Temperature
Latch
Color
Nominal
Wavelength
Optical Link
Power Budget 4
Distance1
TRPEG1EEXC000E2G
EX
- 5°C to +70°C
Brown
1310nm
18dB
40km2
TRPEG1HYXC000E2G
YX
- 5°C to +70°C
Orange
1550nm
22dB
70km3
TRPEG1JZXC000E2G
ZX
- 5°C to +70°C
Green
1550nm
24dB
80km3
TRPEG1EEXI000E2G
EX
- 40°C to +85°C
Brown
1310nm
18dB
40km2
TRPEG1HYXI000E2G
YX
- 40°C to +85°C
Orange
1550nm
22dB
70km3
TRPEG1JZXI000E2G
ZX
- 40°C to +85°C
Green
1550nm
24dB
80km3
1
The indicated transmission distance is for guidelines only, not guaranteed. The exact distance is dependent on the fiber loss, connector and
splice loss, and allocated system penalty. Longer distances can be supported if the optical link power budget is satisfied.
2
Assuming a total connector and splice loss of 2dB, total system penalty of 2dB and fiber cable loss of 0.35dB/km.
3
Assuming a total connector and splice loss of 2dB, total system penalty of 2dB and fiber cable loss of 0.25dB/km.
4
Minimum Optical Link Power Budget.




Html 페이지

1  2  3  4  5