전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

WDIH15980SF1111 데이터시트(Datasheet) 1 Page - OPLINK Communications Inc.

부품명 WDIH15980SF1111
상세내용  980/1550nm WDM/Isolator Hybrid Combination
PDF  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  OPLINK [OPLINK Communications Inc.]
홈페이지  http://www.oplink.com
Logo 

   
 1 page
background image
Product Description
Features
Applications
Performance Specificationns
WDIH1598 Series
Single Stage
Dual Stage
Unit
Operating Wavelength Range
Signal Channel
C band : 1528 ~ 1564
L band : 1570 ~ 1605
nm
Pump Channel
965 ~ 995
Insertion Loss [1]
Signal Channel
< 1.2
< 1.3
dB
Pump Channel
< 0.6
Wavelength Isolation
Signal Channel
> 30
dB
Pump Channel
> 12
Reverse Direction Insertion
(Over signa wavelength range and
0~70°C, all SOP)
Signal Channel
> 21
> 36
dB
TDL
< 0.25
< 0.3
WDL
< 0.4
< 0.5
Polarization Dependent Loss
< 0.10
< 0.20
dB
Polarization Mode Dispersion (standard)
< 0.25
< 0.05
dB
Return Loss
≥ 50
dB
Directivity
≥ 55
dB
Operting Power Handling
≤ 500
mW
Operating Temperature
0 to +70
°C
Storage Temperature
-40 to +85
°C
Fiber Type
Signal Port
Corning SMF-28
COM/Pump Ports
Corning HI1060
Package Dimension [3]
P1 : (Ø) 5.5 x (L) 34.0
mm
P2 : (Ø) 5.5 x (L) 40.0
[1]
The maximum IL is under all states of polarization and within the full operating temperature and wave-
length ranges specified.
[2]
All the parameters are excluding connectors.
[3]
The mechanical tolerance should be +/-0.2mm on all package dimensions unless otherwise custom speci-
fied.
S0079 - R02. 20111121
980/1550nm WDM/Isolator
Hybrid Combination
WDIH1598 Series
Oplink’sWDIH is a combination of a 980/1550nm filter and a 1550nm polarization
insensitive optical isolator. The WDIH is a low cost model with excellent perfor-
mance including low insertion loss, high isolation, high return loss, low polarization
dependent loss (PDL), and low polarization mode dispersion (PMD). This product
offers integrated solutions to EDFA applications by combining more functions into
a very compact package.
Oplink can provide customized designs to meet specialized feature applications.
Also, Oplink offers modular assemblies that integrate other components to form
a full function module or subsystem.
Wide Operating Wavelength Range
Low Insertion Loss
High Isolation
Ultra Low PDL & PMD
High Stability & Reliability
Epoxy-free Optical Path
Fiberoptic Amplifiers
CATV Fiberoptic Links
WDM Systems
Fiberoptic Instruments
Transmitters and Fiber Lasers
Laboratory R&D
 2 page
background image
Product Lines: Mux/Demux Switching/Routing Coupling/Splitting Monitoring/Conditioning Amplification Transmission Interconnect RGB Laser Modules
WDIH
Ordering Information
Oplink can provide a remarkable range of customized optical solutions. For detail, please contact Oplink’s OEM
design team or account manager for your requirements and ordering information (510) 933-7200.
Mechanical Drawing / Package Dimensions (dimension in mm)
34.0 mm
REFLECT
COMMON
3
1
Ø5.5 mm
PASS 2
P1: SMF-28 250µm bare fiber
54.0mm
P2: 900
µm loose tube
40.0 mm
REFLECT
COMMON
3
1
Ø5.5 mm
PASS 2
60.0mm
COMM
1550 nm
COMM
1550 nm
PASS
1550 nm
PASS
1550 nm
1480 nm
PUMP
1480 nm
PUMP
0
8
9
1
Packaging & Fiber Jacket
P1 + 250μm bare fiber = 11
P2 + 900µm loose tube = 22
Wavelength
Fiber Length*
Configuration
Stage
1550/980nm = 1598
1585/980nm = 1698
0.5 meter = H
1.0 Meter = 1
1.5 Meters = 5
2.0 Meters = 2
Forward Type = F
Backward Type = B
Single Stage = S
Dual Stage = D
Connector Type
None = 1
FC/PC = 2
FC/SPC = 3
FC/APC = 4
SC/PC = 5
SC/SPC = 6
SC/APC = 7
ST = 8
LC = 9
MU = A
980/1550nm WDM/Isolator
Hybrid Combination
WDIH1598 Series
S0079 - R02. 20111121
* The tolerance of fiber length is +/-0.1m. 1 meter is standard.
The lead-time for special fiber length will be longer.




Html 페이지

1  2