전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

GPTP5125_17 데이터시트(Datasheet) 1 Page - Green Power Solutions srl

부품명 GPTP5125_17
상세내용  PHASE CONTROLLED SCR
PDF  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  GPSEMI [Green Power Solutions srl]
홈페이지  http://www.gpsemi.it
Logo 

   
 1 page
background image
Phone: +39-011-988 2251
Fax:
+39-011-988 1358
http://gpsemi.it/pdf/GPTP5125.pdf
GPTP5125
PHASE CONTROLLED SCR
High reliability operation
DC power supply
AC drives
VOLTAGE UP TO
4200 V
AVERAGE CURRENT
1250 A
SURGE CURRENT
15 kA
BLOCKING CHARACTERISTICS
Characteristic
Conditions
VRRM
Repetitive peak reverse voltage
4200
V
VRSM
Non-repetitive peak reverse voltage
4300
V
VDRM
Repetitive peak off-state voltage
4300
V
IDRM
Repetitive peak off-state current, max.
VDRM, single phase, half wave, Tj = Tjmax
200
mA
IRRM
Repetitive peak reverse current, max.
VRRM, single phase, half wave, Tj = Tjmax
200
mA
ON-STATE CHARACTERISTICS
IT(AV)
Average on-state current
Sine wave,180° conduction, Th = 55 °C
1250
A
IT(RMS)
R.M.S. on-state current
Sine wave,180° conduction, Th = 55 °C
1963
A
ITSM
Surge on-state current
Non rep. half sine wave, 50 Hz, VR = 0 V, Tj = Tjmax
15
kA
I²t
I² t for fusing coordination
1125
kA²s
VT(TO)
Threshold voltage
Tj = Tjmax
0.90
V
rT
On-state slope resistance
Tj = Tjmax
0.565
m
W
VTM
Peak on-state voltage, max
On-state current IT = 2000 A , Tj = Tjmax
2.03
V
IH
Holding current, max
Tj = 25 °C
80
mA
IL
Latching current, typ
Tj = 25 °C
500
mA
TRIGGERING CHARACTERISTICS
VGT
Gate trigger voltage
Tj = 25 °C, VD = 5 V
3
V
IGT
Gate trigger current
Tj = 25 °C, VD = 5 V
400
mA
VGD
Non-trigger voltage
VD = 67% VRRM, Tj = Tjmax
0.3
V
PGM
Peak gate power dissipation
Pulse width 1 ms
20
W
PG(AV)
Average gate power dissipation
3
W
IFGM
Peak gate current
10
A
VFGM
Peak gate voltage (forward)
12
V
VRGM
Peak gate voltage (reverse)
10
V
SWITCHING CHARACTERISTICS
di/dt
Critical rate of rise of on-state current
Non rep. - Tj = Tjmax
150
A/µs
dV/dt
Critical rate of rise of off-state voltage
Tj = Tjmax
1000
V/µs
tq
Turn-off time, typ
Tj = Tjmax, IT = 2000 A, di/dt = -5 A/µs
600
µs
VR = 200 V, VD = 67% VDRM, dV/dt = 20 V/µs
THERMAL AND MECHANICAL CHARACTERISTICS
Rth(j-c)
Thermal resistance (junction to case)
Double side cooled
0.017
°C/W
Rth(c-h)
Thermal resistance (case to heatsink)
Double side cooled
0.004
°C/W
Tjmax
Max operating junction temperature
125
°C
Tstg
Storage temperature
-40 / 140
°C
F
Clamping force ± 5%
22
kN
Mass
600
g
Document GPTP5125T002
Value
Green Power Solutions Srl
Web: www.gpsemi.it e-mail: info@gpsemi.it
 2 page
background image
PHASE CONTROLLED SCR
GPTP5125
Ordering information GPTP5125-VVGL
VV: blocking voltage / 100 (e.g. 42 for 4200 V)
G: trigger lead type (S = straight T = twisted blank = no leads)
L: trigger lead lenght x 100mm (3 - 4 - 5 - 7 blank = no leads)
Document GPTP5125T002
0
2
4
6
8
10
12
14
16
1
10
100
Number of cycle current pulses [n]
Maximum surge current
d.s. cooled
0
500
1000
1500
2000
2500
3000
0
0.5
1
1.5
2
2.5
V
T [V]
On-state voltage drop
T
j=Tjmax
0
0.002
0.004
0.006
0.008
0.01
0.012
0.014
0.016
0.018
0.001
0.01
0.1
1
10
100
Time [s]
Thermal impedance (j-c)
50
60
70
80
90
100
110
120
130
0
200
400
600
800
1000 1200 1400
I
T [A]
Current rating - sine wave
180
°
90
°
120
°
60
°
30
°
0
500
1000
1500
2000
2500
3000
3500
0
200
400
600
800
1000 1200 1400
I
T[A]
Power loss - sine wave
180
°
120
°
90
°
60
°
30
°
In the interest of product improvement Green Power Solutions reserves the right to change any specification given in this data sheet
without notice.
0
500
1000
1500
2000
2500
3000
0.5
1
1.5
2
2.5
3
V
T [V]
On-state voltage drop
T
j=Tjmax
dimensions mm




Html 페이지

1  2