전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

GPTR5222 데이터시트(Datasheet) 1 Page - Green Power Solutions srl

부품명 GPTR5222
상세내용  PHASE CONTROLLED SCR
PDF  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  GPSEMI [Green Power Solutions srl]
홈페이지  http://www.gpsemi.it
Logo 

   
 1 page
background image
Phone: +39-011-988 2251
Fax:
+39-011-988 1358
http://gpsemi.it/pdf/GPTR5222.pdf
GPTR5222
PHASE CONTROLLED SCR
High reliability operation
DC power supply
AC drives
VOLTAGE UP TO
4400 V
AVERAGE CURRENT
2225 A
SURGE CURRENT
27 kA
BLOCKING CHARACTERISTICS
Characteristic
Conditions
VRRM
Repetitive peak reverse voltage
4400
V
VRSM
Non-repetitive peak reverse voltage
4400
V
VDRM
Repetitive peak off-state voltage
4500
V
IDRM
Repetitive peak off-state current, max.
VDRM, single phase, half wave, Tj = Tjmax
200
mA
IRRM
Repetitive peak reverse current, max.
VRRM, single phase, half wave, Tj = Tjmax
200
mA
ON-STATE CHARACTERISTICS
IT(AV)
Average on-state current
Sine wave,180° conduction, Th = 55 °C
2225
A
IT(RMS)
R.M.S. on-state current
Sine wave,180° conduction, Th = 55 °C
3493
A
ITSM
Surge on-state current
Non rep. half sine wave, 50 Hz, VR = 0 V, Tj = Tjmax
27
kA
I²t
I² t for fusing coordination
3645
kA²s
VT(TO)
Threshold voltage
Tj = Tjmax
1.05
V
rT
On-state slope resistance
Tj = Tjmax
0.25
m
W
VTM
Peak on-state voltage, max
On-state current IT = 4000 A , Tj = Tjmax
2.05
V
IH
Holding current, max
Tj = 25 °C
300
mA
IL
Latching current, typ
Tj = 25 °C
1500
mA
TRIGGERING CHARACTERISTICS
VGT
Gate trigger voltage
Tj = 25 °C, VD = 12 V
3
V
IGT
Gate trigger current
Tj = 25 °C, VD = 12 V
300
mA
VGD
Non-trigger voltage
VD = 67% VRRM, Tj = Tjmax
0.35
V
PGM
Peak gate power dissipation
Pulse width 0.5 ms
50
W
PG(AV)
Average gate power dissipation
5
W
IFGM
Peak gate current
8
A
VFGM
Peak gate voltage (forward)
5
V
VRGM
Peak gate voltage (reverse)
5
V
SWITCHING CHARACTERISTICS
di/dt
Critical rate of rise of on-state current
Tj = Tjmax
200
A/µs
dV/dt
Critical rate of rise of off-state voltage
Tj = Tjmax
1000
V/µs
tq
Turn-off time, typ
Tj = Tjmax, IT = 1200 A, di/dt = -10 A/µs
600
µs
VR = 100 V, VD = 67% VDRM, dV/dt = 50 V/µs
THERMAL AND MECHANICAL CHARACTERISTICS
Rth(j-c)
Thermal resistance (junction to case)
Double side cooled
0.010
°C/W
Rth(c-h)
Thermal resistance (case to heatsink)
Double side cooled
0.003
°C/W
Tjmax
Max operating junction temperature
125
°C
Tstg
Storage temperature
-40 / 125
°C
F
Clamping force
35 - 40
kN
Mass
1000
g
Document GPTR5222T002
Value
Green Power Solutions Srl
Web: www.gpsemi.it e-mail: info@gpsemi.it
 2 page
background image
PHASE CONTROLLED SCR
GPTR5222
Ordering information GPTR5222-VVGL
VV: blocking voltage / 100 (e.g. 44 for 4400 V)
G: trigger lead type (S = straight T = twisted blank = no leads)
L: trigger lead lenght x 100mm (3 - 4 - 5 - 7 blank = no leads)
Document GPTR5222T002
0
5
10
15
20
25
30
1
10
100
Number of cycle current pulses [n]
Maximum surge current
d.s. cooled
0
500
1000
1500
2000
2500
3000
3500
4000
4500
5000
0
0.5
1
1.5
2
2.5
V
T [V]
On-state voltage drop
T
j=Tjmax
0
0.002
0.004
0.006
0.008
0.01
0.012
0.001
0.01
0.1
1
10
100
Time [s]
Thermal impedance (j-c)
50
60
70
80
90
100
110
120
130
0
400
800
1200
1600
2000
2400
I
T [A]
Current rating - sine wave
180
°
90
°
120
°
60
°
30
°
0
1000
2000
3000
4000
5000
6000
0
400
800
1200
1600
2000
2400
I
T[A]
Power loss - sine wave
180
°
120
°
90
°
60
°
30
°
In the interest of product improvement Green Power Solutions reserves the right to change any specification given in this data sheet
without notice.
0
500
1000
1500
2000
2500
3000
3500
4000
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
V
T [V]
On-state voltage drop
T
j=Tjmax
dimensions mm




Html 페이지

1  2