전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

GPTR5230 데이터시트(Datasheet) 1 Page - Green Power Solutions srl

부품명 GPTR5230
상세내용  PHASE CONTROLLED SCR
PDF  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  GPSEMI [Green Power Solutions srl]
홈페이지  http://www.gpsemi.it
Logo 

   
 1 page
background image
Phone: +39-011-988 2251
Fax:
+39-011-988 1358
http://gpsemi.it/pdf/GPTR5230.pdf
GPTR5230
PHASE CONTROLLED SCR
High reliability operation
DC power supply
Controlled rectifiers
DC drives - Motor starters
BLOCKING VOLTAGE UP TO
4400 V
AVERAGE CURRENT
2300 A
SURGE CURRENT
37 kA
BLOCKING CHARACTERISTICS
Characteristic
Conditions
VRRM
Repetitive peak reverse voltage
4400
V
VRSM
Non-repetitive peak reverse voltage
4500
V
VDRM
Repetitive peak off-state voltage
4400
V
IDRM
Repetitive peak off-state current, max.
VDRM, single phase, half wave, Tj = Tjmax
300
mA
IRRM
Repetitive peak reverse current, max.
VRRM, single phase, half wave, Tj = Tjmax
300
mA
ON-STATE CHARACTERISTICS
IT(AV)
Average on-state current
Sine wave,180° conduction, Th = 55 °C
2300
A
IT(RMS)
R.M.S. on-state current
Sine wave,180° conduction, Th = 55 °C
3613
A
ITSM
Surge on-state current
Non rep. half sine wave, 50 Hz, VR = 0 V, Tj = Tjmax
37
kA
I²t
I² t for fusing coordination
6845
kA²s
VT(TO)
Threshold voltage
Tj = Tjmax
1.20
V
rT
On-state slope resistance
Tj = Tjmax
0.300
m
W
VTM
Peak on-state voltage, max
On-state current IT = 3000 A , Tj = Tjmax
2.10
V
IH
Holding current, max
Tj = 25 °C
300
mA
IL
Latching current, typ
Tj = 25 °C
1500
mA
TRIGGERING CHARACTERISTICS
VGT
Gate trigger voltage
Tj = 25 °C, VD = 12 V
3
V
IGT
Gate trigger current
Tj = 25 °C, VD = 12 V
300
mA
VGD
Non-trigger voltage
VD = 67% VRRM, Tj = Tjmax
0.35
V
PGM
Peak gate power dissipation
Pulse width 0.5 ms
150
W
PG(AV)
Average gate power dissipation
5
W
IFGM
Peak gate current
10
A
VFGM
Peak gate voltage (forward)
30
V
VRGM
Peak gate voltage (reverse)
5
V
SWITCHING CHARACTERISTICS
di/dt
Critical rate of rise of on-state current
Tj = Tjmax
200
A/µs
dV/dt
Critical rate of rise of off-state voltage
Tj = Tjmax
1000
V/µs
tq
Turn-off time, typ
Tj = Tjmax, IT = 2300 A, di/dt = -10 A/µs
630
µs
VR = 100 V, VD = 67% VDRM, dV/dt = 50 V/µs
THERMAL AND MECHANICAL CHARACTERISTICS
Rth(j-c)
Thermal resistance (junction to case)
Double side cooled
0.009
°C/W
Rth(c-h)
Thermal resistance (case to heatsink)
Double side cooled
0.002
°C/W
Tjmax
Max operating junction temperature
125
°C
Tstg
Storage temperature
-40 / 125
°C
F
Clamping force ± 10%
45
kN
Mass
1500
g
Document GPTR5230T002
Value
Green Power Solutions Srl
Web: www.gpsemi.it e-mail: info@gpsemi.it
 2 page
background image
PHASE CONTROLLED SCR
GPTR5230
Ordering information GPTR5230-VVGL
VV: blocking voltage / 100 (e.g. 44 for 4400 V)
G: trigger lead type (S = straight T = twisted blank = no leads)
L: trigger lead lenght x 100mm (3 - 4 - 5 - 7 blank = no leads)
Document GPTR5230T002
0
500
1000
1500
2000
2500
3000
3500
4000
4500
5000
0
1
2
3
V
T [V]
On-state voltage drop
T
j=Tjmax
0
1000
2000
3000
4000
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
V
T [V]
On-state voltage drop
T
j=Tjmax
0
5
10
15
20
25
30
35
40
1
10
100
Number of cycle current pulses [n]
Maximum surge current
d.s. cooled
0
0.001
0.002
0.003
0.004
0.005
0.006
0.007
0.008
0.009
0.001
0.01
0.1
1
10
100
Time [s]
Thermal impedance (j-c)
In the interest of product improvement Green Power Solutions reserves the right to change any specification given in this data sheet
without notice.
50
60
70
80
90
100
110
120
130
0
400
800
1200
1600
2000
2400
I
T [A]
Current rating - sine wave
180
°
90
°
120
°
60
°
30
°
0
1000
2000
3000
4000
5000
6000
7000
0
400
800
1200
1600
2000
2400
I
T[A]
Power loss - sine wave
180
°
120
°
90
°
60
°
30
°
dimensions mm




Html 페이지

1  2