전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

2SA562 데이터시트(Datasheet) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

부품명 2SA562
상세내용  TO-92 Plastic-Encapsulate Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
홈페이지  http://www.cj-elec.com/index.asp
Logo 

   
 1 page
background image
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
TO-92 Plastic-Encapsulate Transistors
2SA562
FEATURES
Excellent hFE
/inearlity
MAXIMUM RATINGS (TD=25
unless otherwise noted)
Symbol
Parameter
Value
Unit
VCBO
VCEO
VEBO
IC
PC
Tj
Tstg
TO-92
www.cj-elec.com
1
(,$XJ,201
0$5.,1*
Equivalent Circuit
1
;;;
6ROLGGRW *UHHQPROGLQJFRPSRXQGGHYLFH
$
25'(5,1*,1)250$7,21
3DUW1XPEHU
3DFNDJH
3DFNLQJ0HWKRG
3DFN4XDQWLW\
72
%XON
1000pcs/Bag
72
7DSH
2000pcs/Box
6$
6$7$
z
$ 'HYLFHFRGH
LIQRQHWKHQRUPDOGHYLFH
Z
;;; &RGH
Z=Rank of hFE
 2 page
background image
www.cj-elec.com

($XJ
(/(&75,&$/&+$5$&7(5,67,&6
a
T =25
unless otherwise specified
Parameter
Symbol
Test
conditions
MLQ
T\S
0D[
8QLW
Collector-base breakdown voltage
P
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
P
Collector cut-off current
P
Emitter cut-off current
P
DC current gain
Collector-emitter saturation voltage
Base-emitter voltage
Transition frequency
Collector output capacitance
CLASSIFICATION OF hFE
R$1.
OY
R$1*(

 3 page
background image
-1
-10
-100
-10
-100
-200
-400
-600
-800
-1000
-1200
-1
-10
-100
-1
-10
-100
10
100
1000
-1
-10
-100
-200
-400
-600
-800
-1000
-1200
0
25
50
75
100
125
150
0
125
250
375
500
625
-0.1
-1
-10
1
10
100
-0.0
-0.5
-1.0
-1.5
-0
-40
-80
-120
-100
10
100
1000
-300
f
T
——
I
C
——
h
FE
——
-500
T
a=100
T
a=25
=10
I
C
V
CEsat
——
COLLECTOR CURRENT I
C
(mA)
-500
T
a=25
T
a=100
COMMON EMITTER
V
CE=-1V
BASE-EMMITER VOLTAGE V
BE
(mV)
COMMON EMITTER
V
CE=-1V
T
a=25
T
a=100
I
C
COLLECTOR CURRENT I
C
(mA)
-500
I
C
V
BE
-500
=10
T
a=100
T
a=25
I
C
V
BEsat
——
COLLECTOR CURRENT I
C
(mA)
AMBIENT TEMPERATURE T
a
( )
P
C
——
T
a
C
ob
C
ib
f=1MHz
I
E=0 / IC=0
T
a=25
REVERSE VOLTAGE V (V)
-20
V
CB
/ V
EB
C
ob
/ C
ib
——
Static Characteristic
-0.80mA
-0.72mA
-0.64mA
-0.56mA
-0.48mA
-0.40mA
-0.32mA
-0.24mA
-0.16mA
COMMON EMITTER
T
a=25
I
B=-0.08mA
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
COMMON EMITTER
V
CE= -6V
T
a=25
COLLECTOR CURRENT I
C
(mA)
-10
www.cj-elec.com

($XJ
Typical Characteristics
 4 page
background image
0LQ
0D[
0LQ
0D[
A
3.300
3.700
0.130
0.146
A1
1.100
1.400
0.043
0.055
b
0.380
0.550
0.015
0.022
c
0.360
0.510
0.014
0.020
D4.
4.700

D1
3.430
0.135
E
4.300
4.700
0.169
0.185
e
e1
2.440
2.640
0.096
0.104
L
14.100
14.500
0.555
0.571
1.600
0.063
h
0.000
0.380
0.000
0.015
6\PERO
'LPHQVLRQV ,Q 0LOOLPHWHUV
'LPHQVLRQV ,Q ,QFKHV
1.270 TYP
0.050 TYP
72 3DFNDJH2XWOLQH'LPHQVLRQV
726XJJHVWHG3DG/D\RXW
ZZZFMHOHFFRP
($XJ
 5 page
background image
72

($XJ




Html 페이지

1  2  3  4  5