전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

2SA608N 데이터시트(Datasheet) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

부품명 2SA608N
상세내용  TO-92 Plastic-Encapsulate Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
홈페이지  http://www.cj-elec.com/index.asp
Logo 

   
 1 page
background image
TO – 92
1. EMITTER
2. COLLECTOR
3. BASE
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
TO-92 Plastic-Encapsulate Transistors
2SA608N
TRANSISTOR (PNP)
FEATURES
Large Current Capacity and Wide ASO.
APPLICATIONS
Capable of Being Used in The Low Frequency to High
Frequency Range.
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC=-0.01mA,IE=0
-60
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=-1mA,IB=0
-50
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-0.01mA,IC=0
-6
V
Collector cut-off current
ICBO
VCB=-40V,IE=0
-0.1
μA
Emitter cut-off current
IEBO
VEB=-5V,IC=0
-0.1
μA
hFE(1)
VCE=-6V, IC=-1mA
160
560
DC current gain
hFE(2)
VCE=-6V, IC=-0.1mA
70
Collector-emitter saturation voltage
VCE(sat)
IC=-100mA,IB=-10mA
-0.3
V
Base-emitter saturation voltage
VBE (sat)
IC=-100mA,IB=-10mA
-1
V
Collector output capacitance
Cob
VCB=-6V,IC=0, f=1MHz
4.5
pF
Transition frequency
fT
VCE=-6V,IC=-10mA
200
MHz
CLASSIFICATION OF hFE(1)
RANK
F
G
RANGE
160-320
280-560
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
-60
V
VCEO
Collector-Emitter Voltage
-50
V
VEBO
Emitter-Base Voltage
-6
V
IC
Collector Current
-0.15
A
PC
Collector Power Dissipation
500
mW
RθJA
Thermal Resistance From Junction To Ambient
250
℃/W
Tj
Junction Temperature
150
Tstg
Storage Temperature
-55~+150
www.cj-elec.com
1
,
,2015
 2 page
background image
-1
-10
-100
-300
-600
-900
-1200
-1500
0
25
50
75
100
125
150
0
200
400
600
-1
-10
-100
-10
-100
-1000
-0.1
-1
-10
-100
10
100
1000
-200
-400
-600
-800
-1000
-0.1
-1
-10
-100
-0
-1
-2
-3
-4
-5
-6
-7
-8
-9
-10
-11
-12
-0
-3
-6
-9
-12
-15
-1
-10
0.1
1
10
100
-1
-10
-100
10
100
β=10
I
C
V
BEsat
——
COLLECTOR CURREMT I
C
(mA)
T
a=100
T
a=25
f
T
——
I
C
P
C
——
T
a
AMBIENT TEMPERATURE T
a
( )
-150
-150
-150
-150
T
a=100
T
a=25
β=10
I
C
V
CEsat
——
COLLECTOR CURREMT I
C
(mA)
I
C
h
FE
——
T
a=100
T
a=25
COLLECTOR CURRENT I
C
(mA)
COMMON EMITTER
V
CE= -6V
BASE-EMMITER VOLTAGE V
BE (mV)
I
C
——
V
BE
COMMON EMITTER
V
CE=-6V
Static Characteristic
COMMON
EMITTER
T
a=25
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
-50uA
-45uA
-40uA
-35uA
-30uA
-25uA
-10uA
-15uA
-20uA
I
B=-5uA
COLLECTOR-BASE VOLTAGE V
CB/VEB
(V)
-30
C
ob
/C
ib
— —
V
CB
/V
EB
f=1MHz
I
C=0/IE=0
T
a=25
C
ob
C
ib
500
COMMON EMITTER
VCE=-6V
T
a=25
COLLECTOR CURRENT I
C
(mA)
www.cj-elec.com
2
,
,2015
Typical Characteristics
 3 page
background image
Min
Max
Min
Max
A
3.300
3.700
0.130
0.146
A1
1.100
1.400
0.043
0.055
b
0.380
0.550
0.015
0.022
c
0.360
0.510
0.014
0.020
D
4.
300
4.700
0.169
0.185
D1
3.430
0.135
E
4.300
4.700
0.169
0.185
e
e1
2.440
2.640
0.096
0.104
L
14.100
14.500
0.555
0.571
Φ
1.600
0.063
h
0.000
0.380
0.000
0.015
Symbol
Dimensions In Millimeters
Dimensions In Inches
1.270 TYP
0.050 TYP
TO-92 Package Outline Dimensions
TO-92 Suggested Pad Layout
www.cj-elec.com
3
D,Dec,2015
 4 page
background image
TO-92
4
D,Dec,2015




Html 페이지

1  2  3  4