전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

2SA673A 데이터시트(Datasheet) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

부품명 2SA673A
상세내용  TO-92 Plastic-Encapsulate Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
홈페이지  http://www.cj-elec.com/index.asp
Logo 

   
 1 page
background image
TO – 92
1. EMITTER
2. COLLECTOR
3. BASE
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
TO-92 Plastic-Encapsulate Transistors
2SA673A
TRANSISTOR (PNP)
FEATURES
Low Frequency Amplifier
Complementary Pair with 2SC1213A
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC=-0.01mA,IE=0
-50
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=-1mA,IB=0
-50
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-0.01mA,IC=0
-4
V
Collector cut-off current
ICBO
VCB=-20V,IE=0
-0.5
μA
Emitter cut-off current
IEBO
VEB=-3V,IC=0
-0.5
μA
hFE(1)
VCE=-3V, IC=-10mA
60
320
DC current gain
hFE(2)
*
VCE=-3V, IC=-500mA
10
Collector-emitter saturation voltage
VCE(sat)
*
IC=-150mA,IB=-15mA
-0.6
V
Base-emitter voltage
VBE
VCE=-3V, IC=-10mA
-0.75
V
*Pulse test: pulse width ≤300μs, duty cycle≤ 2.0%.
CLASSIFICATION OF hFE(1)
RANK
B
C
D
RANGE
60-120
100-200
160-320
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
-50
V
VCEO
Collector-Emitter Voltage
-50
V
VEBO
Emitter-Base Voltage
-4
V
IC
Collector Current
-0.5
A
PC
Collector Power Dissipation
400
mW
RθJA
Thermal Resistance From Junction To Ambient
312
℃/W
Tj
Junction Temperature
150
Tstg
Storage Temperature
-55~+150
www.cj-elec.com
1
C,Dec,2015
 2 page
background image
Min
Max
Min
Max
A
3.300
3.700
0.130
0.146
A1
1.100
1.400
0.043
0.055
b
0.380
0.550
0.015
0.022
c
0.360
0.510
0.014
0.020
D
4.
300
4.700
0.169
0.185
D1
3.430
0.135
E
4.300
4.700
0.169
0.185
e
e1
2.440
2.640
0.096
0.104
L
14.100
14.500
0.555
0.571
Φ
1.600
0.063
h
0.000
0.380
0.000
0.015
Symbol
Dimensions In Millimeters
Dimensions In Inches
1.270 TYP
0.050 TYP
TO-92 Package Outline Dimensions
TO-92 Suggested Pad Layout
www.cj-elec.com
2
C,Dec,2015
 3 page
background image
TO-92
3
C,Dec,2015




Html 페이지

1  2  3