전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC55V4000ST-85 데이터시트(PDF) 8 Page - Toshiba Semiconductor

부품명 TC55V4000ST-85
상세설명  524,288-WORD BY 8-BIT STATIC RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC55V4000ST-85 데이터시트(HTML) 8 Page - Toshiba Semiconductor

Back Button TC55V4000ST-85 Datasheet HTML 2Page - Toshiba Semiconductor TC55V4000ST-85 Datasheet HTML 3Page - Toshiba Semiconductor TC55V4000ST-85 Datasheet HTML 4Page - Toshiba Semiconductor TC55V4000ST-85 Datasheet HTML 5Page - Toshiba Semiconductor TC55V4000ST-85 Datasheet HTML 6Page - Toshiba Semiconductor TC55V4000ST-85 Datasheet HTML 7Page - Toshiba Semiconductor TC55V4000ST-85 Datasheet HTML 8Page - Toshiba Semiconductor TC55V4000ST-85 Datasheet HTML 9Page - Toshiba Semiconductor TC55V4000ST-85 Datasheet HTML 10Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
TC55V4000ST-70,-85
2001-11-30
8/10
DATA RETENTION CHARACTERISTICS (Ta
==== −−−−40° to 85°C)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNIT
VDH
Data Retention Supply Voltage
1.5
3.6
V
Ta
= −40~40°C
1
VDH = 3.0 V
Ta
= −40~85°C
5
IDDS2
Standby Current
VDH = 3.6 V Ta = −40~85°C
7
µA
tCDR
Chip Deselect to Data Retention Mode Time
0
ns
tR
Recovery Time
tRC
(See Note)
ns
Note:
Read cycle time
CONTROLLED DATA RETENTION MODE
Note: When CE is operating at the VIH level (2.2V), the standby current is given by IDDS1 during the transition
of VDD from 3.6 to 2.4V.
CE
VDD
4.5 V
GND
VIH
DATA RETENTION MODE
tR
(See Note)
(See Note)
tCDR
VDD − 0.2 V
CE
VDD


유사한 부품 번호 - TC55V4000ST-85

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC55V400AFT-55 TOSHIBA-TC55V400AFT-55 Datasheet
173Kb / 11P
   262,144-WORD BY 16-BIT FULL CMOS STATIC RAM
TC55V400AFT-70 TOSHIBA-TC55V400AFT-70 Datasheet
173Kb / 11P
   262,144-WORD BY 16-BIT FULL CMOS STATIC RAM
More results

유사한 설명 - TC55V4000ST-85

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC55NEM208AFPV TOSHIBA-TC55NEM208AFPV Datasheet
120Kb / 11P
   524,288-WORD BY 8-BIT STATIC RAM
TC55V040AFT-55 TOSHIBA-TC55V040AFT-55 Datasheet
105Kb / 11P
   524,288-WORD BY 8-BIT FULL CMOS STATIC RAM
TC55VCM208ASTN40 TOSHIBA-TC55VCM208ASTN40 Datasheet
111Kb / 12P
   524,288-WORD BY 8-BIT FULL CMOS STATIC RAM
TC55W800FT-55 TOSHIBA-TC55W800FT-55 Datasheet
188Kb / 13P
   524,288-WORD BY 16-BIT/1,048,576-WORD BY 8-BIT FULL CMOS STATIC RAM
TC55W800XB7 TOSHIBA-TC55W800XB7 Datasheet
200Kb / 12P
   524,288-WORD BY 16-BIT FULL CMOS STATIC RAM
TC518512PL-70LV TOSHIBA-TC518512PL-70LV Datasheet
561Kb / 11P
   524,288 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518512PI TOSHIBA-TC518512PI Datasheet
213Kb / 8P
   524,288 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC51V8512AF TOSHIBA-TC51V8512AF Datasheet
444Kb / 9P
   524,288 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC55V1001FI TOSHIBA-TC55V1001FI Datasheet
557Kb / 13P
   131,072 WORD BY 8 BIT STATIC RAM
TC55V2001FI TOSHIBA-TC55V2001FI Datasheet
562Kb / 13P
   262,144-WORD BY 8-BIT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com