전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC55VEM316AXBN 데이터시트(PDF) 1 Page - Toshiba Semiconductor

부품명 TC55VEM316AXBN
상세설명  TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC55VEM316AXBN 데이터시트(HTML) 1 Page - Toshiba Semiconductor

  TC55VEM316AXBN Datasheet HTML 1Page - Toshiba Semiconductor TC55VEM316AXBN Datasheet HTML 2Page - Toshiba Semiconductor TC55VEM316AXBN Datasheet HTML 3Page - Toshiba Semiconductor TC55VEM316AXBN Datasheet HTML 4Page - Toshiba Semiconductor TC55VEM316AXBN Datasheet HTML 5Page - Toshiba Semiconductor TC55VEM316AXBN Datasheet HTML 6Page - Toshiba Semiconductor TC55VEM316AXBN Datasheet HTML 7Page - Toshiba Semiconductor TC55VEM316AXBN Datasheet HTML 8Page - Toshiba Semiconductor TC55VEM316AXBN Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
TC55VEM316AXBN40,55
2002-07-23
1/14
TENTATIVE
TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
524,288-WORD BY 16-BIT FULL CMOS STATIC RAM
DESCRIPTION
The TC55VEM316AXBN is a 8,388,608-bit static random access memory (SRAM) organized as 524,288 words by
16 bits. Fabricated using Toshiba's CMOS Silicon gate process technology, this device operates from a single 2.3 to
3.6 V power supply. Advanced circuit technology provides both high speed and low power at an operating current of
3 mA/MHz and a minimum cycle time of 40 ns. It is automatically placed in low-power mode at 0.7 µA standby
current (at VDD = 3 V, Ta = 25°C, typical) when chip enable ( CE1 ) is asserted high or (CE2) is asserted low. There
are three control inputs. CE1 and CE2 are used to select the device and for data retention control, and output
enable ( OE ) provides fast memory access. Data byte control pin ( LB , UB ) provides lower and upper byte access.
This device is well suited to various microprocessor system applications where high speed, low power and battery
backup are required. And, with a guaranteed operating extreme temperature range of −40° to 85°C, the
TC55VEM316AXBN can be used in environments exhibiting extreme temperature conditions. The
TC55VEM316AXBN is available in a plastic 48-ball BGA.
FEATURES
• Low-power dissipation
Operating: 9 mW/MHz (typical)
• Single power supply voltage of 2.3 to 3.6 V
• Power down features using CE1 and CE2
• Data retention supply voltage of 1.5 to 3.6 V
• Direct TTL compatibility for all inputs and outputs
• Wide operating temperature range of −40° to 85°C
• Standby Current (maximum):
3.6 V
10
µA
3.0 V
5
µA
PIN ASSIGNMENT (TOP VIEW)
PIN NAMES
48 PIN BGA
A0~A18
Address Inputs
1
CE
, CE2
Chip Enable
R/W
Read/Write Control
OE
Output Enable
LB , UB
Data Byte Control
I/O1~I/O16
Data Inputs/Outputs
VDD
Power
GND
Ground
NC
No Connection
OP*
Option
*: OP pin must be open or connected to GND.
• Access Times:
TC55VEM316AXBN
40
55
Access Time
40 ns
55 ns
1
CE
Access Time
40 ns
55 ns
CE2
Access Time
40 ns
55 ns
OE
Access Time
25 ns
30 ns
• Package:
P-TFBGA48-0811-0.75BZ (Weight:
g typ)
A
B
C
D
E
F
G
H
1
OE
UB
I/O11
I/O12
I/O13
I/O14
NC
A8
A0
A3
A5
A17
OP
A14
A12
A9
A1
A4
A6
A7
A16
A15
A13
A10
A2
1
CE
I/O2
I/O4
I/O5
I/O6
R/W
A11
CE2
I/O1
I/O3
VDD
VSS
I/O7
I/O8
NC
LB
I/O9
I/O10
VSS
VDD
I/O15
I/O16
A18
2
3
4
5
6


유사한 부품 번호 - TC55VEM316AXBN

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC55VEM208ASTN40 TOSHIBA-TC55VEM208ASTN40 Datasheet
173Kb / 11P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55VEM208ASTN55 TOSHIBA-TC55VEM208ASTN55 Datasheet
173Kb / 11P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55VEM416AXBN55 TOSHIBA-TC55VEM416AXBN55 Datasheet
208Kb / 14P
   1,048,576-WORD BY 16-BIT FULL CMOS STATIC RAM
TC55VEM416BXGN55 TOSHIBA-TC55VEM416BXGN55 Datasheet
238Kb / 18P
   1,048,576-WORD BY 16-BIT FULL CMOS STATIC RAM
More results

유사한 설명 - TC55VEM316AXBN

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC58DVG02A1FT00 TOSHIBA-TC58DVG02A1FT00 Datasheet
453Kb / 44P
   TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55NEM208A TOSHIBA-TC55NEM208A Datasheet
107Kb / 10P
   TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC58512FT TOSHIBA-TC58512FT Datasheet
420Kb / 43P
   TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TH58100FT TOSHIBA-TH58100FT Datasheet
421Kb / 43P
   TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC51WHM616AXBN70 TOSHIBA-TC51WHM616AXBN70 Datasheet
207Kb / 11P
   TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55VBM316AFTN TOSHIBA-TC55VBM316AFTN Datasheet
216Kb / 15P
   TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC58NVG1S3BFT00 TOSHIBA-TC58NVG1S3BFT00 Datasheet
315Kb / 37P
   TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55VCM216ASTN40 TOSHIBA-TC55VCM216ASTN40 Datasheet
201Kb / 14P
   TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC58FVM5T2AFT65 TOSHIBA-TC58FVM5T2AFT65 Datasheet
799Kb / 63P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55VD1618FF-133 TOSHIBA-TC55VD1618FF-133 Datasheet
888Kb / 20P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com