전자부품 데이터시트 검색엔진 |
|
AD8618 데이터시트(PDF) 4 Page - Analog Devices |
|
AD8618 데이터시트(HTML) 4 Page - Analog Devices |
4 / 5 page Preliminary Technical Data AD8615/AD8616/AD8618 - 4- Rev PrA 6/2/03 ABSOLUTE MAXIMUM RATINGS1 Supply voltage ...........................................................................+6V Input Voltage....................................................................Gnd to Vs Differential Input Voltage .........................................................±6V Output Short-Circuit Duration to Gnd2 ....Observe Derating Curves Storage Temperature Range R, RT, RM, RU Package ............................... -65°C to +150°C Operating Temperature Range AD8615/AD8616/AD8618............................ -40°C to +125°C Junction Temperature Range R, RT, RM, RU Package ............................... -65°C to +150°C Lead Temperature Range (Soldering, 60 Sec) ...............+300°C Package Type θJA θJC Units 5-Pin SOT-23 (RT) 230 -- °C/W 8-Pin microSOIC (RM) 210 45 °C/W 8-Pin SOIC (R) 158 43 °C/W 14-Pin SOIC (R) 120 36 °C/W 14-Pin TSSOP (RU) 180 35 °C/W NOTES 1 Absolute maximum ratings apply at 25°C, unless otherwise noted. 2 θ JA is specified for the worst-case conditions, i.e., θJAis specified for device soldered in circuit board for surface mount packages. ORDERING GUIDE Model Temperature Range Package Description Package Option Branding Information AD8615ARJ -40°C to +125°C 5-Pin SOT-23 RT-5 AD8616ARM -40°C to +125°C 8-Pin micro-SOIC RM-8 AD8616AR -40°C to +125°C 8-Pin SOIC R-8 AD8618AR -40°C to +125°C 16-Pin SOIC R-16 AD8618ARU -40°C to +125°C 16-Pin TSSOP RU-16 CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although this device features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality. |
유사한 부품 번호 - AD8618 |
|
유사한 설명 - AD8618 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |