전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPC6005 데이터시트(PDF) 1 Page - Toshiba Semiconductor

부품명 TPC6005
상세설명  TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPC6005 데이터시트(HTML) 1 Page - Toshiba Semiconductor

  TPC6005 Datasheet HTML 1Page - Toshiba Semiconductor TPC6005 Datasheet HTML 2Page - Toshiba Semiconductor TPC6005 Datasheet HTML 3Page - Toshiba Semiconductor TPC6005 Datasheet HTML 4Page - Toshiba Semiconductor TPC6005 Datasheet HTML 5Page - Toshiba Semiconductor TPC6005 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TPC6005
2001-12-17
1
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
TPC6005
Notebook PC Applications
Portable Equipment Applications
· Low drain-source ON resistance: RDS (ON) = 21 mΩ (typ.)
· High forward transfer admittance: |Yfs| = 10 S (typ.)
· Low leakage current: IDSS = 10 µA (max) (VDS = 30 V)
· Enhancement-model: Vth = 0.5 to 1.2 V (VDS = 10 V, ID = 200 µA)
Maximum Ratings (Ta
==== 25°C)
Characteristics
Symbol
Rating
Unit
Drain-source voltage
VDSS
30
V
Drain-gate voltage (RGS = 20 kW)
VDGR
30
V
Gate-source voltage
VGSS
±12
V
DC
(Note 1)
ID
6
Drain current
Pulse
(Note 1)
IDP
24
A
Drain power dissipation
(t
= 5 s)
(Note 2a)
PD
2.2
W
Drain power dissipation
(t
= 5 s)
(Note 2b)
PD
0.7
W
Single pulse avalanche energy (Note 3)
EAS
5.8
mJ
Avalanche current
IAR
3
A
Repetitive avalanche energy
(Note 4)
EAR
0.22
mJ
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
-55 to 150
°C
Thermal Characteristics
Characteristics
Symbol
Max
Unit
Thermal resistance, channel to ambient
(t
= 5 s)
(Note 2a)
Rth (ch-a)
56.8
°C/W
Thermal resistance, channel to ambient
(t
= 5 s)
(Note 2b)
Rth (ch-a)
178.5
°C/W
Note: (Note 1), (Note 2), (Note 3), (Note 4), (Note 5) Please see next
page.
This transistor is an electrostatically sensitive device. Please handle it
with caution.
Unit: mm
JEDEC
JEITA
TOSHIBA
2-3T1A
Weight: 0.011 g (typ.)
Circuit Configuration
6
4
1
2
3
5
Marking (Note 5)
S 2 E


유사한 부품 번호 - TPC6005

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TPC6005 TOSHIBA-TPC6005 Datasheet
260Kb / 7P
   Notebook PC Applications Portable Equipment Applications
TPC6005 TOSHIBA-TPC6005 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
logo
VBsemi Electronics Co.,...
TPC6005 VBSEMI-TPC6005 Datasheet
492Kb / 9P
   N-Channel 30 V (D-S) MOSFET
logo
Toshiba Semiconductor
TPC6005 TOSHIBA-TPC6005_07 Datasheet
260Kb / 7P
   Notebook PC Applications Portable Equipment Applications
More results

유사한 설명 - TPC6005

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TPCS8208 TOSHIBA-TPCS8208 Datasheet
205Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
TPC6003 TOSHIBA-TPC6003 Datasheet
159Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
TPCS8209 TOSHIBA-TPCS8209 Datasheet
362Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
TPCS8211 TOSHIBA-TPCS8211 Datasheet
224Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
TPC8208 TOSHIBA-TPC8208 Datasheet
226Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
TPCS8204 TOSHIBA-TPCS8204 Datasheet
304Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
TPC8207 TOSHIBA-TPC8207 Datasheet
219Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
TPC6104 TOSHIBA-TPC6104 Datasheet
205Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSIII)
TPCA8102 TOSHIBA-TPCA8102 Datasheet
182Kb / 4P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSIII)
TPCS8303 TOSHIBA-TPCS8303 Datasheet
227Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSIII)
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com