전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PI5A101 데이터시트(PDF) 6 Page - Pericom Semiconductor Corporation

부품명 PI5A101
상세설명  Precision Wide-Bandwidth Analog Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PERICOM [Pericom Semiconductor Corporation]
홈페이지  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5A101 데이터시트(HTML) 6 Page - Pericom Semiconductor Corporation

Back Button PI5A101 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5A101 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5A101 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5A101 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5A101 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5A101 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5A101 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI5A101 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI5A101 Datasheet HTML 10Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
PS7079F
09/22/04
PI5A101
Precision Wide-bandwidth
Analog Switch
Switching Times vs. VCC
Switching Times vs. Temperature
Insertion Loss vs. Frequency
Input Switching Threshold vs. Supply Voltage
Supply Current vs. Input Switching Frequency
Supply Current vs. Temperature
0
-1
-2
-3
-4
-5
-6
-7
-8
-9
-10
3
1
6 10
30
60 100
300
Frequency (MHz)
-3dB Point
VCC = +5V
RL = 50ohm
4.5
7
5
5.5
6.5
6
4
3.5
20
15
10
5
0
25
3
tON
tOFF
VCC (V)
4
3
2
1
0
5
4
3
7
5
6
VCC (V)
20
15
10
5
0
-40
0
40
80
Temperature (ºC)�
10
1
0.1
0.01
0.001
-40
0
40
80
Temperature (°C)
VCC = +5V
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0.0
2
1
3
4
5
6
7
8
9
10
Frequency (MHz)
VCC = +5V


유사한 부품 번호 - PI5A101

제조업체부품명데이터시트상세설명
logo
Pericom Semiconductor C...
PI5A100 PERICOM-PI5A100 Datasheet
512Kb / 12P
   Precision, Wide-Bandwidth Quad SPDT Analog Switch
PI5A100Q PERICOM-PI5A100Q Datasheet
512Kb / 12P
   Precision, Wide-Bandwidth Quad SPDT Analog Switch
PI5A100Q PERICOM-PI5A100Q Datasheet
518Kb / 12P
   Precision, Wide-Bandwidth Quad SPDT Analog Switch
PI5A100QE PERICOM-PI5A100QE Datasheet
512Kb / 12P
   Precision, Wide-Bandwidth Quad SPDT Analog Switch
PI5A100QE PERICOM-PI5A100QE Datasheet
518Kb / 12P
   Precision, Wide-Bandwidth Quad SPDT Analog Switch
More results

유사한 설명 - PI5A101

제조업체부품명데이터시트상세설명
logo
Pericom Semiconductor C...
PI5A100 PERICOM-PI5A100 Datasheet
512Kb / 12P
   Precision, Wide-Bandwidth Quad SPDT Analog Switch
PI5A100QEX PERICOM-PI5A100QEX Datasheet
518Kb / 12P
   Precision, Wide-Bandwidth Quad SPDT Analog Switch
PI5A381A PERICOM-PI5A381A Datasheet
162Kb / 8P
   Precision Wide Bandwidth Analog Switches
logo
Burr-Brown (TI)
MPY634 BURR-BROWN-MPY634 Datasheet
122Kb / 8P
   Wide Bandwidth PRECISION ANALOG MULTIPLIER
logo
Texas Instruments
MPY634 TI1-MPY634_16 Datasheet
889Kb / 17P
[Old version datasheet]   Wide Bandwidth PRECISION ANALOG MULTIPLIER
logo
Pericom Semiconductor C...
PI5A317A PERICOM-PI5A317A Datasheet
237Kb / 7P
   Precision Wide Bandwidth Analog Switches
PI5A125 PERICOM-PI5A125 Datasheet
207Kb / 6P
   Single Wide Bandwidth Analog Switch
logo
Panasonic Semiconductor
AN5870K PANASONIC-AN5870K Datasheet
101Kb / 14P
   Wide bandwidth analog switch IC
logo
Pericom Semiconductor C...
PI3A125B PERICOM-PI3A125B Datasheet
343Kb / 8P
   SPST Wide Bandwidth Analog Switch
PI5A392AQEX PERICOM-PI5A392AQEX Datasheet
121Kb / 9P
   Precision Wide Bandwidth Quad Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com