전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UC3825A 데이터시트(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
부품명 UC3825A
상세설명  High Speed PWM Controller
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

UC3825A 데이터시트(HTML) 3 Page - Texas Instruments

  UC3825A Datasheet HTML 1Page - Texas Instruments UC3825A Datasheet HTML 2Page - Texas Instruments UC3825A Datasheet HTML 3Page - Texas Instruments UC3825A Datasheet HTML 4Page - Texas Instruments UC3825A Datasheet HTML 5Page - Texas Instruments UC3825A Datasheet HTML 6Page - Texas Instruments UC3825A Datasheet HTML 7Page - Texas Instruments UC3825A Datasheet HTML 8Page - Texas Instruments UC3825A Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Oscillator Section
Initial Accuracy
TJ
= 25°C (Note 1)
375
400
425
kHz
Total Variation
Line, Temperature (Note 1)
350
450
kHz
Voltage Stability
12V
< VCC < 20V
1
%
Temperature Stability
TMIN
< TA < TMAX (Note 1)
5
%
Initial Accuracy
RT
= 6.6k, CT = 220pF TA = 25°C (Note 1)
0.9
1
1.1
MHz
Total Variation
RT
= 6.6k, CT = 220pF (Note 1)
0.85
1.15
MHz
Clock Out High
3.7
4
V
Clock Out Low
0
0.2
V
Ramp Peak
2.6
2.8
3
V
Ramp Valley
0.7
1
1.25
V
Ramp Valley to Peak
1.6
1.8
2
V
Oscillator Discharge Current
RT
= Open, VCT = 2V
9
10
11
mA
Error Amplifier Section
Input Offset Voltage
210
mV
Input Bias Current
0.6
3
µA
Input Offset Current
0.1
1
µA
Open Loop Gain
1V
< Vo < 4V
60
95
dB
CMRR
1.5V
< VCM < 5.5V
75
95
dB
PSRR
12V
< VCC < 20V
85
110
dB
Output Sink Current
VEAOUT
= 1V
1
2.5
mA
Output Source Current
VEAOUT
= 4V
−0.5
−1.3
mA
Output High Voltage
IEAOUT
=−0.5mA
4.5
4.7
5
V
Output Low Voltage
IEAOUT
= 1mA
0
0.5
1
V
Gain Bandwidth Product
F
= 200kHz
6
12
MHz
Slew Rate
(Note 1)
6
9
V/
µs
PWM Comparator
RAMP Bias current
VRAMP
= 0V
−1
−8
µA
Minimum Duty Cycle
0%
Maximum Duty Cycle
85
%
Leading Edge Blanking
R
= 2k, C = 470pF
300
375
450
ns
LEB Resistor
VCLK/LEB
= 3V
8.5
10
11.5
kohm
EAOUT Zero D.C. Threshold
VRAMP
= 0V
1.1
1.25
1.4
V
Delay to Output
VEAOUT
= 2.1V, VRAMP = 0 to 2V Step (Note 1)
50
80
ns
Current Limit/Start Sequence/Fault Section
Soft Start Charge Current
VSS
= 2.5V
8
14
20
µA
Full Soft Start Threshold
4.3
5
V
Restart Discharge Current
VSS
= 2.5V
100
250
350
µA
Restart Threshold
0.3
0.5
V
ILIM Bias Current
0
< VILIM < 2V
15
µA
Current Limit Threshold
0.95
1
1.05
V
UC1823A,B/1825A,B
UC2823A,B/2825A,B
UC3823A,B/3825A,B
ELECTRICAL CHARACTERISTICS (cont.) Unless otherwise stated, these specifications apply for TA =
−55°C to
+125°C for the UC1823A,B and UC1825A,B; −40°C to +85°C for the UC2823A,B and UC2825A,B; 0°C to +70°C for the
UC3823A,B and UC3825A,B; RT
= 3.65k, CT = 1nF, VCC = 12V, TA = TJ.


유사한 부품 번호 - UC3825A

제조업체부품명데이터시트상세설명
logo
Texas Instruments
UC3825A TI-UC3825A Datasheet
303Kb / 15P
[Old version datasheet]   High Speed PWM Controller
UC3825A TI-UC3825A Datasheet
316Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC3825A TI-UC3825A Datasheet
483Kb / 18P
[Old version datasheet]   HIGH-SPEED PWM CONTROLLER
UC3825A TI1-UC3825A Datasheet
353Kb / 12P
[Old version datasheet]   HIGH-SPEED PWM CONTROLLER
UC3825A TI1-UC3825A Datasheet
936Kb / 19P
[Old version datasheet]   HIGH-SPEED PWM CONTROLLER
More results

유사한 설명 - UC3825A

제조업체부품명데이터시트상세설명
logo
Texas Instruments
UC3823N TI-UC3823N Datasheet
2Mb / 13P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UC3824DW TI1-UC3824DW Datasheet
704Kb / 14P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UCC3829-1 TI1-UCC3829-1 Datasheet
196Kb / 11P
[Old version datasheet]   High Speed PWM Controller
UC1823 TI-UC1823 Datasheet
409Kb / 7P
[Old version datasheet]   High Speed PWM Controller
UC1823A TI-UC1823A Datasheet
303Kb / 15P
[Old version datasheet]   High Speed PWM Controller
UC3825B TI-UC3825B Datasheet
316Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC1825 TI-UC1825 Datasheet
914Kb / 17P
[Old version datasheet]   High Speed PWM Controller
UC1825 TI1-UC1825_13 Datasheet
968Kb / 19P
[Old version datasheet]   High Speed PWM Controller
UC2825AQDW TI-UC2825AQDW Datasheet
928Kb / 19P
[Old version datasheet]   High Speed PWM Controller
UC2825A-Q1 TI-UC2825A-Q1_15 Datasheet
932Kb / 17P
[Old version datasheet]   HIGH-SPEED PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com