전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UC3708Q 데이터시트(PDF) 2 Page - Texas Instruments

부품명 UC3708Q
상세설명  Dual Non-Inverting Power Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

UC3708Q 데이터시트(HTML) 2 Page - Texas Instruments

  UC3708Q Datasheet HTML 1Page - Texas Instruments UC3708Q Datasheet HTML 2Page - Texas Instruments UC3708Q Datasheet HTML 3Page - Texas Instruments UC3708Q Datasheet HTML 4Page - Texas Instruments UC3708Q Datasheet HTML 5Page - Texas Instruments UC3708Q Datasheet HTML 6Page - Texas Instruments UC3708Q Datasheet HTML 7Page - Texas Instruments UC3708Q Datasheet HTML 8Page - Texas Instruments UC3708Q Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
CONNECTION DIAGRAMS
Supply Voltage VIN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35V
Output Current (Each Output, Source or Sink)
Steady-State . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.5A
Peak Transient . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3A
Ouput Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
-0.3 to (VIN + 0.3)V
Enable and Shutdown Inputs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
-0.3 to 6.2V
A and B Inputs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
-0.3 to (VIN + 0.3)V
Operating Junction Temperature (Note 2) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 150
°C
Storage Temperature Range. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65
° to 150°C
Lead Temperature (Soldering, 10 Seconds) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 300
°C
ABSOLUTE MAXIMUM RATINGS (Note 1)
UC1708
UC2708
UC3708
NOTE 1: All voltages are with respect to Logic Gnd pin. All currents are positive into, negative out of, device terminals.
NOTE 2: Consult Unitrode Integrated Circuits databook for information regarding thermal specifications and limitations of packages.
DIL-8 (Top View)
J Or N Package
Note: In JE package Pin 4 is logic ground. Pins 5, 12,
and 13 are N/C.
DIL-16 (Top View)
JE or NE Package
SOIC-16 (Top View)
DW Package
8
32
1
N/C
6
7
5
4
20 19
910 11 12 13
14
16
15
17
18
N/C
SHUTDOWN
LOGIC GND
ENABLE
N/C
N/C
VIN
VIN
N/C
CLCC-20 (Top View)
L Package


유사한 부품 번호 - UC3708Q

제조업체부품명데이터시트상세설명
logo
Texas Instruments
UC3708Q TI1-UC3708Q Datasheet
1Mb / 18P
[Old version datasheet]   DUAL NON-INVERTING POWER DRIVER
More results

유사한 설명 - UC3708Q

제조업체부품명데이터시트상세설명
logo
Texas Instruments
UC1708 TI-UC1708_08 Datasheet
578Kb / 16P
[Old version datasheet]   DUAL NON-INVERTING POWER DRIVER
UC1708 TI-UC1708 Datasheet
221Kb / 5P
[Old version datasheet]   Dual Non-Inverting Power Driver
UC1708 TI1-UC1708_15 Datasheet
1Mb / 18P
[Old version datasheet]   DUAL NON-INVERTING POWER DRIVER
logo
Microsemi Corporation
APTRG8A120G MICROSEMI-APTRG8A120G Datasheet
249Kb / 4P
   Dual IGBT Isolated Driver (Non Inverting)
logo
Intersil Corporation
CA3252 INTERSIL-CA3252 Datasheet
53Kb / 6P
   Quad Gated Non-Inverting Power Driver
March 1998
logo
Fairchild Semiconductor
DM74AS1034A FAIRCHILD-DM74AS1034A Datasheet
45Kb / 4P
   Hex Non-Inverting Driver
DM74ALS1034 FAIRCHILD-DM74ALS1034 Datasheet
46Kb / 4P
   Hex Non-Inverting Driver
logo
ON Semiconductor
NLU2G16 ONSEMI-NLU2G16_16 Datasheet
70Kb / 7P
   Dual Non-Inverting Buffer
July, 2016 ??Rev. 6
NLU2G16 ONSEMI-NLU2G16 Datasheet
98Kb / 8P
   Dual Non-Inverting Buffer
March, 2008 - Rev. 2
NLU2G16 ONSEMI-NLU2G16_12 Datasheet
135Kb / 10P
   Dual Non-Inverting Buffer
July, 2012 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com