전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MRF89XA 데이터시트(PDF) 22 Page - Microchip Technology

부품명 MRF89XA
상세설명  Ultra Low-Power, Integrated ISM BandSub-GHz Transceiver
Download  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF89XA 데이터시트(HTML) 22 Page - Microchip Technology

Back Button MRF89XA Datasheet HTML 18Page - Microchip Technology MRF89XA Datasheet HTML 19Page - Microchip Technology MRF89XA Datasheet HTML 20Page - Microchip Technology MRF89XA Datasheet HTML 21Page - Microchip Technology MRF89XA Datasheet HTML 22Page - Microchip Technology MRF89XA Datasheet HTML 23Page - Microchip Technology MRF89XA Datasheet HTML 24Page - Microchip Technology MRF89XA Datasheet HTML 25Page - Microchip Technology MRF89XA Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 140 page
background image
MRF89XA
DS70000622D-page 22
Preliminary
 2010-2017 Microchip Technology Inc.
FIGURE 2-9:
FSK RECEIVER SETTING
FIGURE 2-10:
OOK RECEIVER SETTING
Channel
LO1 RX
Image
Frequency
IF1
Approx. 100 MHz
First
down-conversion
Second
down-conversion
0
IF2 = 0
in FSK mode
Frequency
LO2
RX
Channel
LO1 RX
First
down-conversion
Second
down-conversion
0
IF2 < 0
in FSK mode
Image
Frequency
LO2 RX
Frequency
IF1
Approx.
equal to fo
100 MHz


유사한 부품 번호 - MRF89XA

제조업체부품명데이터시트상세설명
logo
Microchip Technology
MRF89XAM8A MICROCHIP-MRF89XAM8A Datasheet
682Kb / 34P
   868 MHz Ultra-Low Power
08/04/10
MRF89XAM8A-I MICROCHIP-MRF89XAM8A-I Datasheet
2Mb / 140P
   Ultra Low-Power, Integrated ISM Band Sub-GHz Transceiver
08/02/11
MRF89XAM8A-I/RM MICROCHIP-MRF89XAM8A-I/RM Datasheet
682Kb / 34P
   868 MHz Ultra-Low Power
08/04/10
MRF89XAM8AT-I/RM MICROCHIP-MRF89XAM8AT-I/RM Datasheet
682Kb / 34P
   868 MHz Ultra-Low Power
08/04/10
MRF89XAM9A MICROCHIP-MRF89XAM9A Datasheet
623Kb / 36P
   915 MHz Ultra Low-Power Sub-GHz Transceiver Module
11/29/12
More results

유사한 설명 - MRF89XA

제조업체부품명데이터시트상세설명
logo
Microchip Technology
MRF89XAM8A-I MICROCHIP-MRF89XAM8A-I Datasheet
2Mb / 140P
   Ultra Low-Power, Integrated ISM Band Sub-GHz Transceiver
08/02/11
logo
Freescale Semiconductor...
MC13191 FREESCALE-MC13191_07 Datasheet
340Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
MC13191 FREESCALE-MC13191 Datasheet
289Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
MC13191 FREESCALE-MC13191_08 Datasheet
373Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
logo
ATMEL Corporation
ATR2406 ATMEL-ATR2406_14 Datasheet
1Mb / 26P
   Low-IF 2.4-GHz ISM Transceiver
ATR2406 ATMEL-ATR2406_08 Datasheet
813Kb / 25P
   Low-IF 2.4-GHz ISM Transceiver
ATR2406 ATMEL-ATR2406 Datasheet
682Kb / 20P
   LOW IF .4 GHZ ISM TRANSCEIVER
ATR2406 ATMEL-ATR2406_06 Datasheet
850Kb / 25P
   Low-IF 2.4-GHz ISM Transceiver
logo
Semtech Corporation
SX1211 SEMTECH-SX1211_08 Datasheet
1Mb / 92P
   Ultra-Low Power Integrated UHF Transceiver
logo
List of Unclassifed Man...
RF63 ETC2-RF63 Datasheet
3Mb / 91P
   Ultra-Low Power Integrated UHF Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com