전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MRF89XA 데이터시트(PDF) 94 Page - Microchip Technology

부품명 MRF89XA
상세설명  Ultra Low-Power, Integrated ISM BandSub-GHz Transceiver
Download  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF89XA 데이터시트(HTML) 94 Page - Microchip Technology

Back Button MRF89XA Datasheet HTML 90Page - Microchip Technology MRF89XA Datasheet HTML 91Page - Microchip Technology MRF89XA Datasheet HTML 92Page - Microchip Technology MRF89XA Datasheet HTML 93Page - Microchip Technology MRF89XA Datasheet HTML 94Page - Microchip Technology MRF89XA Datasheet HTML 95Page - Microchip Technology MRF89XA Datasheet HTML 96Page - Microchip Technology MRF89XA Datasheet HTML 97Page - Microchip Technology MRF89XA Datasheet HTML 98Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 140 page
background image
MRF89XA
DS70000622D-page 94
Preliminary
 2010-2017 Microchip Technology Inc.
4.2
RF Transmitter Matching
The optimum load for the RF port at a given frequency
band is listed in Table 4-1. These load values in the
table are expected by the RF port pins to have as an
antenna load for maximum power transfer. For all
antenna applications, an RF choke inductor (L2) must
be included during transmission because the RF out-
puts are of open-collector type.
4.3
Antenna Components
The MRF89XA is single-ended and has an unbalanced
input and output impedance close to 30-j25. Therefore,
it only requires a matching circuit to the SAW filter and
antenna. The C11, C12, and L6 are part of the match-
ing network these components make for the antenna
circuit. L1, C4, and C5 are tuned to provide that
impedance (30+j25) to the RFIO pin. In this case, the
transceiver can transfer all power toward the antenna.
This impedance is called Optimum Load Impedance.
L2 is an RF choke inductor. L3 and L4 are VCO induc-
tors. The details are shown in Figure 4-1.
TABLE 4-1:
ANTENNA LOAD VALUES
FOR 868 MHz AND 915 MHz
FREQUENCY BANDS
4.4
SAW FILTER
FL1 is a SAW filter. While in Transmitting mode, the
SAW filter is used to suppress the harmonics. While in
Receiving mode, the SAW filter is used to reject the
image frequencies and out-of-band interfering signals.
4.4.1
SAW FILTER PLOT
Figure 4-2 and Figure 4-3 illustrate the plots of the
SAW filter used in the application circuit. The plots
shown are representative. For exact specifications,
refer to the SAW Filter manufacturer data sheet.
Band
FL1
C5
C4
L1
868 MHz TA0801A
1.8 pF
22 pF
8.2 nH
915 MHz TA0281A
1.8 pF
30 pF
10 nH
Note 1:
The SAW filter can be of EPCOS (B3717
and B3588) or Taisaw (TA0801A and
TA0281A) for 868 MHz and 915 MHz
respectively with matching components
remaining the same as shown in Figure 4-1
and Table 4-1.


유사한 부품 번호 - MRF89XA

제조업체부품명데이터시트상세설명
logo
Microchip Technology
MRF89XAM8A MICROCHIP-MRF89XAM8A Datasheet
682Kb / 34P
   868 MHz Ultra-Low Power
08/04/10
MRF89XAM8A-I MICROCHIP-MRF89XAM8A-I Datasheet
2Mb / 140P
   Ultra Low-Power, Integrated ISM Band Sub-GHz Transceiver
08/02/11
MRF89XAM8A-I/RM MICROCHIP-MRF89XAM8A-I/RM Datasheet
682Kb / 34P
   868 MHz Ultra-Low Power
08/04/10
MRF89XAM8AT-I/RM MICROCHIP-MRF89XAM8AT-I/RM Datasheet
682Kb / 34P
   868 MHz Ultra-Low Power
08/04/10
MRF89XAM9A MICROCHIP-MRF89XAM9A Datasheet
623Kb / 36P
   915 MHz Ultra Low-Power Sub-GHz Transceiver Module
11/29/12
More results

유사한 설명 - MRF89XA

제조업체부품명데이터시트상세설명
logo
Microchip Technology
MRF89XAM8A-I MICROCHIP-MRF89XAM8A-I Datasheet
2Mb / 140P
   Ultra Low-Power, Integrated ISM Band Sub-GHz Transceiver
08/02/11
logo
Freescale Semiconductor...
MC13191 FREESCALE-MC13191_07 Datasheet
340Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
MC13191 FREESCALE-MC13191 Datasheet
289Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
MC13191 FREESCALE-MC13191_08 Datasheet
373Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
logo
ATMEL Corporation
ATR2406 ATMEL-ATR2406_14 Datasheet
1Mb / 26P
   Low-IF 2.4-GHz ISM Transceiver
ATR2406 ATMEL-ATR2406_08 Datasheet
813Kb / 25P
   Low-IF 2.4-GHz ISM Transceiver
ATR2406 ATMEL-ATR2406 Datasheet
682Kb / 20P
   LOW IF .4 GHZ ISM TRANSCEIVER
ATR2406 ATMEL-ATR2406_06 Datasheet
850Kb / 25P
   Low-IF 2.4-GHz ISM Transceiver
logo
Semtech Corporation
SX1211 SEMTECH-SX1211_08 Datasheet
1Mb / 92P
   Ultra-Low Power Integrated UHF Transceiver
logo
List of Unclassifed Man...
RF63 ETC2-RF63 Datasheet
3Mb / 91P
   Ultra-Low Power Integrated UHF Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com