전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS19721A 데이터시트(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

부품명 TS19721A
상세설명  Integrated 700V Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TSC [Taiwan Semiconductor Company, Ltd]
홈페이지  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19721A 데이터시트(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  TS19721A Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19721A Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19721A Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19721A Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19721A Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19721A Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS19721A Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TS19721A
Taiwan Semiconductor
Document Number: DS_P0000195
5
Version: A15
APPLICATION INFORMATION
Start-up Current
The typical start-up current is around 45μA. The very low start-up current allows the PWM controller to operate with
a high value start-up resistor and reduce overall power dissipation.
UVLO(Under Voltage Lockout)
A hysteretic UVLO comparator is implemented in TS19721A. The turn-on and turn-off thresholds level are fixed at
17.5V and 8V respectively. This hysteresis shown in Fig.1 ensures that the start-up capacitor will be adequate to
supply the chip during start-up. For quick start-up of the LED driver, the start-up resistor & capacitor needs to
optimize for application.
LEB(Leading-Edge Blanking)
Each time the power MOSFET is switched on, a turn-on spike will inevitably occur at the sense resistor. A 400ns
leading-edge blanking time is built in to avoid a false trigger.. Conventional RC filtering can therefore be omitted.
During this blanking period, the current-limit comparator is disabled and cannot switch off the gate driver.
OCP(Over Current Protection)
The TS19721A has built-in cycle-by-cycle over-current protection functions available at the CS pin. When the CS
pin voltage is larger than VOCP (1.4V), the gate output will be turned off immediately to avoid over temperature
damage.
OVP (Over Voltage Protection) on VCC
To prevent the LED driver from being damaged, the TS19721A has an integrated OVP on VCC. When the VCC
voltage is higher than the VOVP (31V), the output MOSFET will be shut down immediately. The OVP on the VCC pin
will automatically recover.. If the OVP triggers, the output PWM pulses will be stopped until the VCC pin voltage
returns to the UVLO off level when the TS19721A will automatically recover as shown in Fig. 2.
Fig. 1
Fig. 2


유사한 부품 번호 - TS19721A

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
TS19721D TSC-TS19721D Datasheet
226Kb / 7P
   Integrated 600V Power MOSFET
More results

유사한 설명 - TS19721A

제조업체부품명데이터시트상세설명
logo
DIYI Electronic Technol...
7N70 DYELEC-7N70 Datasheet
2Mb / 7P
   700V N-Channel Power MOSFET
logo
Taiwan Semiconductor Co...
TSM2N70 TSC-TSM2N70_11 Datasheet
442Kb / 10P
   700V N-Channel Power MOSFET
logo
Wuxi Unigroup Microelec...
TPA70R450C WUMC-TPA70R450C Datasheet
1Mb / 12P
   700V Super-Junction Power MOSFET
TPU70R450C WUMC-TPU70R450C Datasheet
1Mb / 12P
   700V Super-Junction Power MOSFET
logo
Shenzhen Winsemi Microe...
WFF12N70S WINSEMI-WFF12N70S Datasheet
388Kb / 6P
   700V Super-Junction Power MOSFET
logo
Wuxi Unigroup Microelec...
TPA70R190C WUMC-TPA70R190C Datasheet
908Kb / 10P
   700V Super-Junction Power MOSFET
logo
Chip Integration Techno...
MJU05N70 CITC-MJU05N70 Datasheet
4Mb / 7P
   700V Super Junction Power MOSFET
MJU02N70CT CITC-MJU02N70CT Datasheet
274Kb / 7P
   700V Super Junction Power MOSFET
logo
Wuxi Unigroup Microelec...
TPU70R700C WUMC-TPU70R700C Datasheet
1Mb / 12P
   700V Super-Junction Power MOSFET
logo
Taiwan Semiconductor Co...
TSM8N70 TSC-TSM8N70 Datasheet
476Kb / 8P
   700V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com