전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TSM5NC50CF 데이터시트(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

부품명 TSM5NC50CF
상세설명  Advanced planar process
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TSC [Taiwan Semiconductor Company, Ltd]
홈페이지  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM5NC50CF 데이터시트(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TSM5NC50CF Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM5NC50CF Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM5NC50CF Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM5NC50CF Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM5NC50CF Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM5NC50CF Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TSM5NC50CF
Taiwan Semiconductor
4
Version: A1607
CHARACTERISTICS CURVES
(TA = 25°C unless otherwise noted)
Capacitance vs. Drain-Source Voltage
BVDSS vs. Junction Temperature
Maximum Safe Operating Area, Junction-to-Case
Source-Drain Diode Forward Current vs. Voltage
Normalized Thermal Transient Impedance, Junction-to-Case
t, Square Wave Pulse Duration (sec)
VDS, Drain to Source Voltage (V)
TJ, Junction Temperature (°C)
VSD, Body Diode Forward Voltage (V)
VDS, Drain to Source Voltage (V)
0.1
1
10
0.2
0.4
0.6
0.8
1
1.2
25℃
150℃
-55℃
0
200
400
600
800
1000
1200
0.1
1
10
100
1000
CISS
COSS
CRSS
0.8
0.9
1
1.1
1.2
-75
-50
-25
0
25
50
75
100
125
150
I
D=1mA
0.01
0.1
1
10
100
1
10
100
1000
R
DS(ON)
SINGLE PULSE
RӨJC=3.1°C/W
T
C=25°C
0.01
0.1
1
10
0.0001
0.001
0.01
0.1
1
10
SINGLE PULSE
RӨJC=3.1°C/W
Duty=0.5
Duty=0.2
Duty=0.1
Duty=0.05
Duty=0.02
Duty=0.01
Single
Notes:
Duty = t
1 / t2
T
J = TC + PDM x Z
ӨJC x RӨJC


유사한 부품 번호 - TSM5NC50CF

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
TSM5NC50CP TSC-TSM5NC50CP Datasheet
312Kb / 6P
   Halogen-free according to IEC 61249-2-21
TSM5NC50CZ TSC-TSM5NC50CZ Datasheet
334Kb / 6P
   Advanced planar process
More results

유사한 설명 - TSM5NC50CF

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
TSM7NC60CF TSC-TSM7NC60CF Datasheet
413Kb / 6P
   Advanced planar process
TSM2N100CP TSC-TSM2N100CP Datasheet
815Kb / 6P
   Advanced planar process
TSM4NC60CI TSC-TSM4NC60CI Datasheet
416Kb / 6P
   Advanced planar process
TSM10NC60CF TSC-TSM10NC60CF Datasheet
353Kb / 6P
   Advanced planar process
TSM3N100CP TSC-TSM3N100CP Datasheet
823Kb / 6P
   Advanced planar process
TSM5NC50CZ TSC-TSM5NC50CZ Datasheet
334Kb / 6P
   Advanced planar process
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com