전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TSM5NC50CP 데이터시트(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

부품명 TSM5NC50CP
상세설명  Halogen-free according to IEC 61249-2-21
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TSC [Taiwan Semiconductor Company, Ltd]
홈페이지  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM5NC50CP 데이터시트(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSM5NC50CP Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM5NC50CP Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM5NC50CP Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM5NC50CP Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM5NC50CP Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM5NC50CP Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TSM5NC50CP
Taiwan Semiconductor
1
Version: A1609
N-Channel Power MOSFET
500V, 5A, 1.38
Ω
FEATURES
● 100% UIS and R
g tested
● Advanced planar process
● Compliant to RoHS Directive 2011/65/EU and in
accordance to WEEE 2002/96/EC
● Halogen-free according to IEC 61249-2-21
APPLICATIONS
● AC/DC LED Lighting
● Power Supply
● Charger
KEY PERFORMANCE PARAMETERS
PARAMETER
VALUE
UNIT
VDS
500
V
RDS(on) (max)
1.38
Ω
Qg
15
nC
TO-252 (DPAK)
Notes: MSL 3 (Moisture Sensitivity Level) per J-STD-020
ABSOLUTE MAXIMUM RATINGS (T
A = 25°C unless otherwise noted)
PARAMETER
SYMBOL
Limit
UNIT
Drain-Source Voltage
VDS
500
V
Gate-Source Voltage
VGS
±30
V
Continuous Drain Current
(Note 1)
TC = 25°C
ID
5
A
TC = 100°C
2.2
Pulsed Drain Current
(Note 2)
IDM
20
A
Total Power Dissipation @ TC = 25°C
PDTOT
83
W
Single Pulse Avalanche Energy
(Note 3)
EAS
122.5
mJ
Single Pulse Avalanche Current
(Note 3)
IAS
3.5
A
Operating Junction and Storage Temperature Range
TJ, TSTG
- 55 to +150
°C
THERMAL PERFORMANCE
PARAMETER
SYMBOL
Limit
UNIT
Junction to Case Thermal Resistance
RӨJC
1.5
°C/W
Junction to Ambient Thermal Resistance
RӨJA
62
°C/W
Thermal Performance Note: RӨJA is the sum of the junction-to-case and case-to-ambient thermal resistances. The case-
thermal reference is defined at the solder mounting surface of the drain pins. RӨJA is guaranteed by design while RӨCA is
determined by the user’s board design. RӨJA shown below for single device operation on FR-4 PCB in still air.


유사한 부품 번호 - TSM5NC50CP

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
TSM5NC50CF TSC-TSM5NC50CF Datasheet
413Kb / 6P
   Advanced planar process
TSM5NC50CZ TSC-TSM5NC50CZ Datasheet
334Kb / 6P
   Advanced planar process
More results

유사한 설명 - TSM5NC50CP

제조업체부품명데이터시트상세설명
logo
DinTek Semiconductor Co...
DTU2N60 DINTEK-DTU2N60 Datasheet
1Mb / 11P
   Halogen-free According to IEC 61249-2-21
DTL2N60 DINTEK-DTL2N60 Datasheet
1Mb / 11P
   Halogen-free According to IEC 61249-2-21
logo
Kersemi Electronic Co.,...
IRF530S KERSEMI-IRF530S Datasheet
916Kb / 8P
   Halogen-free According to IEC 61249-2-21
logo
DinTek Semiconductor Co...
DTS6503 DINTEK-DTS6503 Datasheet
329Kb / 9P
   Halogen-free According to IEC 61249-2-21
DTU15P10 DINTEK-DTU15P10 Datasheet
294Kb / 9P
   Halogen-free According to IEC 61249-2-21
DTS2312 DINTEK-DTS2312 Datasheet
307Kb / 9P
   Halogen-free According to IEC 61249-2-21
DTS3402 DINTEK-DTS3402 Datasheet
325Kb / 9P
   Halogen-free According to IEC 61249-2-21
DTS4500 DINTEK-DTS4500 Datasheet
473Kb / 9P
   Halogen-free According to IEC 61249-2-21
DTC3058 DINTEK-DTC3058 Datasheet
300Kb / 8P
   Halogen-free According to IEC 61249-2-21
DTS2305 DINTEK-DTS2305 Datasheet
449Kb / 9P
   Halogen-free According to IEC 61249-2-21
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com