전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TSM120NA03CR 데이터시트(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

부품명 TSM120NA03CR
상세설명  Low gate charge for fast power switching
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TSC [Taiwan Semiconductor Company, Ltd]
홈페이지  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM120NA03CR 데이터시트(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TSM120NA03CR Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM120NA03CR Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM120NA03CR Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM120NA03CR Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM120NA03CR Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM120NA03CR Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TSM120NA03CR
Taiwan Semiconductor
3
Version: B1610
0
6
12
18
24
30
0
1
2
3
4
25℃
-55℃
150℃
CHARACTERISTICS CURVES
(TA = 25°C unless otherwise noted)
Output Characteristics
Transfer Characteristics
On-Resistance vs. Drain Current
Gate-Source Voltage vs. Gate Charge
On-Resistance vs. Junction Temperature
On-Resistance vs. Gate-Source Voltage
VGS, Gate to Source Voltage (V)
VDS, Drain to Source Voltage (V)
ID, Drain Current (A)
Qg, Gate Charge (nC)
TJ, Junction Temperature (°C)
VGS, Gate to Source Voltage (V)
0
6
12
18
24
30
0
1
2
3
4
V
GS=10V
V
GS=7V
V
GS=5V
V
GS=4.5V
V
GS=4V
V
GS=3.5V
V
GS=3V
0.002
0.004
0.006
0.008
0.01
0.012
0.014
0.016
0
6
12
18
24
30
V
GS=10V
V
GS=4.5V
0
2
4
6
8
10
0
2
4
6
8
10
V
DS=15V
I
D=11A
0.6
0.8
1
1.2
1.4
1.6
1.8
2
-75
-50
-25
0
25
50
75
100
125
150
V
GS=10V
I
D=11A
0
0.005
0.01
0.015
0.02
0.025
0.03
3
4
5
6
7
8
9
10
I
D=11A


유사한 부품 번호 - TSM120NA03CR

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
TSM120N06LCP TSC-TSM120N06LCP Datasheet
320Kb / 6P
   Low gate charge for fast power switching
TSM120N06LCR TSC-TSM120N06LCR Datasheet
423Kb / 6P
   Low gate charge for fast power switching
TSM120N06LCS TSC-TSM120N06LCS Datasheet
327Kb / 6P
   Low gate charge for fast power switching
TSM120N10PQ56 TSC-TSM120N10PQ56 Datasheet
655Kb / 6P
   100V N-Channel MOSFET
TSM120N10PQ56RLG TSC-TSM120N10PQ56RLG Datasheet
655Kb / 6P
   100V N-Channel MOSFET
More results

유사한 설명 - TSM120NA03CR

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
TSM120N06LCP TSC-TSM120N06LCP Datasheet
320Kb / 6P
   Low gate charge for fast power switching
TSM160N10LCR TSC-TSM160N10LCR Datasheet
308Kb / 6P
   Low gate charge for fast power switching
TSM085P03CV TSC-TSM085P03CV Datasheet
410Kb / 6P
   Low gate charge for fast power switching
TSM120N06LCR TSC-TSM120N06LCR Datasheet
423Kb / 6P
   Low gate charge for fast power switching
TSM150P04LCS TSC-TSM150P04LCS Datasheet
339Kb / 6P
   Low gate charge for fast power switching
TSM120N06LCS TSC-TSM120N06LCS Datasheet
327Kb / 6P
   Low gate charge for fast power switching
TSM088NA03CR TSC-TSM088NA03CR Datasheet
342Kb / 6P
   Low gate charge for fast power switching
TSM089N08LCR TSC-TSM089N08LCR Datasheet
341Kb / 6P
   Low gate charge for fast power switching
logo
GOOD-ARK Electronics
GDSSF22A5E GOOD-ARK-GDSSF22A5E Datasheet
750Kb / 5P
   Low Gate Charge for Fast Switching
logo
Advanced Power Electron...
AP2532GY A-POWER-AP2532GY Datasheet
122Kb / 8P
   Low Gate Charge, Fast Switching Performance
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com