전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DAC2932 데이터시트(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
부품명 DAC2932
상세설명  DUAL 12-BIT 40MSPS DIGITAL TO ANALOG CONVERTER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BURR-BROWN [Burr-Brown (TI)]
홈페이지  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC2932 데이터시트(HTML) 5 Page - Burr-Brown (TI)

  DAC2932 Datasheet HTML 1Page - Burr-Brown (TI) DAC2932 Datasheet HTML 2Page - Burr-Brown (TI) DAC2932 Datasheet HTML 3Page - Burr-Brown (TI) DAC2932 Datasheet HTML 4Page - Burr-Brown (TI) DAC2932 Datasheet HTML 5Page - Burr-Brown (TI) DAC2932 Datasheet HTML 6Page - Burr-Brown (TI) DAC2932 Datasheet HTML 7Page - Burr-Brown (TI) DAC2932 Datasheet HTML 8Page - Burr-Brown (TI) DAC2932 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
DAC2932
SBAS279C − AUGUST 2003 − REVISED OCTOBER 2004
www.ti.com
5
ELECTRICAL CHARACTERISTICS: V-DAC
At TA = TMIN to TMAX (typical values are at TA = 25°C), +VAV = +3V, +VDV = +3V, RL = 2kΩ to GND, and CL = 40pF, unless otherwise noted.
DAC2932
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Static Performance(1)
Resolution
12
Bits
Relative accuracy
At 25
°C
−16
±8
+16
LSB
Differential nonlinearity, DNL
Tested; monotonic by design
−1
±0.2
+1
LSB
Zero code error(2)
All 0s loaded to DAC register
0.2
+0.8
%FSR
Full-scale error(2)
All 1s loaded to DAC register
−10
−3
+2
%FSR
Zero code error drift
5
µV/°C
Full-scale error drift
−15
ppmFSR/
°C
Output Characteristics(3)
Reference voltage setting, REFV
0
+VAV
V
Output voltage settling time
1/4 scale to 3/4 scale change (400h to C00h)
3
µs
CL = 470pF
5
µs
Slew rate
1
V/
µs
Capacitive load stability
RL = 2kΩ
470
pF
Code change glitch impulse
1LSB change around major carry
11
nV-s
Digital feedthrough
0.5
nV-s
DC output impedance
4
Short-circuit current
20
mA
Power-up time
Coming out of power-down mode
8
µs
Logic Inputs(3)
Input current
±1
µA
Input low voltage, VIL
0
0.8
V
Input high voltage, VIH
2
3
V
Input capacitance
5
pF
(1) Linearity calculated using a reduced code range of 48 to 3976.
(2) Full-scale range (FSR) based on reference REFV = +VAV = +3.0V.
(3) Ensured by design and characterization; not production tested.


유사한 부품 번호 - DAC2932

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DAC2932 TI1-DAC2932 Datasheet
829Kb / 29P
[Old version datasheet]   Dual, 12-Bit, 40MSPS Digital-to-analog Converter
DAC2932 TI-DAC2932 Datasheet
1Mb / 30P
[Old version datasheet]   Dual, 12-Bit, 40MSPS Current Output DAC, Four 12-bit Voltage Output DAC-for Tranamit Control
DAC2932PFBR TI1-DAC2932PFBR Datasheet
829Kb / 29P
[Old version datasheet]   Dual, 12-Bit, 40MSPS Digital-to-analog Converter
DAC2932PFBRG4 TI1-DAC2932PFBRG4 Datasheet
829Kb / 29P
[Old version datasheet]   Dual, 12-Bit, 40MSPS Digital-to-analog Converter
DAC2932PFBT TI1-DAC2932PFBT Datasheet
829Kb / 29P
[Old version datasheet]   Dual, 12-Bit, 40MSPS Digital-to-analog Converter
More results

유사한 설명 - DAC2932

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DAC2932 TI1-DAC2932 Datasheet
829Kb / 29P
[Old version datasheet]   Dual, 12-Bit, 40MSPS Digital-to-analog Converter
logo
Burr-Brown (TI)
ADS5231 BURR-BROWN-ADS5231 Datasheet
571Kb / 26P
   Dual, 12-Bit, 40MSPS, 3.3V Analog-to-Digital Converter
logo
Texas Instruments
ADS5270 TI1-ADS5270_13 Datasheet
1Mb / 31P
[Old version datasheet]   8-Channel, 12-Bit, 40MSPS Analog-to-Digital Converter
logo
Burr-Brown (TI)
ADS5220 BURR-BROWN-ADS5220 Datasheet
433Kb / 20P
   12-Bit, 40MSPS Sampling, 3.3V ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS5203 TI-ADS5203 Datasheet
476Kb / 15P
[Old version datasheet]   DUAL 10-BIT 40MSPS LOW-POWER ANALOG-TO-DIGITAL CONVERTER
DAC2902 TI-DAC2902_15 Datasheet
979Kb / 23P
[Old version datasheet]   Dual, 12-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
DAC2902 TI1-DAC2902 Datasheet
766Kb / 22P
[Old version datasheet]   Dual, 12-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
ADS5402 TI-ADS5402 Datasheet
575Kb / 40P
[Old version datasheet]   Dual 12-Bit 800Msps Analog-to-Digital Converter
logo
Burr-Brown (TI)
DAC2902 BURR-BROWN-DAC2902 Datasheet
389Kb / 17P
   Dual, 12-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
logo
DATEL, Inc.
5962-8850801XA DATEL-5962-8850801XA Datasheet
157Kb / 1P
   12-Bit Analog to Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com