전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CAT24WC257JI3TE13 데이터시트(PDF) 1 Page - Catalyst Semiconductor

부품명 CAT24WC257JI3TE13
상세설명  256K-Bit I2C Serial CMOS EEPROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CATALYST [Catalyst Semiconductor]
홈페이지  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24WC257JI3TE13 데이터시트(HTML) 1 Page - Catalyst Semiconductor

  CAT24WC257JI3TE13 Datasheet HTML 1Page - Catalyst Semiconductor CAT24WC257JI3TE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT24WC257JI3TE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT24WC257JI3TE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT24WC257JI3TE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT24WC257JI3TE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT24WC257JI3TE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT24WC257JI3TE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT24WC257JI3TE13 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
© 2004 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
Doc. No. 1030, Rev. E
ALO
GEN FR
TM
LEAD FREE
A1
NC
VSS
A1
NC
VCC
WP
SCL
SDA
1
2
3
4
8
7
6
5
A0
VCC
WP
SCL
SDA
1
2
3
4
8
7
6
5
VSS
A0
PIN FUNCTIONS
Pin Name
Function
A0, A1
Address Inputs
SDA
Serial Data/Address
SCL
Serial Clock
WP
Write Protect
VCC
+1.8V to +6.0V Power Supply
VSS
Ground
NC
No Connect
DESCRIPTION
The CAT24WC257 is a 256K-bit Serial CMOS EEPROM
internally organized as 32,768 words of 8 bits each.
Catalyst’s advanced CMOS technology substantially
reduces device power requirements. The CAT24WC257
* Catalyst Semiconductor is licensed by Philips Corporation to carry the I2C Bus Protocol.
I Write protect feature
– Top 1/4 array protected when WP at V
IH
I 100,000 program/erase cycles
I 100 year data retention
I 8-pin DIP or 8-pin SOIC
I "Green" package options available
features a 64-byte page write buffer. The device operates
via the I2C bus serial interface and is available in 8-pin
DIP or 8-pin SOIC packages.
PIN CONFIGURATION
BLOCK DIAGRAM
CAT24WC257
256K-Bit I2C Serial CMOS EEPROM
I 1MHz I2C bus compatible*
I 1.8 to 6 volt operation
I Low power CMOS technology
I 64-Byte page write buffer
I Self-timed write cycle with auto-clear
I Commercial, industrial and automotive
temperature ranges
FEATURES
DIP Package (P, L)
SOIC Package (J, W, K, X)
DOUT
ACK
SENSE AMPS
SHIFT REGISTERS
CONTROL
LOGIC
WORD ADDRESS
BUFFERS
START/STOP
LOGIC
STATE COUNTERS
SLAVE
ADDRESS
COMPARATORS
EEPROM
512X512
VCC
EXTERNAL LOAD
COLUMN
DECODERS
XDEC
DATA IN STORAGE
HIGH VOLTAGE/
TIMING CONTROL
VSS
WP
SCL
SDA
512
512
A0
A1
(CAT24WC257 not recommended for new designs. See CAT24FC257 data sheet.)


유사한 부품 번호 - CAT24WC257JI3TE13

제조업체부품명데이터시트상세설명
logo
Catalyst Semiconductor
CAT24WC256 CATALYST-CAT24WC256 Datasheet
406Kb / 10P
   256K-Bit I2C Serial CMOS EEPROM
CAT24WC256J1TE13 CATALYST-CAT24WC256J1TE13 Datasheet
406Kb / 10P
   256K-Bit I2C Serial CMOS EEPROM
CAT24WC256J3TE13 CATALYST-CAT24WC256J3TE13 Datasheet
406Kb / 10P
   256K-Bit I2C Serial CMOS EEPROM
CAT24WC256J8TE13 CATALYST-CAT24WC256J8TE13 Datasheet
406Kb / 10P
   256K-Bit I2C Serial CMOS EEPROM
CAT24WC256JA1TE13 CATALYST-CAT24WC256JA1TE13 Datasheet
406Kb / 10P
   256K-Bit I2C Serial CMOS EEPROM
More results

유사한 설명 - CAT24WC257JI3TE13

제조업체부품명데이터시트상세설명
logo
Catalyst Semiconductor
CAT24FC256 CATALYST-CAT24FC256_05 Datasheet
641Kb / 12P
   256K-Bit I2C Serial CMOS EEPROM
CAT24FC256 CATALYST-CAT24FC256 Datasheet
421Kb / 12P
   256K-Bit I2C Serial CMOS EEPROM
CAT24WC256 CATALYST-CAT24WC256 Datasheet
406Kb / 10P
   256K-Bit I2C Serial CMOS EEPROM
logo
Microchip Technology
24AA256-I MICROCHIP-24AA256-I Datasheet
700Kb / 34P
   256K I2C CMOS Serial EEPROM
01/05/10
24LC256 MICROCHIP-24LC256 Datasheet
700Kb / 34P
   256K I2C??CMOS Serial EEPROM
2010
24FC256ISN MICROCHIP-24FC256ISN Datasheet
1Mb / 42P
   256K I2C??CMOS Serial EEPROM
1998-2013
24LC256TISM MICROCHIP-24LC256TISM Datasheet
1Mb / 42P
   256K I2C??CMOS Serial EEPROM
1998-2013
24LC256ISN MICROCHIP-24LC256ISN Datasheet
1Mb / 42P
   256K I2C??CMOS Serial EEPROM
1998-2013
24AA256 MICROCHIP-24AA256_13 Datasheet
1Mb / 42P
   256K I2C??CMOS Serial EEPROM
1998-2013
24LC256ISNG MICROCHIP-24LC256ISNG Datasheet
1Mb / 42P
   256K I2C??CMOS Serial EEPROM
1998-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com