전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS882Z36B-11 데이터시트(PDF) 1 Page - List of Unclassifed Manufacturers

부품명 GS882Z36B-11
상세설명  8Mb Pipelined and Flow Through Synchronous NBT SRAMs
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC - List of Unclassifed Manufacturers

GS882Z36B-11 데이터시트(HTML) 1 Page - List of Unclassifed Manufacturers

  GS882Z36B-11 Datasheet HTML 1Page - List of Unclassifed Manufacturers GS882Z36B-11 Datasheet HTML 2Page - List of Unclassifed Manufacturers GS882Z36B-11 Datasheet HTML 3Page - List of Unclassifed Manufacturers GS882Z36B-11 Datasheet HTML 4Page - List of Unclassifed Manufacturers GS882Z36B-11 Datasheet HTML 5Page - List of Unclassifed Manufacturers GS882Z36B-11 Datasheet HTML 6Page - List of Unclassifed Manufacturers GS882Z36B-11 Datasheet HTML 7Page - List of Unclassifed Manufacturers GS882Z36B-11 Datasheet HTML 8Page - List of Unclassifed Manufacturers GS882Z36B-11 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
Rev: 1.15 6/2001
1/34
© 1998, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
NoBL is a trademark of Cypress Semiconductor Corp.. NtRAM is a trademark of Samsung Electronics Co.. ZBT is a trademark of Integrated Device Technology, Inc.
Preliminary
GS882Z18/36B-11/100/80/66
8Mb Pipelined and Flow Through
Synchronous NBT SRAMs
100 MHz–66 MHz
3.3 V VDD
2.5 V and 3.3 V VDDQ
119-Bump BGA
Commercial Temp
Industrial Temp
Features
• 512K x 18 and 256K x 36 configurations
• User-configurable Pipelined and Flow Through mode
• NBT (No Bus Turn Around) functionality allows zero wait
• Read-Write-Read bus utilization
• Fully pin-compatible with both pipelined and flow through
NtRAM™, NoBL™ and ZBT™ SRAMs
• IEEE 1149.1 JTAG-compatible Boundary Scan
• On-chip write parity checking; even or odd selectable
• ZQ mode pin for user selectable high/low output drive
strength.
• x16/x32 mode with on-chip parity encoding and error
detection
• Pin-compatible with 2M, 4M and 16M devices
• 3.3 V +10%/–5% core power supply
• 2.5 V or 3.3 V I/O supply
• LBO pin for Linear or Interleave Burst mode
• Byte write operation (9-bit Bytes)
• 3 chip enable signals for easy depth expansion
• Clock Control, registered, address, data, and control
• ZZ Pin for automatic power-down
• JEDEC-standard 119-Bump BGA package
Functional Description
The GS882Z818/36B is an 8Mbit Synchronous Static SRAM.
GSI's NBT SRAMs, like ZBT, NtRAM, NoBL or other
pipelined read/double late write or flow through read/single
late write SRAMs, allow utilization of all available bus
bandwidth by eliminating the need to insert deselect cycles
when the device is switched from read to write cycles.
Because it is a synchronous device, address, data inputs, and
read/ write control inputs are captured on the rising edge of the
input clock. Burst order control (LBO) must be tied to a power
rail for proper operation. Asynchronous inputs include the
Sleep mode enable (ZZ) and Output Enable. Output Enable can
be used to override the synchronous control of the output
drivers and turn the RAM's output drivers off at any time.
Write cycles are internally self-timed and initiated by the rising
edge of the clock input. This feature eliminates complex off-
chip write pulse generation required by asynchronous SRAMs
and simplifies input signal timing.
The GS882Z818/36B may be configured by the user to
operate in Pipeline or Flow Through mode. Operating as a
pipelined synchronous device, in addition to the rising-edge-
triggered registers that capture input signals, the device
incorporates a rising-edge-triggered output register. For read
cycles, pipelined SRAM output data is temporarily stored by
the edge-triggered output register during the access cycle and
then released to the output drivers at the next rising edge of
clock.
The GS882Z818/36B is implemented with GSI's high
performance CMOS technology and is available in a JEDEC-
Standard 119-bump BGA package.
-11
-100
-80
-66
Pipeline
3-1-1-1
tCycle
tKQ
IDD
10 ns
4.5 ns
210 mA
10 ns
4.5 ns
210 mA
12.5 ns
4.8 ns
190 mA
15 ns
5 ns
170 mA
Flow Through
2-1-1-1
tKQ
tCycle
IDD
11 ns
15 ns
150 mA
12 ns
15 ns
150 mA
14 ns
15 ns
130 mA
18 ns
20 ns
130 mA
A
B
C
D
E
F
R
W
R
W
R
W
QA
DB
QC
DD
QE
QA
DB
QC
DD
QE
Clock
Address
Read/Write
Flow Through
Data I/O
Pipelined
Data I/O
Flow Through and Pipelined NBT SRAM Back-to-Back Read/Write Cycles


유사한 부품 번호 - GS882Z36B-11

제조업체부품명데이터시트상세설명
logo
GSI Technology
GS882Z36BB-150 GSI-GS882Z36BB-150 Datasheet
621Kb / 34P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS882Z36BB-150I GSI-GS882Z36BB-150I Datasheet
621Kb / 34P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS882Z36BB-150IT GSI-GS882Z36BB-150IT Datasheet
621Kb / 34P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS882Z36BB-150IV GSI-GS882Z36BB-150IV Datasheet
1Mb / 33P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS882Z36BB-150T GSI-GS882Z36BB-150T Datasheet
621Kb / 34P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
More results

유사한 설명 - GS882Z36B-11

제조업체부품명데이터시트상세설명
logo
GSI Technology
GS880Z18T-100 GSI-GS880Z18T-100 Datasheet
404Kb / 25P
   8Mb Pipelined and Flow Through Synchronous NBT SRAMs
GS881Z18T GSI-GS881Z18T Datasheet
523Kb / 34P
   8Mb Pipelined and Flow Through Synchronous NBT SRAMs
GS8320Z18T-V GSI-GS8320Z18T-V Datasheet
1,013Kb / 23P
   36Mb Pipelined and Flow Through Synchronous NBT SRAMs
GS8321Z18E GSI-GS8321Z18E Datasheet
1Mb / 34P
   36Mb Pipelined and Flow Through Synchronous NBT SRAMs
GS8160Z36DGT-200I GSI-GS8160Z36DGT-200I Datasheet
246Kb / 24P
   18Mb Pipelined and Flow Through Synchronous NBT SRAMs
GS8160Z36DGT-250IV GSI-GS8160Z36DGT-250IV Datasheet
240Kb / 23P
   18Mb Pipelined and Flow Through Synchronous NBT SRAMs
GS8320Z18T GSI-GS8320Z18T Datasheet
463Kb / 24P
   36Mb Pipelined and Flow Through Synchronous NBT SRAMs
GS841Z18AT GSI-GS841Z18AT Datasheet
655Kb / 30P
   4Mb Pipelined and Flow Through Synchronous NBT SRAMs
GS8320ZV18T GSI-GS8320ZV18T Datasheet
606Kb / 23P
   36Mb Pipelined and Flow Through Synchronous NBT SRAMs
GS8321Z18E-V GSI-GS8321Z18E-V Datasheet
1Mb / 32P
   36Mb Pipelined and Flow Through Synchronous NBT SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com