전자부품 데이터시트 검색엔진 |
|
GS882Z18B-66I 데이터시트(PDF) 4 Page - List of Unclassifed Manufacturers |
|
GS882Z18B-66I 데이터시트(HTML) 4 Page - List of Unclassifed Manufacturers |
4 / 34 page Rev: 1.15 6/2001 4/34 © 1998, Giga Semiconductor, Inc. Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com Preliminary. GS882Z18/36B-11/100/80/66 GS882Z18/36 BGA Pin Description Pin Location Symbol Type Description P4, N4 A0, A1 I Address field LSBs and Address Counter Preset Inputs A2, A3, A5, A6, B3, B5, C2, C3, C5, C6, G4, R2, R6, T3, T5 An I Address Inputs T4 An I Address Inputs (x36 Version) T2, T6 NC — No Connect (x36 Version) T2, T6 An I Address Inputs (x18 Version) K7, L7, N7, P7, K6, L6, M6, N6, P6 H7, G7, E7, D7, H6, G6, F6, E6, D6 H1, G1, E1, D1, H2, G2, F2, E2, D2 K1, L1, N1, P1, K2, L2, M2, N2, P2 DQA1–DQPA9 DQB1–DQPB9 DQC1–DQPC9 DQD1–DQPD9 I/O Data Input and Output pins (x36 Version) L5, G5, G3, L3 BA, BB, BC, BD I Byte Write Enable for DQA, DQB, DQC, DQD I/Os; active low ( x36 Version) P7, N6, L6, K7, H6, G7, F6, E7, D6 D1, E2, G2, H1, K2, L1, M2, N1, P2 DQA1–DQA9 DQB1–DQB9 I/O Data Input and Output pins (x18 Version) L5, G3 BA, BB I Byte Write Enable for DQA, DQB Data I/Os; active low ( x18 Version) P6, N7, M6, L7, K6, H7, G6, E6, D7, D2, E1, F2, G1, H2, K1, L2, N2, P1, G5, L3, T4 NC — No Connect (x18 Version) K4 CK I Clock Input Signal; active high M4 CKE I Clock Input Buffer Enable; active low H4 W I Write Enable—Writes all enabled bytes; active low E4 E1 I Chip Enable; active low B2 E2 I Chip Enable; active high B6 E3 I Chip Enable; active low F4 G I Output Enable; active low B4 ADV I Burst address counter advance enable; active high T7 ZZ I Sleep Mode control; active high R5 FT I Flow Through or Pipeline mode; active low R3 LBO I Linear Burst Order mode; active low R7 PE I Parity Bit Enable; active low (High = x16/32 Mode, Low = x18/36 Mode) J3 DP I Data Parity Mode Input; 1 = Even, 0 = Odd J5 QE O Parity Error Out; Open Drain Output D4 ZQ I FLXDrive Output Impedance Control (Low = Low Impedance [High Drive], High = High Impedance [Low Drive]) B1, C1, R1, T1, L4, B7, C7, U6 NC — No Connect |
유사한 부품 번호 - GS882Z18B-66I |
|
유사한 설명 - GS882Z18B-66I |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |